Part Number Hot Search : 
SMA78A 12CNE8N NE555 183J12 FFCR8EH2 FMMT494 2SD27021 330MD
Product Description
Full Text Search
 

To Download DUY10C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
DUY10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
Features
0.4 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UY (GaAsP/ GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Part Number Emitting Color Emitting Material Luminous Intensity (IF=10mA) ucd min. DUY10C2 Yellow GaAsP/GaP 1200 typ. 4690 590 Common Cathode Wavelength nm P VF VF IR UY (GaAsP/ GaP) 1.95 2.5 10 Unit
V V uA
P
590
nm
D
588
nm
260C For 3~5 Seconds
35
nm
C
20
pF
Description
Published Date : MAR 13,2008
Drawing No : SDSA2217
V3
Checked : Shin Chi
P.1/4
www.SunLED.com
Part Number:
DUY10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
UY
Published Date : MAR 13,2008
Drawing No : SDSA2217
V3
Checked : Shin Chi
P.2/4
www.SunLED.com
Part Number:
DUY10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA2217
V3
Checked : Shin Chi
P.3/4
www.SunLED.com
Part Number:
DUY10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUY10C2
Published Date : MAR 13,2008
Drawing No : SDSA2217
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUY10C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X