Part Number Hot Search : 
BDW51B MCP6481 HCT2G TK07H90A ICX424AL KS0759 SI2305 2SC22
Product Description
Full Text Search
 

To Download DURG46A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number :
DURG46A
www.SunLED.com
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
Features
1.8 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment Or (Dp) Forward Current Per Segment Or (Dp) Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Per Segment Or (Dp) Power Dissipation Per Segment Or (Dp) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF UR (GaAsP/ GaP) 15 (5) 30 (30) UG (GaP) 15 (5) 25 (25) Forward Voltage (Typ.) (IF=10mA) Per Segment Or (Dp ) Forward Voltage (Max.) (IF=10mA) Per Segment Or (Dp ) Reverse Current (Max.) (VR=15V(5V)) Per Segment Or (Dp ) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. DURG46A Red Green GaAsP/GaP GaP 4700 3000 typ. 23990 11990 V3 627 565 Common Anode, Rt. Hand Decimal VF Operating Characteristics (TA=25C) UR (GaAsP/ GaP) 5.7 (1.9) 7.5 (2.5) UG (GaP) 6.0 (2.0) 7.5 (2.5) Unit
V
Unit
V mA
VF
V
IR
10
10
uA
iFS
160
140
mA
P
627
565
nm
PT TA Tstg
225 (75)
187.5 (62.5)
mW C
D
625
568
nm
-40 ~ +85 -40 ~ +85
45
30
nm
260C For 3~5 Seconds
C
15
15
pF
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
Published Date : MAR 03, 2008
Drawing No : SDSA2159
Checked : Shin Chi
P.1/6
Part Number :
DURG46A
www.SunLED.com
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
UR
Published Date : MAR 03, 2008
Drawing No : SDSA2159
V3
Checked : Shin Chi
P.2/6
Part Number :
DURG46A
www.SunLED.com
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 03, 2008
Drawing No : SDSA2159
V3
Checked : Shin Chi
P.3/6
Part Number :
DURG46A
www.SunLED.com
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 03, 2008
Drawing No : SDSA2159
V3
Checked : Shin Chi
P.4/6
Part Number :
DURG46A
www.SunLED.com
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 03, 2008
Drawing No : SDSA2159
V3
Checked : Shin Chi
P.5/6
Part Number :
DURG46A
www.SunLED.com
44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DURG46A
Published Date : MAR 03, 2008
Drawing No : SDSA2159
V3
Checked : Shin Chi
P.6/6


▲Up To Search▲   

 
Price & Availability of DURG46A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X