Part Number Hot Search : 
C106A GG144 2SD46 E003750 IZ0505SA SI5424DC TK11819M Q6025R6
Product Description
Full Text Search
 

To Download DURG38A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DURG38A
www.SunLED.com
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
Features
1.5 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment or (Dp) Forward Current Per Segment or (Dp) Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Per Segment or (Dp) Power Dissipation Per Segment or (Dp) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF UR (GaAsP/ GaP) 10(5) 30(30) UG (GaP) 10(5) 25(25) Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Per Segment or (Dp ) Forward Voltage (Max.) (IF=10mA) Per Segment or (Dp) Reverse Current (Max.) (VR=10V(5V)) Per Segment or (Dp) Wavelength of Peak Emission (Typ.) IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) UR (GaAsP/ GaP) VF 3.8 (1.9) 5.0 (2.5) 10 (10) UG Unit (GaP) 4.0 (2.0) 5.0 (2.5) 10 (10)
V
Unit
V mA
VF
V
IR
uA
iFS
160(160)
140 (140) 125 (62.5)
mA
P
627
565
nm
PT TA Tstg
150 (75)
mW C
D
625
568
nm
-40 ~ +85 -40 ~ +85 260C For 3-5 Seconds
45
30
nm
C
15
15
pF
Published Date : MAR 03,2008
Drawing No : SDSA1275
V4
Checked : Shin Chi
P.1/7
Part Number:
DURG38A
www.SunLED.com
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
Luminous Intensity (IF=10mA) ucd min. typ. 15990 23990 627 565 Common Anode, Rt. Hand Decimal
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
DURG38A
Red Green
GaAsP/GaP GaP
3000 4700
UR
Published Date : MAR 03,2008
Drawing No : SDSA1275
V4
Checked : Shin Chi
P.2/7
Part Number:
DURG38A
www.SunLED.com
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 03,2008
Drawing No : SDSA1275
V4
Checked : Shin Chi
P.3/7
Part Number:
DURG38A
www.SunLED.com
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 03,2008
Drawing No : SDSA1275
V4
Checked : Shin Chi
P.4/7
Part Number:
DURG38A
www.SunLED.com
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 03,2008
Drawing No : SDSA1275
V4
Checked : Shin Chi
P.5/7
Part Number:
DURG38A
www.SunLED.com
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 03,2008
Drawing No : SDSA1275
V4
Checked : Shin Chi
P.6/7
Part Number:
DURG38A
www.SunLED.com
38.1mm (1.5") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DURG38A
Published Date : MAR 03,2008
Drawing No : SDSA1275
V4
Checked : Shin Chi
P.7/7


▲Up To Search▲   

 
Price & Availability of DURG38A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X