Part Number Hot Search : 
256X9 10150 TT2135 2SK31 BTEM17P 4805E JANTX1 CDD11210
Product Description
Full Text Search
 

To Download DUR07A2-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DUR07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
Features
0.3 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UR (GaAsP/ GaP) 5 30 160 75 -40 ~ +85 -40 ~ +85
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Unit V mA mA mW C Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
UR (GaAsP/GaP) 1.9 2.5 10
Unit V V uA
P
627
nm
D
625
nm
45
nm
C
15
pF
260C For 3~5 Seconds
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) mcd min. typ. 3090 V2
Wavelength nm P
Description
DUR07A2-A
Red
GaAsP/GaP
800
627
Common Anode, Rt. Hand Decimal P.1/4
Published Date : FEB 28, 2008
Drawing No : SDSA4532
Checked : Shin Chi
Part Number:
DUR07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
UR
Published Date : FEB 28, 2008
Drawing No : SDSA4532
V2
Checked : Shin Chi
P.2/4
Part Number:
DUR07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : FEB 28, 2008
Drawing No : SDSA4532
V2
Checked : Shin Chi
P.3/4
Part Number:
DUR07A2-A
www.SunLED.com
7.62mm (0.3") DUAL DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUR07A2-A
Published Date : FEB 28, 2008
Drawing No : SDSA4532
V2
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUR07A2-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X