Part Number Hot Search : 
1N6267L ML60115R 00221 FQP5N40 10000 MC78L12A SSM9915K 18TRU
Product Description
Full Text Search
 

To Download DUG10C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.SunLED.com
Part Number:
DUG10C
10.16mm (0.4") SINGLE DIGIT NUMERIC DISPLAY
Features
0.4 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Part Number Emitting Color Emitting Material Luminous Intensity (IF=10mA) ucd min. DUG10C Green GaP 3000 typ. 11990 565 Common Cathode. Rt. Hand Decimal Wavelength nm P VF VF IR UG (GaP) 2.0 2.5 10 Unit V V uA
P
565
nm
D
568
nm
260C For 3~5 Seconds
30
nm
C
15
pF
Description
Published Date : MAR 01,2008
Drawing No : SDSA2047
V4
Checked : Shin Chi
P.1/4
www.SunLED.com
Part Number:
DUG10C
10.16mm (0.4") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 01,2008
Drawing No : SDSA2047
V4
Checked : Shin Chi
P.2/4
www.SunLED.com
Part Number:
DUG10C
10.16mm (0.4") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 01,2008
Drawing No : SDSA2047
V4
Checked : Shin Chi
P.3/4
www.SunLED.com
Part Number:
DUG10C
10.16mm (0.4") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUG10C
Published Date : MAR 01,2008
Drawing No : SDSA2047
V4
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUG10C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X