Part Number Hot Search : 
2409D R0581B01 BU9718KV SKR709 DF10S 24005 HE901U0 CTQ150
Product Description
Full Text Search
 

To Download DUG10C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DUG10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
Features
0.4 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg UG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Unit V mA mA mW C Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR UG (GaP) 2.0 2.5 10 Unit V V uA
P
565
nm
D
568
nm
30
nm
260C For 3~5 Seconds
C
15
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 8490
Wavelength nm P
Description
DUG10C3
Green
GaP
1900
565
Common Cathode
Published Date : MAR 12,2008
Drawing No : SDSA2250
V4
Checked : Shin Chi
P.1/4
Part Number:
DUG10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 12,2008
Drawing No : SDSA2250
V4
Checked : Shin Chi
P.2/4
Part Number:
DUG10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 12,2008
Drawing No : SDSA2250
V4
Checked : Shin Chi
P.3/4
Part Number:
DUG10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUG10C3
Published Date : MAR 12,2008
Drawing No : SDSA2250
V4
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUG10C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X