Part Number Hot Search : 
BA17808T K09H90A MPC5567 16SV3R3M K1V22 ARS50J V470M 2SC2668
Product Description
Full Text Search
 

To Download DUG10C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
DUG10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
Features
0.4 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage (Per Chip) Forward Current (Per Chip) Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width (Per Chip) Power Dissipation (Per Chip) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF UG (GaP) 5 25 Unit V mA Operating Characteristics (TA=25C) Forward Voltage (Typ.) (Per Chip) (IF=10mA) Forward Voltage (Max.) (Per Chip) (IF=10mA) Reverse Current (Max.) (Per Chip) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=10mA) Wavelength of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. DUG10C2 Green GaP 1900 typ. 7990 V3 565 Common Cathode P.1/4 Wavelength nm P VF UG (GaP) 2.0 Unit
V
VF
2.5
V
iFS
140
mA
IR
10
uA
PT TA Tstg
62.5 -40 ~ +85 -40 ~ +85
mW C
P
565
nm
D
568
nm
260C For 3~5 Seconds
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Description
Published Date : MAR 13,2008
Drawing No : SDSA2215
Checked : Shin Chi
Part Number:
www.SunLED.com
DUG10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 13,2008
Drawing No : SDSA2215
V3
Checked : Shin Chi
P.2/4
Part Number:
www.SunLED.com
DUG10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA2215
V3
Checked : Shin Chi
P.3/4
Part Number:
www.SunLED.com
DUG10C2
10mm (0.4") DUAL DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUG10C2
Published Date : MAR 13,2008
Drawing No : SDSA2215
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUG10C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X