Part Number Hot Search : 
PE9509 C1321 MMBT4 HA0102E SD110 D45VH7 74HC40 ATR0809
Product Description
Full Text Search
 

To Download DUG100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DUG100A
www.SunLED.com
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
Features
LARGE SIZE. 4.0 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute maximum ratings (TA=25C) Reverse Voltage Per Segment Or (Dp) Forward Current Per Segment Or (Dp) Forward Current (Peak) Per Segment Or (Dp) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Per Segment Or (Dp) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF UG (GaP) 20 (10) 50 (25) 280 (140) 500 (125) -40 ~ +85 -40 ~ +85 Unit V mA Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment Or (Dp) (IF=10mA) Forward Voltage (Max.) Per Segment Or (Dp) (IF=10mA) Reverse Current Per Segment Or (Dp) (Max.) (VR=20(10)V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. DUG100A Green GaP 12000 typ. 59990 V3 565 Common Anode, Rt. Hand Decimal Checked : Shin Chi P.1/5 Wavelength nm P VF UG (GaP) 8 (4) 10.0 (5.0) 20 (10) 565 Unit
V
VF
V
IR
uA
iFS
mA
P
nm
PT TA Tstg
mW C
D
568
nm
30
nm
260C For 3~5 Seconds
C
15
pF
Part Number
Emitting Color
Emitting Material
Description
Published Date : MAR 12,2008
Drawing No : SDSA2194
Part Number:
DUG100A
www.SunLED.com
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
UG
Published Date : MAR 12,2008
Drawing No : SDSA2194
V3
Checked : Shin Chi
P.2/5
Part Number:
DUG100A
www.SunLED.com
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 12,2008
Drawing No : SDSA2194
V3
Checked : Shin Chi
P.3/5
Part Number:
DUG100A
www.SunLED.com
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
DUG100A
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 12,2008
Drawing No : SDSA2194
V3
Checked : Shin Chi
P.4/5
Part Number:
DUG100A
www.SunLED.com
100mm (4.0") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUG100A
Published Date : MAR 12,2008
Drawing No : SDSA2194
V3
Checked : Shin Chi
P.5/5


▲Up To Search▲   

 
Price & Availability of DUG100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X