Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download DMT1D33K-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type DMT, Polyester Film Capacitors
Film/Foil Radial Leads General Purpose, High Peak Currents, High Insulation Resistance
Type DMT radial-leaded, polyester film/foil noninductively wound film capacitors feature compact size and moisture-resistive epoxy coating. High insulation resistance and low dissipation factor, Type DMT is an ideal choice for most applications, especially with high peak currents.
Specifications
Voltage Range: 100-600 Vdc (65-250 Vac, 60 Hz) Capacitance Range: .001-.68 F Capacitance Tolerance: 10% (K) standard
*Full-rated voltage at 85 C-Derate linearly to 50%-rated voltage at 125 C
5% (J) optional Operating Temperature Range: -55 C to 125 C*
L MAX.
T MAX. H MAX. .984 MIN. (25) .0937 MAX.
Dielectric Strength: 250% (1 minute) Dissipation Factor: 1% Max. (25 C, 1 kHz) Insulation Resistance: 30,000 M x F 100,000 M Min. Life Test: 500 Hours at 85 C at 125% Rated
Voltage
S .050
d TINNED COPPER-CLAD STEEL LEADS
NOTE: Other capacitance values, sizes and performance specifications are available. Contact us.
Ratings
Cap. (F) Catalog Part Number Inches T (mm) H Inches (mm) Inches L (mm) Inches S (mm) 100 Vdc (65 Vac) 0.0010 DMT1D1K-F 0.0015 DMT1D15K-F 0.0022 DMT1D22K-F 0.0033 DMT1D33K-F 0.0047 DMT1D47K-F 0.0068 DMT1D68K-F 0.0100 DMT1S1K-F 0.0150 DMT1S15K-F 0.0220 DMT1S22K-F 0.0330 DMT1S33K-F 0.0470 DMT1S47K-F 0.0680 DMT1S68K-F 0.1000 DMT1P1K-F 0.1500 DMT1P15K-F 0.2200 DMT1P22K-F 0.3300 DMT1P33K-F 0.4700 DMT1P47K-F 0.197 0.200 0.210 0.210 0.210 0.210 0.220 0.220 0.256 0.250 0.260 0.275 0.290 0.350 0.360 0.390 0.420 (5.0) (5.1) (5.3) (5.3) (5.3) (5.3) (5.6) (5.6) (6.5) (6.3) (6.6) (7.0) (7.4) (8.9) (9.1) (9.9) (10.7) 0.354 0.354 0.354 0.354 0.354 0.354 0.354 0.370 0.390 0.350 0.433 0.460 0.445 0.490 0.520 0.560 0.600 (9.0) (9.0) (9.0) (9.0) (9.0) (9.0) (9.0) (9.4) (9.9) (8.9) (11.0) (11.7) (11.3) (12.4) (13.2) (14.2) (15.2) 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.560 0.560 0.560 0.682 0.682 0.820 0.942 1.080 (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (14.2) (14.2) (14.2) (17.3) (17.3) (20.8) (23.9) (27.4) 0.394 0.394 0.394 0.394 0.394 0.394 0.394 0.394 0.394 0.400 0.420 0.420 0.545 0.545 0.670 0.795 0.920 (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (10.2) (10.7) (10.7) (13.8) (13.8) (17.0) (20.2) (23.4)
RoHS Compliant
d Inches (mm) dV/dt V/s
0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032
(0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8)
4550 4550 4550 4550 4550 4550 4550 4550 4550 3300 3300 3300 2100 2100 1600 1600 1050
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com
Type DMT, Polyester Film Capacitors
Capacitors
RoHS Compliant
Cap. (F) 0.5000 0.6800 1.0000 Catalog Part Number Inches DMT1P5K-F DMT1P68K-F DMT1W1K-F 0.530 0.480 0.520 T (mm) (13.5) (12.2) (13.2) H Inches 0.690 0.690 0.730 (mm) (17.5) (17.5) (18.5) Inches 1.102 1.140 1.330 L (mm) (28.0) (28.9) (33.8) Inches 0.920 0.985 1.170 S (mm) (23.4) (25.0) (29.7) Inches 0.032 0.032 0.032 d (mm) (0.8) (0.8) (0.8) dV/dt V/s 1050 1050 800
200/250 Vdc (125 Vac) 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.0100 0.0150 0.0220 0.0330 0.0470 0.0680 0.1000 0.1500 0.2200 0.3300 0.4700 0.6800 DMT2D1K-F DMT2D15K-F DMT2D22K-F DMT2D33K-F DMT2D47K-F DMT2D68K-F DMT2S1K-F DMT2S15K-F DMT2S22K-F DMT2S33K-F DMT2S47K-F DMT2S68K-F DMT2P1K-F DMT2P15K-F DMT2P22K-F DMT2P33K-F DMT2P47K-F DMT2P68K-F 0.217 0.217 0.217 0.217 0.236 0.236 0.236 0.236 0.275 0.295 0.295 0.335 0.354 0.394 0.413 0.492 0.531 0.630 (5.5) (5.5) (5.5) (5.5) (6.0) (6.0) (6.0) (6.0) (7.0) (7.5) (7.5) (8.5) (9.0) (10.0) (10.5) (12.5) (13.5) (16.0) 0.374 0.374 0.374 0.374 0.394 0.394 0.394 0.395 0.433 0.453 0.472 0.512 0.512 0.571 0.630 0.689 0.728 0.827 (9.5) (9.5) (9.5) (9.5) (10.0) (10.0) (10.0) (10.0) (11.0) (11.0) (12.0) (13.0) (13.0) (14.5) (16.0) (17.5) (18.5) (21.0) 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.512 0.694 0.694 0.694 0.820 0.820 0.945 0.945 1.110 1.132 (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (13.0) (17.6) (17.6) (17.6) (20.8) (20.8) (24.0) (24.0) (28.2) (28.7) 0.394 0.394 0.394 0.394 0.394 0.394 0.394 0.394 0.394 0.545 0.545 0.545 0.670 0.670 0.795 0.795 0.920 0.984 (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (10.0) (13.8) (13.8) (13.8) (17.0) (17.0) (20.2) (20.2) (23.4) (25.0) 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.024 0.032 0.032 0.032 0.032 0.032 0.032 0.032 (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.6) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) 6000 6000 6000 6000 6000 6000 6000 6000 6000 3000 3000 3000 2100 2100 2100 2100 1360 1360
400 Vdc (200 Vac) 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.0100 0.0150 0.0220 0.0330 0.0470 0.0680 0.1000 0.1500 0.2200 0.3300 0.4700 DMT4D1K-F DMT4D15K-F DMT4D22K-F DMT4D33K-F DMT4D47K-F DMT4D68K-F DMT4S1K-F DMT4S15K-F DMT4S22K-F DMT4S33K-F DMT4S47K-F DMT4S68K-F DMT4P1K-F DMT4P15K-F DMT4P22K-F DMT4P33K-F DMT4P47K-F 0.197 0.221 0.221 0.221 0.241 0.286 0.331 0.368 0.328 0.388 0.338 0.397 0.472 0.408 0.418 0.415 0.541 (5.0) (5.6) (5.6) (5.6) (6.1) (7.3) (8.4) (9.3) (8.3) (9.9) (8.6) (10.1) (12.0) (10.4) (10.6) (10.5) (13.7) 0.354 0.356 0.356 0.374 0.394 0.411 0.456 0.534 0.479 0.539 0.534 0.593 0.668 0.810 0.811 0.844 0.934 (9.0) (9.0) (9.0) (9.5) (10.0) (10.4) (11.6) (13.6) (12.2) (13.7) (13.6) (15.1) (17.0) (20.6) (20.6) (21.4) (23.7) 0.569 0.569 0.569 0.569 0.569 0.569 0.569 0.569 0.694 0.694 0.882 0.882 0.882 1.069 1.319 1.569 1.569 (14.4) (14.4) (14.4) (14.4) (14.4) (14.4) (14.4) (14.4) (17.6) (17.6) (22.4) (22.4) (22.4) (27.1) (33.5) (39.8) (39.8) 0.400 0.400 0.400 0.400 0.400 0.400 0.400 0.400 0.545 0.545 0.733 0.733 0.733 0.920 1.170 1.420 1.420 (10.2) (10.2) (10.2) (10.2) (10.2) (10.2) (10.2) (10.2) (13.8) (13.8) (18.6) (18.6) (18.6) (23.4) (29.7) (36.1) (36.1) 0.024 0.024 0.024 0.024 0.024 0.024 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 (0.6) (0.6) (0.6) (0.6) (.6) (0.6) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) 14400 14400 14400 14400 14400 14400 14400 14400 7200 7200 4100 4100 4100 2900 2100 2100 2100
600/630 Vdc (250 Vac) 0.0010 0.0015 0.0022 0.0033 0.0047 DMT6D1K-F DMT6D15K-F DMT6D22K-F DMT6D33K-F DMT6D47K-F 0.218 0.221 0.251 0.251 0.284 (5.5) (5.6) (6.4) (6.4) (7.2) 0.326 0.329 0.359 0.376 0.409 (8.3) (8.4) (9.1) (9.5) (10.4) 0.694 0.694 0.694 0.694 0.694 (17.6) (17.6) (17.6) (17.6) (17.6) 0.545 0.545 0.545 0.545 0.545 (13.8) (13.8) (13.8) (13.8) (13.8) 0.024 0.024 0.024 0.032 0.032 (0.6) (0.6) (0.6) (0.8) (0.8) 15000 15000 15000 15000 15000
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com
Type DMT, Polyester Film Capacitors
RoHS Compliant
Cap. (F) Catalog T H Inches L (mm) S Inches (mm) d Inches (mm) dV/dt V/s
Part Number Inches (mm) Inches (mm)
600/630 Vdc (250 Vac) 0.0068 0.0100 0.0150 0.0220 0.0330 0.0470 0.0680 0.1000 0.1500 0.2200 0.3300 0.4700 DMT6D68K-F DMT6S1K-F DMT6S15K-F DMT6S22K-F DMT6S33K-F DMT6S47K-F DMT6S68K-F DMT6P1K-F DMT6P15K-F DMT6P22K-F DMT6P33K-F DMT6P47K-F 0.313 0.364 0.342 0.402 0.443 0.519 0.453 0.541 0.656 0.630 0.650 0.739 (7.9) (9.2) (8.7) (10.2) (11.2) (13.2) (11.5) (13.7) (16.7) (16.0) (16.5) (18.8) 0.464 0.515 0.508 0.568 0.609 0.685 0.649 0.737 0.926 1.024 1.010 1.132 (11.8) (13.1) (12.9) (14.4) (15.5) (17.4) (16.5) (18.7) (23.5) (26.0) (25.6) (28.7) 0.694 0.694 0.820 0.820 0.882 0.882 1.194 1.194 1.194 1.444 1.819 1.819 (17.6) (17.6) (20.8) (20.8) (22.4) (22.4) (30.3) (30.3) (30.3) (36.7) (46.2) (46.2) 0.545 0.545 0.670 0.670 0.733 0.733 1.045 1.045 1.045 1.295 1.670 1.670 (13.8) (13.8) (17.0) (17.0) (18.6) (18.6) (26.5) (26.5) (26.5) (32.9) (42.4) (42.4) 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 0.032 (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) (0.8) 15000 15000 7400 7400 7400 7400 4000 4000 4000 3000 3000 3000
CDE Cornell Dubilier*1605 E. Rodney French Blvd.*New Bedford, MA 02740*Phone: (508)996-8561*Fax: (508)996-3830 www.cde.com


▲Up To Search▲   

 
Price & Availability of DMT1D33K-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X