|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: www.SunLED.com DMR46C 44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY Features 1.75 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT. Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment Or (Dp) Forward Current Per Segment Or (Dp) Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Per Segment Or (Dp) Power Dissipation Per Segment Or (Dp) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Per Segment Or (Dp ) Forward Voltage (Max.) (IF=10mA) Per Segment Or (Dp ) Reverse Current (Max.) (VR=15V(5V)) Per Segment Or (Dp ) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. DMR46C Red GaAlAs 18000 typ. 74990 V3 660 Common Cathode, Rt. Hand Decimal Checked : Shin Chi P.1/5 VF MR (GaAlAs) 5.4(1.8) Unit V MR (GaAlAs) 15(5) 30 Unit V mA VF 7.5(2.5) V IR 10 uA iFS 155 mA P 660 nm PT TA Tstg 225(75) -40 ~ +85 -40 ~ +85 mW C D 640 nm 20 nm 260C For 3 -5 Seconds C 45 pF Part Number Emitting Color Emitting Material Wavelength nm P Description Published Date : MAR 03, 2008 Drawing No : SDSA2155 Part Number: www.SunLED.com DMR46C 44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY MR Published Date : MAR 03, 2008 Drawing No : SDSA2155 V3 Checked : Shin Chi P.2/5 Part Number: www.SunLED.com DMR46C 44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY Published Date : MAR 03, 2008 Drawing No : SDSA2155 V3 Checked : Shin Chi P.3/5 Part Number: www.SunLED.com DMR46C 44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : MAR 03, 2008 Drawing No : SDSA2155 V3 Checked : Shin Chi P.4/5 Part Number: www.SunLED.com DMR46C 44.5mm (1.8") SINGLE DIGIT NUMERIC DISPLAY PACKING & LABEL SPECIFICATIONS DMR46C Published Date : MAR 03, 2008 Drawing No : SDSA2155 V3 Checked : Shin Chi P.5/5 |
Price & Availability of DMR46C |