Part Number Hot Search : 
TA114E MSR33RT 440SH MSR33RT HT604 T460003 OM7500SC 15KW18A
Product Description
Full Text Search
 

To Download DI150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
DI150~DI1510
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE 50 to 1000 Volts CURRENT Recongnized File #E111753
FEATURES
* Plastic material used carries Underwriters Laboratory recognition 94V-O * Low leakage * Surge overload rating-- 50 amperes peak
.315(8.00) .285(7.24) .255(6.5) .245(6.2)
1.5 Amperes
DIP
Unit : inch (mm)
.335(8.51) .316(8.05)
* Ideal for printed circuit board * Exceeds environmental standards of MIL-S-19500/228 * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
MECHANICALDATA
Case: Reliable low cost construction utilizing molded plastic technique results in inexpensive product
.089(2.5) .086(2.2)
.045(1.14) .035(0.89) .022(0.56) .018(0.46)
Polarity: Polarity symbols molded or marking on body Mounting Position: Any Weight: 0.02 ounce, 0.4 gram
.185(4.69) .150(3.81)
Terminals: Lead solderable per MIL-STD-202, Method 208
.205(5.2) .195(5.0)
.075(1.90) .055(1.39)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a x i m u m R M S B r i d g e In p u t V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt T A = 4 0 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) I2 t R a t i n g f o r f u s i n g ( t < 8 . 3 5 m s ) M a xi m um F o r w a r d V o l t a g e D r o p p e r B r i d g e E l e m e nt a t 1 .0 A M a xi m um D C R e ve r s e C ur r e nt TJ = 2 5 C a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 2 5 OC Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) Ty p i c a l t h e r m a l r e s i s t a n c e p e r l e g ( ( N o t e 2 ) O p e r a t i n g a n d S t o r a g e Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
O
S YM B O L V RRM V RMS V DC IAV IFSM I2 t VF IR CJ R J A R J L TJ TA
D I1 5 0 50 35 50
D I1 5 1 100 70 100
D I1 5 2 200 140 200
D I1 5 4 400 280 400 1 .5 50 10 1 .1 5 .0 500 25 40 15 -5 5 to + 1 2 5 -5 5 to + 1 5 0
D I1 5 6 600 420 600
D I1 5 8 800 560 800
D I1 5 1 0 1000 700 1000
.350(8.9) .300(7.6)
U N IT S V V V A A A 2t V uA pF
O
C/W
O
C C
O
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts 2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
STAD-JUL.01.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
3.0 2.5 2.0 1.5 1.0 0.5 0 0 50 100
O
INSTANTANEOUS FWD CUTTENT, AMPERES
T J =25 OC Pulse Width = 200uS
150
AMBIENT TEMPERATURE, C
INSTANTANEOUS FWD VOLTAGE, VOLTS
FIG.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
FIG.2 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT,uA
TA = 100 C 1.0
O
FORWARD SURGE CURRENT, AMPERES (HALF SINE-WAVE)
10
50
40
30
20
0.1 TA= 25 O C
10
0.01
0
20
40
60
80
100
120
140
0 1 2 6 10 20 40 60 100
PERCENT OF PEAK REVERSE VOLTAGE, %
NO. OF CYCLES AT 60Hz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
STAD-JUL.01.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of DI150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X