|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMT RF Frequency Mixer Double Balance The content of this specification may change without notification 09/18/08 Custom Designs Available DOUBLE BALANCED MIXERS Double Balanced Mixers DBM 9A Series Dimensions Unit:mm Schematics RF LO GND IF GND GND Rating Frequency Range [ MHz ] Max. Input Power [ mW ] Conversion Loss [ dB ] Working Temp. Range [ C] Style No. Isolation [ dB ] IM3 9A41 (2L) 9A42 (1L) 9A43 (4L) Note R,L: 10 ~ 500 MHz I: DC ~ 500 MHz R,L:300 ~ 650 MHz I: DC ~ 300 MHz R,L:500 ~ 1000 MHz I: DC ~ 300 MHz - 200 max. 200 max. 200 max. - 7.5 max. 7.5 max. 8.5 max. LO: +7 dBm L - R 30 dB min. L - I 30 dB min. L - R 30 dB min. L - I 20 dB min. L - R 20 dB min. L - I 15 dB min. LO: +7 dBm LO: +7 dBm -71 dBm (Typ.) -66 dBm (Typ.) -62 dBm (Typ.) LO: +7 dBm -30 ~+85 -30 ~+85 -30 ~+85 - American Accurate Components, Inc. 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 1 |
Price & Availability of DBM9A41 |