Part Number Hot Search : 
AH30A MAX478 BUV24 MBB0207 12N50NZ SF2N6577 HD74LV L7143SRE
Product Description
Full Text Search
 

To Download CNY17F08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output, no Base Connection
FEATURES
* Isolation test voltage, 5300 VRMS
A C NC 1 2 3 6 NC 5C 4E
* No base terminal connection for improved common mode interface immunity * Long term stability * Industry standard dual-in-line package * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
18216
AGENCY APPROVALS DESCRIPTION
The CNY17F is an optocoupler consisting of a gallium arsenide infrared emitting diode optically coupled to a silicon planar phototransistor detector in a plastic plug-in DIP-6 package. The coupling device is suitable for signal transmission between two electrically separated circuits. The potential difference between the circuits to be coupled is not allowed to exceed the maximum permissible reference voltages. In contrast to the CNY17 series, the base terminal of the F type is not conected, resulting in a substantially improved common-mode interference immunity. * UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-5 available with option 1 * BSI IEC 60950; IEC 60065 * FIMKO
ORDER INFORMATION
PART CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1X006 CNY17F-1X007 CNY17F-1X009 CNY17F-2X006 CNY17F-2X007 CNY17F-2X009 CNY17F-3X006 CNY17F-3X007 CNY17F-3X009 CNY17F-4X006 CNY17F-4X007 CNY17F-4X009 Note For additional information on the available options refer to option information. REMARKS CTR 40 to 80 %, DIP-6 CTR 63 to 125 %, DIP-6 CTR 100 to 200 %, DIP-6 CTR 160 to 320 %, DIP-6 CTR 40 to 80 %, DIP-6 400 mil (option 6) CTR 40 to 80 %, SMD-6 (option 7) CTR 40 to 80 %, SMD-6 (option 9) CTR 63 to 125 %, DIP-6 400 mil (option 6) CTR 63 to 125 %, SMD-6 (option 7) CTR 63 to 125 %, SMD-6 (option 9) CTR 100 to 200 %, DIP-6 400 mil (option 6) CTR 100 to 200 %, SMD-6 (option 7) CTR 100 to 200 %, SMD-6 (option 9) CTR 160 to 320 %, DIP-6 400 mil (option 6) CTR 160 to 320 %, SMD-6 (option 7) CTR 160 to 320 %, SMD-6 (option 9)
Document Number: 83607 Rev. 1.5, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 221
CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output, no Base Connection
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage DC forward current Surge forward current Power dissipation OUTPUT Collector emitter breakdown voltage Collector current Total power dissipation COUPLER Isolation test voltage between emitter and detector referred to standard climate 23/50 DIN 50014 Creepage Clearance Isolation thickness between emitter and detector Comparative tracking index per DIN IEC 112/VDE 0303, part 1 Isolation resistance Storage temperature range Ambient temperature range Junction temperature Soldering temperature max. 10 s, dip soldering: distance to seating plane 1.5 mm VIO = 500 V RIO Tstg Tamb Tj Tsld VISO 5300 7.0 7.0 0.4 175 1011 - 55 to + 150 - 55 to + 100 100 260 C C C C VRMS mm mm mm t 1.0 ms BVCEO IC IC Pdiss 70 50 100 150 V mA mA mW t 10 s VR IF IFSM Pdiss 6.0 60 2.5 100 V mA A mW TEST CONDITION SYMBOL VALUE UNIT
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTCS
PARAMETER INPUT Forward voltage Breakdown voltage Reverse current Capacitance Thermal resistance OUTPUT Collector emitter capacitance Base collector capacitance Emitter base capacitance Thermal resistance VCE = 5.0 V, f = 1.0 MHz VCE = 5.0 V, f = 1.0 MHz VCE = 5.0 V, f = 1.0 MHz CCE CBC CEB Rth 5.2 6.5 7.5 500 pF pF pF K/W IF = 60 mA IR = 10 A VR = 6.0 V VR = 0 V, f = 1.0 MHz VF VBR IR CO Rth 6.0 0.01 25 750 10 1.25 1.65 V V A pF K/W TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
www.vishay.com 222
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83607 Rev. 1.5, 07-May-08
CNY17F
Optocoupler, Phototransistor Output, no Base Connection
ELECTRICAL CHARACTERISTCS
PARAMETER COUPLER Collector emitter, saturation voltage Coupling capacitance CNY17F-1 Collector emitter, leakage current VCE = 10 V CNY17F-2 CNY17F-3 CNY17F-4 IF = 10 mA, IC = 2.5 mA VCEsat CC ICEO ICEO ICEO ICEO 0.25 0.6 2.0 2.0 5.0 5.0 50 50 100 100 0.4 V pF nA nA nA nA TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Vishay Semiconductors
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER TEST CONDITION PART CNY17F-1 IF = 10 mA Current transfer ratio IF = 1.0 mA CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 SYMBOL CTR CTR CTR CTR CTR CTR CTR CTR MIN. 40 63 100 160 13 22 34 56 30 45 70 90 TYP. MAX. 80 125 200 320 UNIT % % % % % % % %
Note Current transfer ratio IC/IF at VCE = 5.0 V, 25 C and collector emitter leakage current by dash number.
SWITCHING CHARACTERISTICS
PARAMETER TEST CONDITION IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, RL = 75 IF = 10 mA, VCC = 5.0 V, RL = 75 PART SYMBOL MIN. TYP. MAX. UNIT LINEAR OPERATION (WITHOUT SATURATION) Turn-on time Rise time Turn-off time Fall time Cut-off frequency ton tr toff tf fCO 3.0 2.0 2.3 2.0 250 s s s s kHz
Document Number: 83607 Rev. 1.5, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 223
CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output, no Base Connection
SWITCHING CHARACTERISTICS
PARAMETER TEST CONDITION IF = 20 mA Turn-on time IF = 10 mA IF = 5 mA IF = 20 mA Rise time IF = 10 mA IF = 5 mA IF = 20 mA Turn-off time IF = 10 mA IF = 5 mA IF = 20 mA Fall time IF = 10 mA IF = 5 mA PART CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 CNY17F-1 CNY17F-2 CNY17F-3 CNY17F-4 SYMBOL ton ton ton ton tr tr tr tr toff toff toff toff tf tf tf tf MIN. TYP. 3.0 4.2 4.2 6.0 2.0 3.0 3.0 4.6 18 23 23 25 11 14 14 15 MAX. UNIT s s s s s s s s s s s s s s s s SWITCHING OPERATION (WITH SATURATION)
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
IF
R L = 75 IC V CC = 5 V
IF
1 K V CC = 5
45
47
icny17f_01
icny17f_02
Fig. 1 - Linear Operation (without Saturation)
Fig. 2 - Switching Operation (with Saturation)
www.vishay.com 224
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83607 Rev. 1.5, 07-May-08
CNY17F
Optocoupler, Phototransistor Output, no Base Connection
Vishay Semiconductors
1000 (TA = - 25 C, VCE = 5 V) IC/IF = f (IF)
1000 (TA = 50 C, VCE = 5 V) IC/IF = f (IF)
IC (%) IF
IC (%) IF
100 1 2 3 4
100 1 2 3 4
10
10
1 0.1
icny17f_03
1 1 10 0.1
icny17f_06
1
10
IF (mA)
IF (mA)
Fig. 3 - Current Transfer Ratio vs. Diode Current
Fig. 6 - Current Transfer Ratio vs. Diode Current
1000 (TA = 0 C, VCE = 5 V) IC/IF = f (IF)
1000 (TA = 75 C, VCE = 5 V) IC/IF = f (IF)
IC (%) IF
10
1 2 3 4
IC (%) IF
100
100
10
1 2 3 4
1 0.1
icny17f_04
1 1 10 0.1
icny17f_07
1
10
IF (mA)
IF (mA)
Fig. 4 - Current Transfer Ratio vs. Diode Current
Fig. 7 - Current Transfer Ratio vs. Diode Current
1000 (TA = 25 C, VCE = 5 V) IC/IF = f (IF)
1000 (IF = 10 mA, VCE = 5 V) IC/IF = f (T) 4
IC (%) IF
100
IC (%) IF
100
3 2 1
10
1 2 3 4
1 0.1
icny17f_05
1
10
10 - 25
icny17f_08
0
25
50
75
IF (mA)
TA (C)
Fig. 5 - Current Transfer Ratio vs. Diode Current
Fig. 8 - Current Transfer Ratio (CTR) vs. Temperature
Document Number: 83607 Rev. 1.5, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 225
CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output, no Base Connection
40 (TA = 25 C) IC = f (VCE) IF = 14 mA 20
1.0 0.9 VCEsat = f (IC) (TA = 25 C) IF = 3 x IC 0.8 0.7 0.6
30
IC (mA)
VCE sat
15
IF = 12 mA IF =10 mA IF = 7 mA
0.5 0.4 0.3 0.2 0.1 0 1 10 100
10 IF = 1 mA 0 0
icny17f_09
IF = 5 mA IF = 2 mA 10
5
VCE (V)
icny17f_12
IC (mA)
Fig. 9 - Output Characteristics CNY17F-2, -3
Fig. 12 - Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-1
1.2 VF = f (IF) 25 C 50 C 75 C
1.0 0.9 0.8 0.7 VCEsat = f (IC) (TA = 25 C)
VCE sat (V)
1.1
VF (V)
0.6 0.5 0.4 0.3 0.2 0.1 IF = 2 x IC IF = 3 x IC
1.0
0.9 0.1
icny17f_10
0 1 10 100
icny17f_13
1
10
100
IF (mA)
Fig. 10 - Forward Voltage
IC (mA)
Fig. 13 - Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-2
1 VCE = 35 V ICEO = f (V,T) (TA = 75 C, IF = 0)
1.0 0.9 0.8 0.7 VCEsat = f (IC) (TA = 25 C) IF = IC
ICEO (A)
VCE sat (V)
0.1
0.6 0.5 0.4 0.3 0.2 0.1 IF = 2 x IC IF = 3 x IC 1 10
0.01
VCE = 12 V
0.001 0
icny17f_11
0 25 50 75 100
100
TA (C)
icny17f_14
IC (mA)
Fig. 11 - Collector Emitter Off-state Current
Fig. 14 - Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-3
www.vishay.com 226
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83607 Rev. 1.5, 07-May-08
CNY17F
Optocoupler, Phototransistor Output, no Base Connection
Vishay Semiconductors
1.0 0.9 0.8 0.7 VCEsat = f (IC) (TA = 25 C)
120 IF = f (TA) 90
IF = IC
VCE sat (V)
0.5 0.4 0.3 0.2 0.1 0 1
IF (mA)
100
0.6
60
IF = 2 x IC IF = 3 x IC
30
0
10
0
icny17f_18
25
50
75
100
icny17f_15
IC (mA)
TA (C)
Fig. 15 - Saturation Voltage vs. Collector Current and Modulation Depth CNY17F-4
Fig. 18 - Permissible Forward Current Diode
104
IF (mA)
103
t IF D=0 D= p T 0.005 T 0.01 0.02 D = parameter, 0.05 TA = 25 C, IF = f(tp) 0.1
0.2
tp
20 C = f (VO) (TA = 25 C, f = 1.0 MHz) 15
C (pF)
10
102
0.5 DC
5 CCE
101
10-5
icny17f_16
10-4
10-3
10-2
10-1
100
101
0 10-2
icny17f_19
tp (s)
10-1
100
101
102
Ve (V)
Fig. 16 - Permissible Pulse Load
Fig. 19 - Transistor Capacitance
200 Ptot = f (TA) 150
Transistor
Ptot (mW)
100 Diode 50
0 0
icny17f_17
25
50
75
100
TA (C)
Fig. 17 - Permissible Power Dissipation for Transistor and Diode
Document Number: 83607 Rev. 1.5, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 227
CNY17F
Vishay Semiconductors
Optocoupler, Phototransistor Output, no Base Connection
PACKAGE DIMENSIONS in inches (millimeters)
Pin one ID
3
2
1
0.248 (6.30) 0.256 (6.50)
4
5
6
ISO method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ.
0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ.
i178004
18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.035 (0.90)
Option 6
0.407 (10.36) 0.391 (9.96) 0.307 (7.8) 0.291 (7.4)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03 ) 0.300 (7.62) ref.
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51 ) 0.040 (1.02 ) 0.315 (8.00) min.
0.012 (0.30 ) typ
0.014 (0.35) 0.010 (0.25) 0.400 (10.16) 0.430 (10.92)
0.331 (8.4) min. 0.406 (10.3) max.
15 max.
18450
www.vishay.com 228
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83607 Rev. 1.5, 07-May-08
CNY17F
Optocoupler, Phototransistor Output, no Base Connection
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
Vishay Semiconductors
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Document Number: 83607 Rev. 1.5, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 229
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CNY17F08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X