Part Number Hot Search : 
BD2425 AP450 P172ABCS EMK12G M52325AP P80N03 ST3384E C2000
Product Description
Full Text Search
 

To Download BD3539FVM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hi-performance Regulator IC Series for PCs
Termination Regulators for DDR-SDRAMs
BD3539FVM,BD3539NUX
No.09030EAT24
Description BD3539FVM/NUX is a termination regulator compatible with JEDEC DDR1-SDRAM, DDR2-SDRAM, DDR3-SDRAM which functions as a linear power supply incorporating an N-channel MOSFET and provides a sink/source current capability up to 1A respectively. A built-in high-speed OP-AMP specially designed offers an excellent transient response. Requires 3.3 volts (DDR2, DDR3) or 5.0 volts (DDR1, DDR2, DDR3) as a bias power supply to drive the N-channel MOSFET. Has an independent reference voltage input pin (VDDQ) and an independent feedback pin (VTTS) to maintain the accuracy in voltage required by JEDEC, and offers an excellent output voltage accuracy and load regulation. Also has a reference power supply output pin (VREF) for DDR-SDRAM or a memory controller. When EN pin turns to "Low", VTT output becomes "Hi-Z" while VREF output is kept unchanged, compatible with "Self Refresh" state of DDR-SDRAM. Features 1) Incorporates a push-pull power supply for termination (VTT) 2) Incorporates a reference voltage circuit (VREF) 3) Incorporates an enabler 4) Incorporates an under voltage lockout (UVLO) 5) Employs MSOP8 package : 2.9x4.0x0.9(mm) : BD3539FVM 6) Employs VSON008X2030 package : 2.0x3.0x0.6(mm) : BD3539NUX 7) Incorporates a thermal shutdown protector (TSD) 8) Operates with input voltage from 2.7 to 5.5 volts 9) Compatible with Dual Channel (DDR1, DDR2, DDR3) 10) Usable ceramic capacitor at output Use Power supply for DDR1- SDRAM (VCC=5V only) Power supply for DDR2-SDRAM (VCC=3.3V or 5V) Power supply for DDR3-SDRAM (VCC=3.3V or 5V) ABSOLUTE MAXIMUM RATINGS Parameter Input Voltage Enable Input Voltage Termination Input Voltage VDDQ Reference Voltage Output Current Power Dissipation1 Power Dissipation2 Power Dissipation3 Operating Temperature Range Storage Temperature Range Maximum Junction Temperature Symbol VCC VEN VTT_IN VDDQ ITT Pd1 Pd2 Pd3 Topr Tstg Tjmax Limit BD3539FVM 7 *1*2 7 *1*2 7 *1*2 7 *1*2 1 387.4 *3 587.4 *4 -30+100 -55+150 +150 242.0 *4 515.0 *5 877.2 *6 BD3539NUX Unit V V V V A mW mW mW
*1 Should not exceed Pd. *2 Instantaneous surge voltage, back electromotive force and voltage under less than 10% duty cycle. *3 With Ta25 (With no heat sink) ja=322.6/W *4 With Ta25 when mounting a 70mmx70mmx1.6mm glass-epoxy substrate, with no heat sinkja=212.8/W *5 With Ta25 (With no heat sink) ja=516.5/W *6 With Ta25 when mounting a 70mmx70mmx1.6mm glass-epoxy substrate 1-layer board, ja=242.7/W *7 With Ta25 when mounting a 70mmx70mmx1.6mm glass-epoxy substrate 4-layer board (copper foil density: 5505mm2 (copper foil area in each layer) ), ja=142.5/W
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
1/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Operating ConditionsTa=25 Parameter Input Voltage Termination Input Voltage VDDQ Reference Voltage Enable Input Voltage Symbol VCC VTT_IN VDDQ VEN Limit MIN 2.7 1.0 1.0 -0.3 MAX 5.5 5.5 2.75 5.5 Unit V V V V
Technical Note
Electrical Characteristics Parameter Standby Current Bias Current [Enable]
(Unless otherwise noted, Ta=25, VCC=3.3V, VEN=3V, VDDQ=1.5V, VTT_IN=1.5V Limit Symbol Unit Condition MIN TYP MAX IST ICC 0.5 2 1.0 4 mA mA VEN=0V VEN=3V
High Level Enable Input Voltage Low Level Enable Input Voltage Enable Pin Input Current [Termination] Termination Output Voltage (DDR3) Termination Output Voltage (DDR2)
VENHIGH VENLOW IEN
2.3 -0.3 -
7
5.5 0.8 10
V V A VEN=3V ITT=-1.0A to 1.0A Ta=0 to 100 VCC = 3.3V, VDDQ = 1.8V VTT_IN = 1.8V ITT=-1.0A to 1.0A Ta=0 to 100 VCC = 5.0V, VDDQ = 2.5V VTT_IN = 2.5V ITT=-1.0A to 1.0A Ta=0 to 100
VTT3
1/2xVDDQ 1/2xVDDQ 1/2xVDDQ -15m +15m 1/2xVDDQ 1/2xVDDQ 1/2xVDDQ -30m +30m
V
VTT2
V
Termination Output Voltage (DDR1) Source current Sink current Load Regulation Upper Side ON Resistance Lower Side ON Resistance [VDDQ] Input Impedance [VREF] Output Voltage [UVLO] Threshold Voltage Hysteresis Voltage
VTT1 ITT+ ITTVTT HRON LRON
1/2xVDDQ 1/2xVDDQ 1/2xVDDQ -30m +30m 1.0 0.35 0.35 -1.0 30 0.65 0.65
V A A mV
ITT=-1.0A to 1.0A
ZVDDQ
140
200
260
k IREF=-25mA to 25mA Ta=0 to 100 VCC : sweep up VCC : sweep down
VREF
1/2xVDDQ 1/2xVDDQ 1/2xVDDQ -15m +15m 2.30 100 2.45 160 2.60 220
V
VUVLO VUVLO
V mV
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
2/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Reference Data
Technical Note
VTT(50mV/div) VREF(50mV/div)
VREF(50mV/div) VTT(50mV/div)
VCC
EN sink ITT(1A/div) ITT(1A/div) source 10sec/Div source 10sec/Div VTT 2sec/Div sink VDDQ VTT_IN
Fig.1 DDR3 (-1A1A)
Fig.2 DDR3 (1A-1A)
900
Fig.3 Input Sequence1
VCC
VCC
850 800
EN
EN
VTT [mV]
750 700 650
VDDQ VTT_IN
VDDQ VTT_IN
VTT 2sec/Div
VTT 2sec/Div
600 -2 -1.5 -1 -0.5 0 ITT[A] 0.5 1 1.5 2
Fig.4 Input Sequence 2
Fig.5 Input Sequence 3
Fig.6 ITT-VTT (DDR3)
751.5 751.0 750.5 VREF [mV] 750.0 749.5 749.0
VDDQ VTT VREF EN
VTT
748.5 -20 -10 0 IREF[mA] 10 20
200sec/Div
Fig.7 IREF-VREF (DDR3)
Fig.8 EN Soft Start
Fig.9 VDDQ Soft Start
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
3/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Block Diagram
VCC C2 VCC VCC Reference Block UVLO SOFT TSD EN UVLO TSD TSD VCC EN UVLO TSD EN UVLO
3
Technical Note
VDDQ
VTT_IN C3
6
5
VDDQ VCC
7
VTT_IN
VTT
8
VTT
C4
Thermal Protection Enable EN EN
VCC
VTTS
4
2
VREF UVLO
1
1/2x VDDQ C1
GND
PIN Configration FVM
PIN Function
PIN No.
GND 1 EN 2 VTTS 3 VREF 4 8 VTT 7 VTT_IN 6 VCC 5 VDDQ
PIN NAME GND EN VTTS VREF VDDQ VCC VTT_IN VTT
PIN FUNCTION Ground Pin Enable Input Pin Detector Pin for Termination Voltage Reference Voltage Output Pin Reference Voltage Input Pin VCC Pin Termination Input Pin Termination Output Pin
1 2 3 4 5 6 7 8
NUX
PIN No.
VTT_IN 1 VTT 2 GND 3 EN 4 8 VCC 7 VDDQ 6 VREF 5 VTTS
PIN NAME VTT_IN VTT GND EN VTTS VREF VDDQ VCC FIN
PIN FUNCTION Termination Input Pin Termination Output Pin Ground Pin Enable Input Pin Detector Pin for Termination Voltage Reference Voltage Output Pin Reference Voltage Input Pin VCC Pin Substrate (Connected to GND)
1 2 3 4 5 6 7 8 Bottom
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
4/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Technical Note
Description of operations VCC In BD3539FVM/NUX, an independent power input pin is provided for an internal circuit operation of the IC. This is used to drive the amplifier circuit of the IC, and its maximum current rating is 4mA. The power supply voltage is 2.7 to 5.5 volts. It is recommended to connect a bypass capacitor of 1F or so to VCC. VDDQ Reference input pin for the output voltage that may be used to satisfy the JEDEC requirement for DDR3-SDRAM (VREF=VTT = 1/2VDDQ) by dividing the voltage inside the IC with two 100k voltage-divider resistors. For BD3539FVM/NUX, care must be taken to an input noise to VDDQ pin because this IC also cuts such noise input into half and provides it with the voltage output divided in half. Such noise may be reduced with an RC filter consisting of such resistance and capacitance (220 and 2.2F, for instance) that may not give significant effect to voltage dividing inside the IC. VTT_IN VTT_IN is a power supply input pin for VTT output. Voltage in the range between 1.0 and 5.5 volts may be supplied to this VTT_IN terminal, but care must be taken to the current limitation due to on-resistance of the IC and the change in allowable loss due to input/output voltage difference. Generally, the following voltages are supplied: DDR3 VTT_IN=1.5V Higher impedance of the voltage input at VTT_IN may result in oscillation or degradation in ripple rejection, which must be noted. To VTT_IN terminal, it is recommended to use a 10F capacitor characterized with less change in capacitance. But it may depend on the characteristics of the power supply input and the impedance of the pc board wiring, which must be carefully checked before use. VREF In BD3539FVM/NUX, a reference voltage output pin independent from VTT output is given to provide a reference input for a memory controller and a DRAM. Even if EN pin turns to "Low" level, VREF output is kept unchanged, compatible with "Self Refresh" state of DRAM. The maximum current capability of VREF is 10mA, and a suitable capacitor is needed to stabilize the output voltage. It is recommended to use a combination of a 1.0 to 2.2F ceramic capacitor characterized with less change in capacitance. For an application where VREF current is low, a capacitor of lower capacitance may be used. If VREF current is 1mA or less, it is possible to secure a phase margin with a ceramic capacitor of 1F more or less. VTTS An independent pin provided to improve load regulation of VTT output. In case that longer wiring is needed to the load at VTT output, connecting VTTS from the load side may improve the load regulation. VTT A DDR memory termination output pin. BD3539FVM/NUX has a sink/source current capability of 1.0A respectively. The output voltage tracks the voltage divided in half at VDDQ pin. VTT output is turned to OFF when VCC UVLO or thermal shutdown protector is activated with EN pin level turned to "Low". Do not fail to connect a capacitor to VTT output pin for a loop gain phase compensation and a reduction in output voltage variation in the event of sudden change in load. Insufficient capacitance may cause an oscillation. High ESR (Equivalent Series Resistance) of the capacitor may result in increase in output voltage variation in the event of sudden change in load. It is recommended to use a 10F or so ceramic capacitor, though it depends on ambient temperature and other conditions. EN With an input of 2.3 volts or higher, the level at EN pin turns to "High" to provide VTT output. If the input is lowered to 0.8 volts or less, the level at EN pin turns to "Low" and VTT status turns to Hi-Z. But if VCC and VDDQ are established, VREF output is maintained.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
5/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Evaluation Board BD3539FVM Evaluation Board Circuit VCC EN SW1 VTT_IN VDDQ C5, C6 VCC C3,C4 J2 R4 C11 U1 BD3539FVM 2 EN 7 VTT_IN 5 VDDQ C9 6 VCC VTT 8 VTTS 3 VREF 4 C2 R1 C1 VTTS J1 GND
Technical Note
GND
C7 C8 C10 VTT
VREF
1 GND
BD3539FVM Evaluation Board Application Components Part No U1 R1 R4 J1 J2 C1 C2 C3 Value 220 0 0 1F 1F Company ROHM ROHM KYOCERA KYOCERA Parts Name BD3539FVM MCR032200 CM105B105K06A CM105B105K06A Part No C4 C5 C6 C7 C8 C9 C10 C11 Value 10F 10F 2.2F Company KYOCERA KYOCERA KYOCERA Parts Name CM21B106M06A CM21B106M06A CM105B225K06A -
BD3539FVM Evaluation Board Layout Silk Screen TOP Layer Bottom Layer
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
6/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Example of layout pattern
Technical Note
[Example of board layout pattern]
[Pin configuration]
Input capacitor Cin of VTT_IN should be placed close to VTT_IN pin as possible, and VTT output capacitor should also be placed close to IC pin as possible. And, as for wiring pattern, pin above and GND pattern should be designed widely as possible. If connected to inner GND plane, several through hole should be used. Because VTTS pin has comparatively high impedance, floating capacity should be minimum as possible, and design layout at upper layer pattern. Please be careful in drawing. Please take GND pattern space widely, and design layout to be able to increase radiation efficiency.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
7/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Technical Note
Note for Use 1.Absolute maximum ratings For the present product, thoroughgoing quality control is carried out, but in the event that applied voltage, working temperature range, and other absolute maximum rating are exceeded, the present product may be destroyed. Because it is unable to identify the short mode, open mode, etc., if any special mode is assumed, which exceeds the absolute maximum rating, physical safety measures are requested to be taken, such as fuses, etc. 2.GND potential Bring the GND terminal potential to the minimum potential in any operating condition. 3.Thermal design Consider allowable loss (Pd) under actual working condition and carry out thermal design with sufficient margin provided. 4.Terminal-to-terminal short-circuit and erroneous mounting When the present IC is mounted to a printed circuit board, take utmost care to direction of IC and displacement. In the event that the IC is mounted erroneously, IC may be destroyed. In the event of short-circuit caused by foreign matter that enters in a clearance between outputs or output and power-GND, the IC may be destroyed. 5.Operation in strong electromagnetic field The use of the present IC in the strong electromagnetic field may result in maloperation, to which care must be taken. 6.Built-in thermal shutdown protection circuit The present IC incorporates a thermal shutdown protection circuit (TSD circuit). The working temperature is 175C (standard value) and has a -15C (standard value) hysteresis width. When the IC chip temperature rises and the TSD circuit operates, the output terminal is brought to the OFF state. The built-in thermal shutdown protection circuit (TSD circuit) is first and foremost intended for interrupt IC from thermal runaway, and is not intended to protect and warrant the IC. Consequently, never attempt to continuously use the IC after this circuit is activated or to use the circuit with the activation of the circuit premised. 7.Capacitor across output and GND In the event a large capacitor is connected across output and GND, when Vcc and VIN are short-circuited with 0V or GND for some kind of reasons, current charged in the capacitor flows into the output and may destroy the IC. Use a capacitor smaller than 1000 F between output and GND. 8.Inspection by set substrate In the event a capacitor is connected to a pin with low impedance at the time of inspection with a set substrate, there is a fear of applying stress to the IC. Therefore, be sure to discharge electricity for every process. As electrostatic measures, provide grounding in the assembly process, and take utmost care in transportation and storage. Furthermore, when the set substrate is connected to a jig in the inspection process, be sure to turn OFF power supply to connect the jig and be sure to turn OFF power supply to remove the jig. 9. Inputs to IC terminals + This device is a monolithic IC with P isolation between P-substrate and each element as illustrated below. This P-layer and the N-layer of each element form a PN junction which works as: a diode if the electric potentials at the terminals satisfy the following relationship; GND>Terminal A>Terminal B, or a parasitic transistor if the electric potentials at the terminals satisfy the following relationship; Terminal B>GND Terminal A. The structure of the IC inevitably forms parasitic elements, the activation of which may cause interference among circuits, and/or malfunctions contributing to breakdown. It is therefore requested to take care not to use the device in such manner that the voltage lower than GND (at P-substrate) may be applied to the input terminal, which may result in activation of parasitic elements.
Resistor Pin A Pin A
P
+
Transistor (NPN) Pin B
C B E B P P
+
Pin B
N P P
+
N
N
Parasitic element
N
P+
N N
C E
P substrate Parasitic element
GND
P substrate Parasitic element
GND GND GND
Parasitic element
Other adjacent elements
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
8/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Technical Note
10. GND wiring pattern When both a small-signal GND and high current GND are present, single-point grounding (at the set standard point) is recommended, in order to separate the small-signal and high current patterns, and to be sure the voltage change stemming from the wiring resistance and high current does not cause any voltage change in the small-signal GND. In the same way, care must be taken to avoid wiring pattern fluctuations in any connected external component GND. 11. Output capacitor, resistor (C1/block diagram) Do not fail to connect a output capacitor to VREF output terminal for stabilization of output voltage. The capacitor connected to VREF output terminal works as a loop gain phase compensator. Insufficient capacitance may cause an oscillation. It is recommended to use a low temperature coefficient 1-10F ceramic capacitor, though it depends on ambient temperature and load conditions. It is therefore requested to carefully check under the actual temperature and load conditions to be applied. 12. Output capacitor (C4) Do not fail to connect a capacitor to VTT output pin for stabilization of output voltage. This output capacitor works as a loop gain phase compensator and an output voltage variation reducer in the event of sudden change in load. Insufficient capacitance may cause an oscillation. And if the equivalent series resistance (ESR) of this capacitor is high, the variation in output voltage increases in the event of sudden change in load. It is recommended to use a 10F or so ceramic capacitor, though it depends on ambient temperature and load conditions. It is therefore requested to carefully check under the actual temperature and load conditions to be applied. 13. Input capacitors setting (C2 and C3) These input capacitors are used to reduce the output impedance of power supply to be connected to the input terminals (VCC and VTT_IN). Increase in the power supply output impedance may result in oscillation or degradation in ripple rejecting characteristics. It is recommended to use a low temperature coefficient 1F (for VCC) and 10F (for VTT_IN) capacitor, but it depends on the characteristics of the power supply input, and the capacitance and impedance of the pc board wiring pattern. It is therefore requested to carefully check under the actual temperature and load conditions to be applied. 14. Input terminals (VCC, VDDQ, VTT_IN and EN) VCC, VDDQ, VTT_IN and EN terminals of this IC are made up independent one another. To VCC terminal, the UVLO function is provided for malfunction protection. Irrespective of the input order of the inputs terminals, VTT output is activated to provide the output voltage wheNUXLO and EN voltages reach the threshold voltage while VREF output is activated wheNUXLO voltage reaches the threshold. If VDDQ and VTT_IN terminals have equal potential and common impedance, any change in current at VTT_IN terminal may result in variation of VTT_IN voltage, which affects VDDQ terminal and may cause variation in the output voltage. It is therefore required to perform wiring in such manner that VDDQ and VTT_IN terminals may not have common impedance. If impossible, take appropriate corrective measures including suitable CR filter to be inserted between VDDQ and VTT_IN terminals. 15. VTTS terminal A terminal used to improve load regulation of VTT output. Connection with VTT terminal must be done not to have common impedance with high current line, which may offer better load regulation of VTT output. 16. Operating range Within the operating range, the operation and function of the circuits are generally guaranteed at an ambient temperature within the range specified. The values specified for electrical characteristics may not be guaranteed, but drastic change may not occur to such characteristics within the operating range. 17. Allowable loss Pd For the allowable loss, the thermal derating characteristics are shown in the Exhibit, which should be used as a guide. Any uses that exceed the allowable loss may result in degradation in the functions inherent to IC including a decrease in current capability due to chip temperature increase. Use within the allowable loss. 18. The use in the strong electromagnetic field may sometimes cause malfunction, to which care must be taken. In the event that load containing a large inductance component is connected to the output terminal, and generation of back-EMF at the start-up and when output is turned OFF is assumed, it is requested to insert a protection diode. 19. In the event that load containing a large inductance component is connected to the output terminal, and generation of back-EMF at the start-up and when output is turned OFF is assumed, it is requested to insert a protection diode. (Example) OUTPUT PIN
20. We are certain that examples of applied circuit diagrams are recommendable, but you are requested to thoroughly confirm the characteristics before using the IC. In addition, when the IC is used with the external circuit changed, decide the IC with sufficient margin provided while consideration is being given not only to static characteristics but also variations of external parts and our IC including transient characteristics.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
9/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Technical Note
Heat loss Thermal design must be conducted with the operation under the conditions listed below (which are the guaranteed temperature range requiring consideration on appropriate margins etc); 1: Ambient temperature Ta: 100 or lower 2:Chip junction temperature Tj: 150 or lower The chip junction temperature Tj can be considered as follows: Calculation based on IC surface temperature Tc, mounted on a board Tj=Tc+j-cxW j-c:MSOP-8 46.0/W Calculation based on ambient temperature Ta Tj=Ta+j-axW Reference example j-a:MSOP-8
212.8/W With no heat sink 322.6/W 1-layer board(copper foil area :70x70mm2) j-a:VSON008X2030 516.5/W With no heat sink 242.7/W 1-layer board(copper foil area:70x70mm2) PCB size:70x70x1.6mm 2 142.5/W 4-layer board(copper foil area:70x70mm2) (Board copper foil area: :70x70mm ) 3 PCB size: 70x70x1.6mm (with thermal via)
Because package with FIN is used at IC bottom side, package power changes considerably by copper foil area, which is connected. Please radiate heat by taking enough area for board surface or using many through hole to inner layer pattern. Most of heat loss in BD3539FVM/NUX occurs at the output N-channel FET. The power lost is determined by multiplying the voltage between VIN and Vo by the output current. As this IC employs the power PKG, the thermal derating characteristics significantly depends on the pc board conditions. When designing, care must be taken to the size of a pc board to be used. Power consumption (W) = Input voltage (VTT_IN)-Output voltage(VTT Example) Where VTT_IN =1.5V, VDDQ=1.5V, Io(Ave)= 0.5A Power consumption(W) = Heat dissipation characteristics [Tc] MSOP8
[W] 3.0 2.72W 2.5 2.0 1.5 1.0 0.5 0 1-layer board ja=46.0/W 1 2
VDDQ)xIo(Ave)
1.5(V)-0.75(V)
x0.5(A)
= 0.375(W)
0
25
50
75
100
125
150 []
Ambient Temperature [Ta]
Heat dissipation characteristics [Ta] MSOP8
[mW] 600 500 Power Dissipation [Pd] 400 (2) 387.4mW 300 200 100 0 (1) 587.4mW (1) 1-layer board ja=212.8/W (2) with no heat sink ja=322.6/W
VSON008X2030
[W] 1.0 (1) 877.2mW (1) 4-layer boardcopper foil area : 5505mm2 Every layer has copper foil area,ja=142.5/W (2) 1-layer board ja=242.7/W (3) With no heat sink ja=516.5/W
Power Dissipation [Pd]
0.75 (2) 515.0mW 0.5
0.25
(3) 242.0mW
0 0 25 50 75 100 125 Ambient Temperature [Ta] 150 []
0
25
50
75
100
125
150 []
Ambient Temperature [Ta]
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
10/11
2009.10 - Rev.A
BD3539FVM,BD3539NUX
Ordering part number
Technical Note
B
D
3
Part No. 3539
5
3
9
F
V
M
-
T
R
Part No.
Package FVM: MSOP8 NUX: VSON008X2030
Packaging and forming specification TR: Embossed tape and reel
MSOP8

2.90.1 (MAX 3.25 include BURR)
8765
Tape
0.290.15 0.60.2
Embossed carrier tape 3000pcs TR
The direction is the 1pin of product is at the upper right when you hold
+6 4 -4
Quantity Direction of feed
4.00.2
2.80.1
( reel on the left hand and you pull out the tape on the right hand
1pin
)
1 234
1PIN MARK 0.475
0.9MAX
+0.05 0.145 -0.03 S
0.750.05
0.080.05
+0.05 0.22 -0.04 0.08 S 0.65
Direction of feed (Unit : mm) Reel
Order quantity needs to be multiple of the minimum quantity.
VSON008X2030

2.00.1
Tape
3.00.1
Embossed carrier tape 4000pcs TR
The direction is the 1pin of product is at the upper right when you hold
Quantity Direction of feed
1PIN MARK
0.6MAX
S
+0.03 0.02 -0.02
( reel on the left hand and you pull out the tape on the right hand
)
0.08 S
1.50.1 0.5
C0.25
0.30.1
8
5
1.40.1
1
4
(0.12)
0.25
+0.05 0.25 -0.04
1pin (Unit : mm) Reel
Direction of feed
Order quantity needs to be multiple of the minimum quantity.
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
11/11
2009.10 - Rev.A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of BD3539FVM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X