Part Number Hot Search : 
VN2222L P87C51 TEA1098 IF2415S FSS239 2SB1580 BC307BBU R5F2112
Product Description
Full Text Search
 

To Download BAV16WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
BAV16WS
SMALL SIGNAL DIODE
VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
FEATURES
* Fast Switching Speed * Surface Mount Package Ideally Suited for Automatic Insertion * For General Purpose Switching Applicationgs * High Conductance
SOD-323
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.004 grams
.071(1.80) .063(1.60) .055(1.40) .047(1.20) .014(.35) .010(.25)
.106(2.70) .098(2.50)
Ratings at 25
.006(.15)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.003(.08)
MAX.039(1.00)
REF .019(0.46)
.004(.10) .000(.00)
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@T A =25 OC unless otherwise noted) RATINGS Non-Repetitive Peak Reverse Voltage Maximum Repetitive Peak Reverse Voltage Maximum Working Peak reverse Voltage Maximum DC Blocking Voltage Maximum RMS Voltage Maximum Forward Comtinuous Current Maximum Average Forward Rectified Current Non-Repetitive Peak Forward Surge Current Typical Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Maximum Power Dissipation (Note 3) Typical Thermal Resistance Operating and Storage Temperature Range SYMBOL VRM VRRM VRWM VR VRMS IFM IO
@t=1.0uS @t=1.0S
BAV16WS 100 75 53 300 150
2.0 1.0
UNITS Volts Volts Volts mAmps mAmps Amps nS pF mW
O
IFSM Trr CJ PD RJA TJ,TSTG
4 2 200 625 -65 to + 150
C/W O C
ELECTRICAL CHARACTERISTICS (@T A =25 OC unless otherwise noted) SYMBOL CHARACTERISTICS Maximum Instantaneous Forward Voltage
@IF=1.0mA @IF=10mA @IF=50mA @IF=150mA @VR=20V
BAV16WS
0.715 0.855 1.0 1.25 25
UNITS
Volts
VF
nAmps uAmps
Maximum Instantaneous Peverse Current
@VR=75V
IR
1
NOTES : 1. Measured at I F=I R=10mA,I RR=0.1I R And R L=100. 2. Measured at 1MHz and applied reverse voltage of 0 volts. 3. Part mounted on FR-4 PC board with minimunm recommended pad layout.
2006-3
RATING AND CHARACTERISTICS CURVES ( BAV16WS )
1000 10,000
IF, INSTANTANEOUS FORWARD CURRENT(mA)
IR, LEAKAGE CURRENT (nA)
100
1,000
10
100
1.0
10
0.1
.01 0 1
VF, INSTANTANEOUS FORWARD VOLTAGE(V)
1 2 0 100
TJ, JUNCTION TEMPERATURE( C)
O
180
FIG.1 FORWARD CHARACTERISTICS
FIG.2 LEAKAGE CURRENT VS. JUNCTION TEMPERATURE
RECTRON


▲Up To Search▲   

 
Price & Availability of BAV16WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X