Part Number Hot Search : 
MAX85 SK330 WSD521G 03000 OP97FZ KBPC110 40A2128M G1200
Product Description
Full Text Search
 

To Download BAV16WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV16WS
SURFACE MOUNT FAST SWITCHING DIODE
PINNING PIN DESCRIPTION Cathode Anode
2
Features * Fast switching speed * Ultra-small surface mount package * For general purpose switching applications * High conductance
1 2
1
W2
Top View Marking Code: "W2" Simplified outline SOD-323 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Reverse Voltage Reverse Voltage Average Rectified Output Current Forward Continuous Current Non-repetitive Peak Forward Surge Current Power Dissipation Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range at t = 1 s at t = 1 s
Symbol VRM VR IO IFM IFSM Ptot RJA Tj, Tstg
Value 100 75 150 300 2 1 200 625 - 65 to + 150
Unit V V mA mA A mW
O
C/W
O
C
Characteristics at Ta = 25 OC
Parameter Reverse Breakdown Voltage at IR = 1 A Peak Reverse Current at VR = 20 V at VR = 75 V at VR = 25 V, Tj = 150 OC at VR = 75 V, Tj = 150 OC Forward Voltage at IF = 1 mA at IF = 10 mA at IF = 50 mA at IF = 150 mA Total Capacitance at VR = 0 V, f = 1 MHz Reverse Recovery Time at IF = IR = 10 mA, IRR = 0.1 X IR, RL = 100 Symbol V(BR)R Min. 75 Max. Unit V
IR
-
25 1 30 50 0.715 0.855 1 1.25 2 4
nA A A A
VF
V
CT trr
pF ns
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009
BAV16WS
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009
BAV16WS
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-323
A c
HE D A
E
bp
UNIT mm
A 1.10 0.80
bp 0.40 0.25
C 0.15 0.00
D 1.80 1.60
E 1.35 1.15
HE 2.80 2.30
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009


▲Up To Search▲   

 
Price & Availability of BAV16WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X