Part Number Hot Search : 
D2003 80C453 2SD2142 2SD2142 SEF206A LD108 03624TC 34002
Product Description
Full Text Search
 

To Download BAV16W-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: BAV16W 1N4148W
BAV16W/1N4148W
SURFACE MOUNT FAST SWITCHING DIODE
Features
* * * * * Fast Switching Speed Surface Mount Package Ideally Suited for Automatic Insertion For General Purpose Switching Applications High Conductance Lead Free/RoHS Compliant (Note 2) Qualified to AEC-Q101 Standards for High Reliability
H G D
SOD-123 Dim A B C D E G
A B
Min 3.55 2.55 1.40 0.45 0.25 0
Max 3.85 2.85 1.70 1.35 0.65 0.10 8
*
Mechanical Data
* * * * * * * * * Case: SOD-123 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe) Polarity: Cathode Band Marking: Date Code and Type Code, See Page 3 Type Code: T6, T4 Ordering Information: See Page 3 Weight: 0.01 grams (approximate) @TA = 25C unless otherwise specified
0.55 Typical 0.11 Typical
H J
C
E
All Dimensions in mm
*
Maximum Ratings
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Average Rectified Output Current Non-Repetitive Peak Forward Surge Current Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1.
Symbol VRRM VRWM VR VR(RMS) IFM IO @ t = 1.0s @ t = 1.0s IFSM Pd RJA Tj, TSTG
Value 100 71 300 150 2.0 1.0 400 315 -65 to +150
Unit V V mA mA A mW C/W C
Part mounted on FR-4 PC board with minimum recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30086 Rev. 17 - 2
1 of 3 www.diodes.com
BAV16W/1N4148W
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 3) Forward Voltage
@TA = 25C unless otherwise specified Symbol V(BR)R VFM Min 100 Max 0.715 0.855 1.0 1.25 1.0 50 30 25 2.0 4.0 Unit V V A A A nA pF ns Test Condition IR = 1.0A IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100
Peak Reverse Current (Note 3) Total Capacitance Reverse Recovery Time
IRM CT trr

Notes:
3.
Short duration pulse test used to minimize self-heating effect.
500
PD, POWER DISSIPATION (mW)
400
300
200
100
0 0 25 50 75 100 125 150
TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
DS30086 Rev. 17 - 2
2 of 3 www.diodes.com
BAV16W/1N4148W
(c) Diodes Incorporated
Ordering Information
Device BAV16W-7-F 1N4148W-7-F
Notes:
(Note 4) Packaging SOD-123 SOD-123 Shipping 3000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
XX = Product Type Marking Code (See Page 1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code
YM
2001 M Jan 1
2002 N Feb 2
2003 P Mar 3
2004 R Apr 4
2005 S May 5
2006 T Jun 6
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30086 Rev. 17 - 2
3 of 3 www.diodes.com
BAV16W/1N4148W
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of BAV16W-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X