Part Number Hot Search : 
4BXXX CH1838 FFSNC1 BN5983 150N06 AS15301 124SIL KMB110S
Product Description
Full Text Search
 

To Download BAS40W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL Galaxy Electrical
Surface Mount Schottky Barrier Diode
FEATURES
Low Forward voltage drop. Fast switching.
Production specification
BAS40W/-04/-05/-06
Pb
Lead-free BAS40W BAS40-04
Ultra-small surface mount package. PN junction guard ring for transient and ESD protection.
BAS40W-05
BAS40W-06
APPLICATIONS
For general purpose switching applications.
SOT-323
ORDERING INFORMATION
Type No. BAS40W BAS40W-04 BAS40W-05 BAS40W-06 Marking 43 43 43 43 Package Code SOT-323 SOT-323 SOT-323 SOT-323
MAXIMUM RATING @ Ta=25 unless otherwise specified
Parameter RMS Reverse voltage Repetitive Peak reverse voltage Working peak reverse voltage Diode reverse voltage Forward continuous Current Non-Repetitive peak forward surge Current @t=1s Power Dissipation Junction temperature Storage temperature range Symbol VR(RMS) VRRM VRWM VR IF IFS Pd Tj Tstg Limits 28 40 200 600 200 150 -65-+150 Unit V V mA mA mW
Document number: BL/SSSKF017 Rev.A
www.galaxycn.com 1
BL Galaxy Electrical
Surface Mount Schottky Barrier Diode
Production specification
BAS40W/-04/-05/-06
ELECTRICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Parameter Reverse breakdown voltage Reverse voltage leakage current Forward voltage Diode capacitance Reverse recovery time Symbol V(BR)R IR VF CD trr Test IR= 10A VR=30V IF=1.0mA IF=40mA VR=0V f=1MHz conditions MIN 40 200 380 1000 5 5 MAX UNIT V nA mV pF nS
IF=IR=10mA RL=100
TYPICAL CHARACTERISTICS @ Ta=25 unless otherwise specified
Document number: BL/SSSKF017 Rev.A
www.galaxycn.com 2
BL Galaxy Electrical
Surface Mount Schottky Barrier Diode
PACKAGE OUTLINE
Plastic surface mounted package
Production specification
BAS40W/-04/-05/-06
SOT-323
SOT-323
Dim A B C D E G H J K Min 1.8 1.15 0.15 0.25 1.2 0.02 2.1 Max 2.2 1.35 0.35 0.40 1.4 0.1 2.3
1.0Typical
0.1Typical
All Dimensions in mm
PACKAGE INFORMATION
Device BAS40W/-04/-05/-06 Package SOT-323 Shipping 3000/Tape&Reel
Document number: BL/SSSKF017 Rev.A
www.galaxycn.com 3


▲Up To Search▲   

 
Price & Availability of BAS40W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X