Part Number Hot Search : 
P6KE130 2N4125 74HC74PW SSF3620 2NF08 SSF3620 MAX16054 6041373
Product Description
Full Text Search
 

To Download B44066T0100E40208 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film capacitors - Power Factor Correction
Key components - Thyristor modules
Series/Type: Ordering code: Date: Version:
TSM-LC100 B44066T0100E402 September 2008 1
Content of header bars 1 and 2 of data sheet will be automatically entered in headers and footers! Please fill in the table and then change the color to "white". This ensures that the table disappears (invisible) for the customer PDF. Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1 (header 1 + top left bar): Identification/Classification 2 (header 2 + bottom left header bar): Ordering code: (top right header bar) Series/Type: (top right header bar) Preliminary data (optional): (if necessary) Department: Date: Version: Film capacitors - Power Factor Correction Key components - Thyristor modules B44066T0100E402 TSM-LC100 Preliminary data FK PC PM PFC September 2008 1
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited
Film capacitors - Power Factor Correction Key components - Thyristor modules
Preliminary data Characteristics Fast electronically controlled self observing thyristor switch Usage in dynamic (fast) power factor correction systems For capacitive loads up to 100 kvar
Features
B44066T0100E402 TSM-LC100
Easy installation: self-check after turn-on of main voltage Display and control via LED-display Permanent self-controlling: voltage parameters, phase sequence, capacitor output, temperature Forced cooling by fan, temperature controlled Technical data
Dimensions Weight Voltage Maximum voltage - in conventional PFC systems (without reactors) - in detuned PFC systems (7% detuning) - in detuned PFC systems (14% detuning) Frequency Max. power Max. RMS current*
(*no continuous current - thermal load has to be considered)
157 x 240 x 195 mm (w x h x d) 5.5 kg 3 x 400 V 440 V 440 V (no upward tolerance permitted) 400 V 50 Hz/60 Hz 75 ... 100 kvar 200 A 230 V AC (needed for fan) via terminal clamp; automatically controlled cooling, over temperature switch off 10 ... 24 V DC (20 mA), via terminal clamp; internally insulated Net voltage, temperature and operation status Note: Before re-switching after temperature fault, heat sink temperature must be below 50 C (hysteresis)!
Auxiliary supply
Activation Monitoring
Display Power circuit Power dissipation Thermal warming
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document.
2 LEDs/phase: operation/error, triggering signal Direct connection 4-pole via bus bar cable lug 70 mm2, D = 10 mm), connection from bottom PV (W) = 2.0 x I (in A); at 400 V/100 kvar typical 300 W 20 K above ambient temperature at nominal load
September 2008 Page 2 of 6
Film capacitors - Power Factor Correction Key components - Thyristor modules
Preliminary data
Fuses* (required for protection of TSM-LC and capacitor)
(*not included in the delivery)
B44066T0100E402 TSM-LC100
3 x electronic fuse superfast" (NH1 AC 690 V) 100 kvar: 250 A (e.g. SIBA Art.No.: 20 211 20-250) approx. 5 ms -10 C ... +55 C Direct on mounting plate Vertical, minimum 100 mm distance upwards and downwards
Switching time Operating ambient temperature with nominal load Assembling Mounting position
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 3 of 6
September 2008
Film capacitors - Power Factor Correction Key components - Thyristor modules
Preliminary data Connection diagram
Three-phase load (standard)
B44066T0100E402 TSM-LC100
Fuse superfast 250 A at 100 kvar NH1/690 V
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 4 of 6
September 2008
Film capacitors - Power Factor Correction Key components - Thyristor modules
Preliminary data Cautions and warnings General
* * * *
B44066T0100E402 TSM-LC100
Thyristor modules TSM series may only be used for the purpose they have been designed for. Thyristor modules TSM series may only be used in combination with appropriate pre-switched grid separator device. Thyristor modules have to be projected in such a way that in case of any failure no uncontrolled high currents and voltages may occur. The devices in operation have to be protected against moisture and dust, sufficient cooling has to be assured.
Attention
Due to the switching principle of the thyristor module the power capacitors are permanently loaded to the peak value of the grid voltage (DC voltage) even when switched off. Therefore the following rules have to be obeyed in any case: * * * * * * * For standard PFC-systems (400 V grid, without reactors) capacitors of 440 V nominal voltage have to be used; for detuned systems (400 V grid) capacitors of 525 V nominal voltage have to be used. Due to the high voltage (2 x peak value of nominal voltage) that occurs, the discharge resistors of the power capacitors have to be replaced by special types. In dynamic systems with TSM modules no fast discharge reactors may be used (reactor = DC-wise short circuit). For standard PFC-systems without (de-)tuned filter reactors 2 special current limiting reactors are mandatory per thyristor module. Further information on request. Thyristor modules in general have to be protected by superfast electronic fuses. Principles for dimensioning have to be considered. Fuses in the system have to be marked. Due to the special switching, the PFC capacitors are fully loaded even when the particular step has been switched off. Protection against contact has to be guaranteed. Warning signals in the systems are required. Even in switched off state no electrical isolation is achieved for electronic switches. Therefore parts of the systems may not be touched after switching off the complete system before the capacitors have been completely discharged.
FAILURE TO FOLLOW CAUTIONS MAY RESULT, WORST CASE, IN PREMATURE FAILURES OR PHYSICAL INJURY.
U Please read cautions information about PFC capacitors and cautions as well as installation and maintenance instructions to ensure optimum performance and prevent products from failing, and in worst case, bursting and fire, etc. The actual Product Profile is available at www.epcos.com/publications. Information given in the PFC-product profile and values given in the data sheet reflect typical specifications. You are kindly requested to approve our product specifications or request our approval for your specification before ordering.
FK PC PM PFC Please read Cautions and warnings and Important notes at the end of this document. Page 5 of 6
September 2008
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 6 of 6


▲Up To Search▲   

 
Price & Availability of B44066T0100E40208

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X