Part Number Hot Search : 
MUN2115 244APA 74AC259 RGP10 AD730 B2000 LBN13011 CMPD2003
Product Description
Full Text Search
 

To Download B40411 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
SAW RF filter
Short range devices
Series/type: Ordering code: Date: Version:
B4041 B39252B4041U410 June 26, 2009 2.3
(c) EPCOS AG 2009. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
SAW Components SAW RF filter Data sheet
Application
s s s s
B4041 2450.00 MHz
Low-loss RF filter for ISM 2450 MHz Low amplitude ripple Usable passband 97 MHz No matching network required for operation at 50
Features Package size 3.0 x 3.0 x 1.1 mm3 Package code DCC6C RoHS compatible Approximate weight 0.037 g Package for Surface Mount Technology (SMT) s Ni, gold-plated terminals s Lead free soldering compatible with J - STD20C s Electrostactic Sensitive Device (ESD)
s s s s s
Pin configuration
s2 s5 s 1, 3, 4, 6
Input Output To be grounded
Please read cautions and warnings and important notes at the end of this document.
2
June 26, 2009
SAW Components SAW RF filter Data sheet
Characteristics Temperature range for specification: Terminating source impedance: Terminating load impedance: TA = -40 C to +85 C ZS = 50 ZL = 50 min. Center frequency fC -- typ. @ 25 C 2448.50 max. --
B4041 2450.00 MHz
MHz
Maximum insertion attenuation max 2400.00 ... 2497.00 MHz Amplitude ripple (p-p) 2400.00 ... 2497.00 MHz Attenuation 50.00 1785.00 2100.00 2600.00 2800.00 3100.00 4200.00 ... ... ... ... ... ... ... 1785.00 2100.00 2300.00 2800.00 3100.00 4200.00 5000.00 MHz MHz MHz MHz MHz MHz MHz
--
2.9
4.0
dB
--
1.4
2.7
dB
15.0 18.0 24.0 22.0 24.0 20.0 7.0
19.0 22.0 28.0 26.0 28.0 25.0 10.0
-- -- -- -- -- -- --
dB dB dB dB dB dB dB
Maximum ratings Operable temperature range TA Storage temperature range DC voltage Input power max. Tstg VDC PIN -45/+125 C -45/+125 C 6 16.0 V dBm source impedance 50
Please read cautions and warnings and important notes at the end of this document.
3
June 26, 2009
SAW Components SAW RF filter Data sheet
Transfer function (passband)
B4041 2450.00 MHz
Transfer function
Please read cautions and warnings and important notes at the end of this document.
4
June 26, 2009
SAW Components SAW RF filter Data sheet
Transfer function (wideband)
B4041 2450.00 MHz
Please read cautions and warnings and important notes at the end of this document.
5
June 26, 2009
SAW Components SAW RF filter Data sheet
B4041 2450.00 MHz
References Type Ordering code Marking and package Packaging Date codes S-parameters Soldering profile RoHS compatible B4041 B39252B4041U410 C61157-A7-A67 F61074-V8168-Z000 L_1126 B4041_NB.s2p B4041_WB.s2p S_6001 defined as compatible with the following documents: "DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 27 January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment. 2005/618/EC from April 18th, 2005, amending Directive 2002/95/EC of the European Parliament and of the Council for the purposes of establishing the maximum concentration values for certain hazardous substances in electrical and electronic equipment."
For further information please contact your local EPCOS sales office or visit our webpage at www.epcos.com . Published by EPCOS AG Surface Acoustic Wave Components Division P.O. Box 80 17 09, 81617 Munich, GERMANY (c) EPCOS AG 2009. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
Please read cautions and warnings and important notes at the end of this document.
6
June 26, 2009
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. The warnings, cautions and product-specific notes must be observed. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, PhiCap, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
2.
3. 4.
5.
6.
7.
7
June 26, 2009


▲Up To Search▲   

 
Price & Availability of B40411

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X