Part Number Hot Search : 
704123 87001 CX74005 Q800302 4740A IRFY140 16DPGW5B SMB10AT3
Product Description
Full Text Search
 

To Download B3R-0505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B3R
3 WATT DC/DC CONVER TER, SINGLE & MULTIPLE OUTPUTS
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load
INPUT SPECIFICATIONS
Input Voltage.................................... 10% Input Filter........................................ PI-Network
OUTPUT SPECIFICATIONS
Output Voltage Accuracy................. 5% Efficiency.......................................... 60% typ. Over-Current Protection...................Built-in (Automatic Recovery) Ripple ..............................................50 mVp-p (DC to 100MHZ) Line Regulation................................ 0.5%
FEATURES
ECONOMY LINE WIDE INPUT VOLTAGE RANGE REGULATED OUTPUT 24 PIN DIL PACKAGES PI INPUT FILTER
Line Filter......................................... Built-in Load Regulation...............................0.5%
GENERAL SPECIFICATIONS
Isolation Voltage......................................... DC 500V MTBF.............................................. >1,000,000 hours Isolation Resistance........................ 100M -ohms
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................... -25 ~ +70C Temperature Coefficient...................0.05%/ C Humidity........................................... 30%~95% RH Storage Temperature....................... -55C ~ +125C
PHYSICAL SPECIFICATIONS
Case Material.....................................UL 94V-0 Plastic Dual In-Line Pin Configuration
42
Series
PART NUMBER
B3R - 0505 B3R - 0512 B3R - 0515 B3R - 0505D B3R - 0512D B3R - 0515D B3R - 1205 B3R - 1212 B3R - 1215 B3R - 1205D B3R - 1212D B3R - 1215D B3R - 2405 B3R - 2412 B3R - 2415 B3R - 2405D B3R - 2412D B3R - 2415D
INPUT VOLTAGE
OUTPUT VOLTAGE
5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT
600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA 600 mA 250 mA 200 mA 300 mA 125 mA 100 mA
EFFICIENCY
52 % 62 % 64 % 52 % 55 % 62 % 52 % 62 % 64 % 52 % 55 % 62 % 52 % 62 % 64 % 52 % 55 % 62 %
5 VDC
12 VDC
24 VDC
Pin Connections
1 2 3
24 23 22
10 11 12 TOP VIEW
15 14 13
PIN 1 2 3 10 11 12 13 14 15 22 23 24
SINGLE OUTPUT +Vin (Vcc) No function No function -Vout +Vout -Vin (GND) -Vin (GND) +Vout -Vout No function No function +Vin (Vcc)
DUAL OUTPUT +Vin (Vcc) -Vout Common Common +Vout -Vin (GND) -Vin (GND) +Vout Common Common -Vout +Vin (Vcc)
1.25"
.80"
.40" MAX.
.70" TYP. .100" TYP.
.600"
.120" MIN.
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
43


▲Up To Search▲   

 
Price & Availability of B3R-0505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X