Part Number Hot Search : 
120DC YDH200 1N4732 2SC3354 FTVFIA 2SK1313S 1N4716 CY7C145
Product Description
Full Text Search
 

To Download B22R-0512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B2.2R
2 WATT DC/DC CONVER TER, SINGLE & MULTIPLE OUTPUTS
ELECTRICAL SPECIFICATIONS
All specifications are typical at nominal input, full load
INPUT SPECIFICATIONS
Input Voltage.................................... 10% Input Filter........................................ PI-Network
OUTPUT SPECIFICATIONS
Output Voltage Accuracy................. 5% Efficiency.......................................... 65% typ. Over-Current Protection...................Built-in (Automatic Recovery) Ripple ..............................................50 mVp-p (DC to 100MHZ) Line Regulation................................ 0.5%
FEATURES
ECONOMY LINE WIDE INPUT VOLTAGE RANGE REGULATED OUTPUT 24 PIN DIL PACKAGES PI INPUT FILTER
Line Filter......................................... Built-in Load Regulation...............................0.5%
GENERAL SPECIFICATIONS
Isolation Voltage Primary to Secondary............... DC 500V/ 1min. 5mA Primary to Case........................ DC 500V/ 1min. 5mA Secondary to Case.................... DC 500V/ 1min. 5mA Isolation Resistance........................ 100M -ohms
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................... -25 ~ +70C Temperature Coefficient...................0.05%/ C Humidity........................................... 30%~95% RH Storage Temperature....................... -55C ~ +125C
PHYSICAL SPECIFICATIONS
Case Material.....................................UL 94V-0 Plastic Dual In-Line Pin Configuration
40
Series
PART NUMBER
B2.2R - 0505 B2.2R - 0512 B2.2R - 0515 B2.2R - 0505D B2.2R - 0512D B2.2R - 0515D B2.2R - 1205 B2.2R - 1212 B2.2R - 1215 B2.2R - 1205D B2.2R - 1212D B2.2R - 1215D B2.2R - 2405 B2.2R - 2412 B2.2R - 2415 B2.2R - 2405D B2.2R - 2412D B2.2R - 2415D
INPUT VOLTAGE
OUTPUT VOLTAGE
5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
OUTPUT CURRENT
400 mA 180 mA 150 mA 100 mA 90 mA 75 mA 400 mA 180 mA 150 mA 100 mA 90 mA 75 mA 400 mA 180 mA 150 mA 100 mA 90 mA 75 mA
EFFICIENCY
60 % 62 % 66 % 52 % 60 % 62 % 60 % 62 % 66 % 52 % 60 % 62 % 60 % 62 % 66 % 52 % 60 % 62 %
5 VDC
12 VDC
24 VDC
1 2 3
24 23 22
Pin Connections PIN 1 2 3 10 11 12 13 14 15 22 23 24 SINGLE OUTPUT +Vin (Vcc) No function No function -Vout +Vout -Vin (GND) -Vin (GND) +Vout -Vout No function No function +Vin (Vcc) DUAL OUTPUT +Vin (Vcc) -Vout Common Common +Vout -Vin (GND) -Vin (GND) +Vout Common Common -Vout +Vin (Vcc)
10 11 12 TOP VIEW
15 14 13
1.25"
.80"
.40" MAX.
.70" TYP. .100" TYP.
.600"
.120" MIN.
LEAD WIRE O=0.020" TYP.
NOTE: All specifications typical and nominal / full load and 25C unless otherwise noted. Avoid sustained operation in overload or dead short conditions.
Specifications subject to changes without notice.
41


▲Up To Search▲   

 
Price & Availability of B22R-0512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X