Part Number Hot Search : 
2SK22 S10P2 TE1819 74ALS373 L6402 94C33 LDBK2040 MT9M019
Product Description
Full Text Search
 

To Download AUG14C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
AUG14C2
www.SunLED.com
13.8mm (0.54") 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
Features
0.54 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. STANDARD: GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] Part Number Emitting Color VR IF iFS PT TA Tstg UG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.)(IF=10mA) Wavelength of Dominant Emission (Typ.)(IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. AUG14C2 Green GaP 1900 typ. 7990 565 Common Cathode, Rt. Hand Decimal Wavelength nm P VF VF IR P UG (GaP) 2.0 2.5 10 565 Unit V V uA nm
D
568
nm
30
nm
260C For 3~5 Seconds
C
15
pF
Emitting Material
Description
Published Date : MAR 13 ,2008
Drawing No : SDSA0414
V4
Checked : Shin Chi
P.1/4
Part Number:
AUG14C2
www.SunLED.com
13.8mm (0.54") 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
UG
Published Date : MAR 13 ,2008
Drawing No : SDSA0414
V4
Checked : Shin Chi
P.2/4
Part Number:
AUG14C2
www.SunLED.com
13.8mm (0.54") 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
AUG14C2
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13 ,2008
Drawing No : SDSA0414
V4
Checked : Shin Chi
P.3/4
Part Number:
AUG14C2
www.SunLED.com
13.8mm (0.54") 14 SEGMENT DUAL DIGIT ALPHANUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
AUG14C2
Published Date : MAR 13 ,2008
Drawing No : SDSA0414
V4
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of AUG14C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X