Part Number Hot Search : 
1N6462 10061 T500APA1 APTC80A EE08449 LMV321 ED503S V24B12
Product Description
Full Text Search
 

To Download APT30DQ120K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1200V 30A APT30DQ120K APT30DQ120KG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
(K)
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1 - Cathode 2 - Anode Back of Case - Cathode
1 2
1
2
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT30DQ120K(G) UNIT
1200
Volts
Maximum Average Forward Current (TC = 103C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
30 43 210 20 -55 to 175 300
C mJ Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Forward Voltage IF = 60A IF = 30A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V VR = 1200V VR = 1200V, TJ = 125C MIN TYP MAX UNIT
2.8 3.4 2.1
3.3
Volts
100 500 36
A pF
053-4246 Rev C 2-2010
Microsemi Website - http://www.microsemi.com
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 30A, diF/dt = -1000A/s VR = 667V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 667V, TC = 125C IF = 30A, diF/dt = -200A/s VR = 667V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP
APT30DQ120K(G)
MAX UNIT ns
26 320 545 4 435 2100 9 180 2975 28 nC Amps ns nC Amps ns nC Amps
-
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol R
JC
Characteristic / Test Conditions Junction-to-Case Thermal Resistance
MIN
TYP
MAX
UNIT C/W oz g
.80 0.07
WT
Package Weight
9.9 10
lb*in N*m
Torque
Maximum Mounting Torque
1.1
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
0.90 , THERMAL IMPEDANCE (C/W) 0.80 D = 0.9 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0 10-5 0.1 0.05 10-4 SINGLE PULSE 0.5
Note:
0.7
PDM
t1 t2
0.3
JC
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
Z
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
053-4246 Rev C 2-2010
TYPICAL PERFORMANCE CURVES
200 trr, REVERSE RECOVERY TIME (ns) 180 IF, FORWARD CURRENT (A) 160 140 120 100 80 60 40 20 0 0 TJ = 125C TJ = 25C TJ = 175C 600
T = 125C J V = 800V
R
APT30DQ120K(G)
60A
500
400 30A 300 15A 200
TJ = -55C
100 0
1 2 3 4 5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 5000 Qrr, REVERSE RECOVERY CHARGE (nC)
T = 125C J V = 800V
R
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 35
T = 125C J V = 800V
60A
30 25
R
4000
60A
3000 30A 2000 15A 1000
30A 20 15 15A 10 5 0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 trr trr 0.8 IRRM Qrr
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 50 45 40 35 IF(AV) (A) 30 25 20
Duty cycle = 0.5 T = 175C
J
Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s)
1.0
0.6
0.4 Qrr 0.2 0.0
15 10 5
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 200 180 CJ, JUNCTION CAPACITANCE (pF) 160 140 120 100 80 60 40 20 10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage 0 1
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
053-4246 Rev C 2-2010
APT30DQ120K(G)
Vr +18V 0V D.U.T. 30H
trr/Qrr Waveform
diF /dt Adjust
APT10035LLL
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
0.25 IRRM
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-220 (K) Package Outline
e3 100% Sn
0.404 [10.26] 0.393 [9.98]
Cathode
0.114 [2.90] 0.102 [2.59] o0.153 [3.89] o0.149 [3.78] 0.508 [12.90] 0.492 [12.50] 0.362 [9.19] 0.354 [8.99] 0.058 [1.47] 0.047 [1.19]
0.186 [4.72] 0.174 [4.42]
0.154 [3.91] 0.134 [3.40] 0.531 [13.49] 0.515 [13.08] 0.057 [1.45] 0.047 [1.19]
0.110 [2.79] 0.099 [2.51]
Cathode Anode
053-4246 Rev C 2-2010
0.100 [2.54] TYP 0.204 [5.18] 0.196 [4.98]
0.034 [0.86] 0.030 [0.76]
0.018 [0.46] 0.014 [0.36]
Microsemi's products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT30DQ120K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X