Part Number Hot Search : 
25201 24SR12 S1048 GM0465R LT1P97A SLC0XXX 2SC4434 MMSZ5259
Product Description
Full Text Search
 

To Download AGL125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Overview iW-ATA/ATAPI Controller core provides a simple interface towards ATA/ATAPI devices. This core can be used to control ATA/ATAPI memory devices such as hard-disk drives, CD/DVD players.
Features
One IDE bus Parallel ATA/ATAPI-5 mode of operation ATA PIO mode 0,1,2,3, and 4 ATA Multi Word DMA mode 0, 1 and 2 ATA UDMA mode 0, 1, 2,3 and 4 Wishbone interface 28-bit LBA mode of addressing
Block Diagram
PIO FSM Whisbone Bus Wishbone Interface DMA FSM UDMA FSM ATA Interface Hard Disk/ CD/DVD Drive
Device Utilization Summary
Actel Device Family ProASIC3 A3P125 IGLOO AGL125
Benefits
Tiles 1708 1701
Core RAM I/O cells Frequency Power Utilization Utilization 55.60% 103 50% 100 MHz 618.867 mW 55.37% 103 50% 100 MHz 123.319 mW
Embedded applications in networking and Telecommunication Systems High speed, high performance peripheral applications
Deliverables
Technical Specification RTL Verilog Synthesisable Code Comprehensive Test Environment Technical Support and Maintenance
Supply of this core does not convey nor imply a right under the patent rights of the respective patent holders, if any, to make use or sell any product employing these patent rights. A patent license from respective patent holder may be required for any use of such patent rights, including the implementation of the core in an FPGA or an Integrated Circuit or any other device.


▲Up To Search▲   

 
Price & Availability of AGL125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X