Part Number Hot Search : 
FPD6836 P003H BGD902 5HN02M C8015 12003 SH223SV CM1895
Product Description
Full Text Search
 

To Download ADL5360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
RF Frequency 700MHz to 1000MHz IF Frequency 50MHZ to 350MHz Power Conversion Gain of 8.5dB SSB Noise Figure of 9.5dB SSB NF with +10dBm blocker of 16.5dB Input IP3 of 26dBm Input P1dB of 10 dBm Typical LO Drive of 0 dBm Single-ended, 50 RF and LO Input Ports High Isolation SPDT LO Input Switch Single Supply Operation: 3.3 to 5 V Exposed Paddle 6 x 6 mm, 36 Lead LFCSP Package
Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun ADL5360
APPLICATIONS
Cellular Base Station Receivers Main and Diversity Receiver Designs Radio Link Downconverters
GENERAL DESCRIPTION
The ADL5360 utilizes two highly linear doubly balanced passive mixer cores along with integrated RF and LO balancing circuitry to enable single-ended operation. The ADL5360 incorporates two RF baluns allowing for optimal main and diversity mixer performance over a 700 to 1000 MHz RF input frequency range using low-side LO injection. The balanced passive mixer arrangement provides good LO to RF leakage, typically better than -25dBm, and excellent intermodulation performance. The balanced mixer cores also provide extremely high input linearity allowing the device to be used in demanding cellular applications where in-band blocking signals may otherwise result in the degradation of dynamic performance. High linearity IF buffer amps follow the passive mixer cores, to yield a typical power conversion gain of 9.5dB. (For a higher IIP3 version of the dual mixer without the IF amplifiers, please contact the factory). The ADL5360 provides two switched LO paths that can be utilized in TDD applications where it is desirable to rapidly alternate between two local oscillators. LO current can be externally set using a resistor to minimize DC current
REV. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
Figure 1. Functional Block Diagram
commensurate with the desired level of performance. An additional 3V logic pin is provided to power down (<100uA) the circuit when desired. For low voltage applications, the ADL5360 is capable of operation at voltages down to 3V with substantially reduced DC current. The ADL5360 is fabricated using a BiCMOS high performance IC process. The device is available in a 6mm x 6mm 36-lead LFCSP package and operates over a -40C to +85C temperature range. An evaluation board is also available.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. www.analog.com Tel: 781.329.4700 Fax: 781.326.8703 (c) 2008 Analog Devices, Inc. All rights reserved.
ADL5360 ADL5360--Specifications at VS=5V
Preliminary Technical Data
Table 1. VS = 5 V, TA = 25C, fRF = 900 MHz, fLO = 703 MHz, LO power = 0 dBm, Zo = 50, unless otherwise noted
Parameter RF INPUT INTERFACE Return Loss Input Impedance RF Frequency Range OUTPUT INTERFACE Output Impedance IF Frequency Range DC Bias Voltage LO INTERFACE LO Power Return Loss
1
Conditions
Min
Typ 12 50
Max
Unit dB
Tunable to >20dB over a limited bandwidth
700 Differential impedance, f = 200 MHz 40 Externally generated 4.75 -6 Tunable to >20dB over a limited bandwidth VS 0 12 50 200
1000
MHz
450 5.25 +10
MHz V dBm dB MHz
Input Impedance LO Frequency Range DYNAMIC PERFORMANCE Power Conversion Gain Voltage Conversion Gain SSB Noise Figure SSB Noise Figure Under-Blocking Input Third Order Intercept Input Second Order Intercept Input 1 dB Compression Point LO to IF Output Leakage LO to RF Input Leakage RF to IF Output Isolation RFI1 to RFI2 Channel Isolation IF/2 Spurious IF/3 Spurious POWER INTERFACE Supply Voltage Quiescent Current
1
Low Side LO injection
250
960
Including 4:1 IF port transformer and PCB loss ZSOURCE = 50, Differential ZLOAD = 200 Differential Including 4:1 IF port transformer and PCB loss 8dBm Blocker present +/-10MHz from wanted RF input, LO source filtered fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz, each RF tone at -10 dBm fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz, each RF tone at -10 dBm
8.5 15 9.2 18 26 55 11
dB dB dB dB dBm dBm dBm dBm dBm dBc
Unfiltered IF Output, Improves substantially with external filter components.
-20 -33
Unfiltered IF Output, Improves substantially with external filter components.
33 50
-10 dBm Input Power -10 dBm Input Power
-65 -74
dBc dBc
5 Resistor Programmable 380
V mA
Supply voltage must be applied from external circuit through external inductors.
REV. PrA | Page 2 of 9
Preliminary Technical Data ADL5360--Specifications at VS=3.3v
Table 2. VS = 3.3 V, TA = 25C, fRF = 900 MHz, fLO = 703 MHz, LO power = 0 dBm, Zo = 50, unless otherwise noted
Parameter DYNAMIC PERFORMANCE Power Conversion Gain Voltage Conversion Gain SSB Noise Figure Input Third Order Intercept Input Second Order Intercept Input 1 dB Compression Point POWER INTERFACE Supply Voltage Quiescent Current Resistor Programmable 3.0 3.3 265 3.6 Including 4:1 IF port transformer and PCB loss ZSOURCE = 50, Differential ZLOAD = 200 Differential Including 4:1 IF port transformer and PCB loss fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz, each RF tone at -10 dBm fRF1 = 899.5 MHz, fRF2 = 900.5 MHz, fLO = 703 MHz, each RF tone at -10 dBm 9.5 16 8.6 19 50 6 Conditions Min Typ Max
ADL5360
Unit
dB dB dB dBm dBm dBm
V mA
REV. PrA | Page 3 of 9
ADL5360 ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter Supply Voltage, VPOS PWDN, LOSW, VGS0, VGS1, VGS2 RF Input Power, DVIN, MNIN Internal Power Dissipation JA (Exposed Paddle Soldered Down) JC (At Exposed Paddle) Maximum Junction Temperature Operating Temperature Range Storage Temperature Range Rating 5.5 V 3.3 V TBD TBD TBD TBD TBD -40C to +85C -65C to +150C
Preliminary Technical Data
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
REV. PrA | Page 4 of 9
Preliminary Technical Data PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADL5360
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 1 2 3, 5, 7, 12, 20, 34 4,, 6, 10, 16, 21, 30, 36 8 9 11 13, 14 15 17 18, 28 19, 22 23 24, 25, 26 27 29 31 32, 33 35 Mnemonic MNIN MNCT COMM Function RF Input for Main Channel. Internally matched to 50. Must be ac-coupled. Center Tap for Main Channel Input Balun. Should be bypassed to ground using low inductance capacitor. Device Common (DC Ground).
VPOS
Positive Supply Voltage.
DVCT DVIN DVGM DVOP, DVON DVLE DVLG NC L0I1 PWDN LOSW VGS0, VGS1, VGS2 LOI2 MNLG MNLE MNOP, MNON MNGM
Center Tap for Diversity Channel Input Balun. Should be bypassed to ground using low inductance capacitor. RF Input for Diversity Channel. Internally matched to 50. Must be ac-coupled. Diverstiy Amplifier Bias Setting. Connect 1.2k resistor to ground for typical operation. Diversity Channel Differential Open-Collector Outputs. DVOP and DVON should be pulled-up to VCC using pull-up choke inductors. Diversity Channel External Inductor. Connect 10nH inductor to ground for typical operation. Diverstiy Channel LO Buffer Bias Setting. Connect 390 resistor to ground for typical operation. No Connect. Local Oscillator Input 1. Internally matched to 50. Must be ac-coupled. Connect to Ground for Normal Operation. Connect pin to 3.3V for disable mode. Local Oscillator Input Selection Switch. Set LOSW high to select LOI1, and set low to select LOI2. Gate to Source Control Voltages. For typical operation set VGS2 high and VGS0 and VGS1 to low logic level. Local Oscillator Input 2. Internally matched to 50. Must be ac-coupled. Main Channel LO Buffer Bias Setting. Connect 390 resistor to ground for typical operation. Main Channel External Inductor. Connect 10nH inductor to ground for typical operation. Main Channel Differential Open-Collector Outputs. MNOP and MNON should be pulled-up to VCC using pullup choke inductors. Main Amplifier Bias Setting. Connect 1.2k resistor to ground for typical operation.
REV. PrA | Page 5 of 9
ADL5360
Preliminary Technical Data
TYPICAL PERFORMANCE CHARACTERISTICS-PRELIMINARY DATA
VS = 5 V, TA = 25C, as measured using typical circuit schematic with low-side LO unless otherwise noted.
Figure 3. Conversion Gain versus RF Frequency
Figure 6. Single-Sideband NF versus RF Frequency
Figure 4. IIP3 versus RF Frequency
Figure 7. Single-Sideband NF versus Blocker Level at 1900MHz
Figure 5. IP1dB versus RF Frequency
Figure 8. LO to RF Leakage versus LO Frequency
REV. PrA | Page 6 of 9
Preliminary Technical Data EVALUATION BOARD SCHEMATIC
ADL5360
Figure 9. Evaluation Board Schematic.
REV. PrA | Page 7 of 9
ADL5360
Table 3. Eval Board Configuration
Components C1, C4, C5, C8, C10, C12, C13, C15, C18, C21, C22, C23, C24, C25, C26 Function Power Supply Decoupling. Nominal supply decoupling consists a 0.01 F capacitor to ground in parallel with 10pF capacitors to ground positioned as close to the device as possible.
Preliminary Technical Data
Z1-Z4, C2, C3, C6, C7, C9, C22
T1, T2, C17, C19, C20, C27, C28, C29, C30, C31, C32, C33, L1, L2, L4, L5, R3, R6, R9, R10
C14, C16, R15, LOSEL
R19, PWDN
R1, R2, R4, R5,L3, L6, R7, R8, R11, R12, R13, R14, R16, R17, C34
RF Main and Diversity Input Interface. Main and Diversity input channels are ac-coupled through C9 and C22. Z1-Z4 provides additional component placement for external matching/filter networks. C2, C3, C6, and C7 provide bypassing for the center taps of the main and diversity on-chip input baluns. IF Main and Diversity Output Interface. The open collector IF output interfaces are biased through pull-up choke inductors L1, L2, L4, and L5, with R3 and R6 available for additional supply bypassing. T1 and T2 are 4:1 impedance transformers used to provide a single ended IF output interface, with C27 and C28 providing center-tap bypassing. C17, C19, C20, C29, C30, C31, C32, and C33 ensure an ac-coupled output interface. R9 and R10 should be removed for balanced output operation. LO Interface. C14 and C16 provide ac-coupling for the LOI1 and LOI2 local oscillator inputs. LOSEL selects the appropriate LO input for both mixer cores. R15 provides a pull-down to ensure LOI2 is enabled when the LOSEL jumper is removed. Jumper can be removed to allow LOSEL interface to be excercised using external logic generator. PWDN Interface. When the PWDN 2-pin shunt is inserted the ADL5356 is powered down. When open R19 pulls the PWDN logic low and enables the device. Jumper can be removed to allow PWDN interface to be excercised using external logic generator. It is permissible to ground the pwrdn pin for nominal operation. Bias Control. R16 and R17 form a voltage divider to provide a 3V for logic control, bypassed to ground through C34. R7, R8, R11, R12, R13, and R14 provide resistor programmability of VGS0, VGS1 and VGS2. Typically these nodes can be hard-wired for nominal operation. It is permissible to ground these pins for nominal operation. R2 and R5 set the bias point for the internal LO buffers. R1 and R4 set the bias point for the internal IF amplifiers. L3 and L6 are external inductors used to improve isolation and common mode rejection.
Default Conditions C10 = 4.7 F (size 3216) C1, C8, C12, C21 = 150pF (size 0402) C4, C5, C22, C23, C24, C25, C26 = 10pF (size 0402) C13, C15, C18 = 0.1 (size 0402) C2, C7 = 10pF (size 0402) C3, C6 = 0.01 F (size 0402) C9, C22 = 22pF (size 0402) Z1-Z4 = open (size 0402) C17, C19, C20, C29-C33 = 0.001 F (size 0402) C27, C28 = 150pF (size 0402) T1, T2 = TC4-1T+ (MiniCircuits) L1, L2, L4, L5 = 330 nH (size 0805) R3, R6, R9, R10 = 0 (size 0402) C14, C16 = 10pF (size 0402) R15 = 10k (size 0402) LOSEL = 2-pin shunt
R19 = 10k (size 0402) PWDN = 2-pin shunt
R1, R4 = 1.2k (size 0402) R2, R5 = 390 (size 0402) L3, L6 = 10nH (size 0603) R7, R13, R14 = open (size 0402) R8, R11, R12 = 0 (size 0402) R16 = 10k (size 0402) R17 = 15k (size 0402) C34 = 1nF (size 0402)
REV. PrA | Page 8 of 9
Preliminary Technical Data OUTLINE DIMENSIONS
ADL5360
Figure 10. 36-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 6mm x 6 mm Body, Very Thin Quad (CP-36-1)) Dimensions shown in millimeters
ORDERING GUIDE
Models ADL5360XCPZ-R7 ADL5360XCPZ-WP ADL5360-EVALZ Temperature Range -40C to +85C -40C to +85C Package Description 36-Lead Lead Frame Chip Scale Package [LFCSP_VQ] 36-Lead Lead Frame Chip Scale Package [LFCSP_VQ] Evaluation Board Package Option CP-36-1 CP-36-1 Branding TBD TBD Transport Media Quantity TBD, Reel TBD, Waffle Pack 1
REV. PrA | Page 9 of 9
PR07884-0-10/08(PrA)


▲Up To Search▲   

 
Price & Availability of ADL5360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X