Part Number Hot Search : 
JANSR TA1190A PEB24902 NTE4007 CPH3104 ESDA6V1 MSP430F 30620
Product Description
Full Text Search
 

To Download A16A50X4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ROHS Compliant
Model A16A50X4
Chip Termination 16 Watts, 50
Description
The A16A50X4 is high performance Alumina (Al2O3) chip termination intended as a low cost alternative to Beryllium Oxide (BeO) and Aluminum Nitride (AlN). The termination is well suited to all cellular frequency bands such as; AMPS, GSM, DCS, PCS, PHS and UMTS. The medium power handling makes the part ideal for terminating circulators and for use in power combiners. The termination is also RoHS compliant!
General Specifications Features:
* RoHS Compliant * 16 Watts * DC - 4.0 GHz * Al2O3 Ceramic * Non-Nichrome Resistive Element * Low VSWR
* 100% Tested * Small Size Resistive Element Substrate Terminal Finish Operating Temperature Thick film Al2O3 Ceramic Matte Tin over Nickel Barrier -55 to +150C (see de-rating chart)
Tolerance is 0.010", unless otherwise specified. Designed to meet of exceed applicable portions of MIL-E-5400. All dimensions in inches.
Electrical Specifications
Resistance Value: Power: Frequency Range: Return Loss 50 Ohms, 2% 16 Watts DC - 4.0 GHz > 28 dB to 2.2 GHz > 25 dB to 2.7 GHz > 20 dB to 4.0 GHz
Specification based on unit properly installed using suggested mounting instructions and a 50 ohm nominal impedance. Specifications subject to change.
Outline Drawing
A16A50X4 (097) rev.E pg.1of 2
Available on Tape and Reel For Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Model A16A50X4
Typical Performance:
Power De-rating:
Tape & Reel:
Available upon request.
Mounting Footprint and Procedure:
A16A50X4 (097) rev.E pg.2 of 2
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Available on Tape and Reel For Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of A16A50X4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X