Part Number Hot Search : 
TB019 TSC326 2903002 WD76C31 FE01E 91614 GP2A200 T52C2
Product Description
Full Text Search
 

To Download 8192-3112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Sonardyne UK (Head Office) T. +44 (0) 1252 872288 F. +44 (0) 1252 876100 E. sales@sonardyne.com www.sonardyne.com
Datasheet Wideband Mini Transponder (WMT)
Description Sonardyne's existing Wideband SubMini transponder (WSM) is typically interrogated by a responder trigger down the ROVs' umbilical or a narrow band tone signal. In some situations, reverberation or multipath of the tone interrogation can cause interference problems. The new WMT is Sonardyne's first mini-sized transponder, slightly larger than the WSM and providing full two-way Wideband interrogation and reply which completely mitigates interference from other users and to other users. For use on ROVs, the WMT includes responder trigger, an integrated Li-Ion battery pack that is charged from the ROV's power supply and full RS232communications enabling channel set up, power, gain etc. to be changed from the surface. An On/Off switch helps ensure the battery pack is not discharged when not in use. When an umbilical trigger is not available, then full Wideband mode provides excellent USBL performance in a small, lightweight form. New remote transducers, either omni or directional are available for both the WMT and existing WSM range. These make installation on an ROV easier as the transducer can be installed where there is good line-ofsight. The main body of the transponder, the more expensive part, can then be installed within the ROV frame where it is well protected. Transducers can then be easily replaced if damaged.
Key Features * Full two-way Sonardyne Wideband(R) interrogation and reply - mitigates any interference and multi-path issues * Mini size - lightweight and small * Responder mode * Li-Ion battery pack * Optional remote transducer * Pressure sensor option * Full RS232 control from the surface * External On/Off switch * New, versatile and future-proof design
Sonardyne UK (Head Office) T. +44 (0) 1252 872288 F. +44 (0) 1252 876100 E. sales@sonardyne.com www.sonardyne.com
Specifications Wideband Mini Transponder (WMT)
510.3 mm [20.09 in] O93.1 mm [3.67 in] Over PVC sleeve O88.0 mm [3.46 in] Housing
M AX
350.0 mm [13.78 in] (Clamping area)
499.0 mm [19.65 in]
O93.1 mm [3.67 in] Over PVC Sleeve.
] in
O88.0 mm [3.46 in] Housing.
System Features Depth Rating Frequency Band Transducer beam shape Source Level (re 1 Pa @ 1m) Depth Sensor Communications Interface External Supply Voltage External Power
Battery Life (Lithium Ion 15V) Mechanical Construction Dimensions Weights (Air / Water) Options
Specifications subject to change without notice - 03/2009
O .0 98 6 .8 [3 m. m AX M
350.0 mm [13.78 in] (Clamping area)
High Power Low Power
Sleep Wideband Listening Battery Charging Peak (during transmission) Listening Continuous 5 sec interrogation
Type 8190-3111 Type 8192-3112 3,000 Metres 3,000 Metres MF (19-36kHz) MF (19-36kHz) Omni-Directional 130 Directional 40 187 dB 193 dB 181 dB 187 dB 0.5% full scale 0.5% full scale RS232 (9,600 - 115,200 baud) 18-50 Volts DC 18-50 Volts DC <300mW <300mW <500mW <500mW 6W 6W <50W <50W 30 days 30 days Approx 6 days at low power Approx 6 days at low power Anodised Aluminium alloy Anodised Aluminium alloy and Plastics and Plastics 499mm x 93mm 510mm x 98mm 5.1 / 2.2Kg 7.0 / 3.5Kg Remote, cable connected transducer (see separate datasheet)


▲Up To Search▲   

 
Price & Availability of 8192-3112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X