Part Number Hot Search : 
SM0038 K4107 UADT120 CR50HR B100B UADT120 RD91E 90N03
Product Description
Full Text Search
 

To Download 74AUP1G17GF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74AUP1G17
Low-power Schmitt trigger
Rev. 03 -- 10 July 2009 Product data sheet
1. General description
The 74AUP1G17 provides the single Schmitt-trigger buffer. It is capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down. The inputs switch at different points for positive and negative-going signals. The difference between the positive voltage VT+ and the negative voltage VT- is defined as the input hysteresis voltage VH.
2. Features
I Wide supply voltage range from 0.8 V to 3.6 V I High noise immunity I ESD protection: N HBM JESD22-A114E Class 3A exceeds 5000 V N MM JESD22-A115-A exceeds 200 V N CDM JESD22-C101C exceeds 1000 V I Low static power consumption; ICC = 0.9 A (maximum) I Latch-up performance exceeds 100 mA per JESD 78 Class II I Inputs accept voltages up to 3.6 V I Low noise overshoot and undershoot < 10 % of VCC I IOFF circuitry provides partial Power-down mode operation I Multiple package options I Specified from -40 C to +85 C and -40 C to +125 C
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
3. Ordering information
Table 1. Ordering information Package Temperature range Name 74AUP1G17GW 74AUP1G17GM 74AUP1G17GF -40 C to +125 C -40 C to +125 C -40 C to +125 C TSSOP5 XSON6 XSON6 Description plastic thin shrink small outline package; 5 leads; body width 1.25 mm Version SOT353-1 Type number
plastic extremely thin small outline package; no leads; SOT886 6 terminals; body 1 x 1.45 x 0.5 mm plastic extremely thin small outline package; no leads; SOT891 6 terminals; body 1 x 1 x 0.5 mm
4. Marking
Table 2. Marking Marking code[1] pJ pJ pJ Type number 74AUP1G17GW 74AUP1G17GM 74AUP1G17GF
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
2
A
Y
4
2
4
mnb151
mnb150
Fig 1. Logic symbol
Fig 2. IEC logic symbol
A
Y
mnb152
Fig 3. Logic diagram
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
2 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
6. Pinning information
6.1 Pinning
74AUP1G17 74AUP1G17
n.c. A 1 2 GND GND 3
001aaf170
n.c. 5 VCC A
1
6
VCC n.c. A
74AUP1G17
1 2 3 6 5 4 VCC n.c. Y
2
5
n.c.
3
4
Y
GND
4
Y
001aaf171
001aaf172
Transparent top view
Transparent top view
Fig 4. Pin configuration SOT353-1 (TSSOP5)
Fig 5. Pin configuration SOT886 (XSON6)
Fig 6. Pin configuration SOT891 (XSON6)
6.2 Pin description
Table 3. Symbol n.c. A GND Y n.c. VCC Pin description Pin TSSOP5 1 2 3 4 5 XSON6 1 2 3 4 5 6 not connected data input ground (0 V) data output not connected supply voltage Description
7. Functional description
Table 4. Input A L H
[1] H = HIGH voltage level; L = LOW voltage level.
Function table[1] Output Y L H
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
3 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
8. Limiting values
Table 5. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol VCC IIK VI IOK VO IO ICC IGND Tstg Ptot
[1] [2]
Parameter supply voltage input clamping current input voltage output clamping current output voltage output current supply current ground current storage temperature total power dissipation
Conditions VI < 0 V
[1]
Min -0.5 -50 -0.5 -50
[1]
Max +4.6 +4.6 +4.6 20 +50 +150 250
Unit V mA V mA V mA mA mA C mW
VO < 0 V Active mode and Power-down mode VO = 0 V to VCC
-0.5 -50 -65
Tamb = -40 C to +125 C
[2]
-
The input and output voltage ratings may be exceeded if the input and output current ratings are observed. For TSSOP5 packages: above 87.5 C the value of Ptot derates linearly with 4.0 mW/K. For XSON6 packages: above 118 C the value of Ptot derates linearly with 7.8 mW/K.
9. Recommended operating conditions
Table 6. Symbol VCC VI VO Tamb Recommended operating conditions Parameter supply voltage input voltage output voltage ambient temperature Active mode Power-down mode; VCC = 0 V Conditions Min 0.8 0 0 0 -40 Max 3.6 3.6 VCC 3.6 +125 Unit V V V V C
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
4 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
10. Static characteristics
Table 7. Static characteristics At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Tamb = 25 C VOH HIGH-level output voltage VI = VT+ or VT- IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V VOL LOW-level output voltage VI = VT+ or VT- IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC CI CO VOH input leakage current power-off leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V 1.1 1.7 0.1 0.3 x VCC 0.31 0.31 0.31 0.44 0.31 0.44 0.1 0.2 0.2 0.5 40 V V V V V V V V A A A A A pF pF VCC - 0.1 1.11 1.32 2.05 1.9 2.72 2.6 V V V V V V V V 0.75 x VCC Conditions Min Typ Max Unit
additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V supply current additional supply current input capacitance output capacitance HIGH-level output voltage VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VI = GND or VCC; VCC = 0 V to 3.6 V VO = GND; VCC = 0 V VI = VT+ or VT- IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V
Tamb = -40 C to +85 C VCC - 0.1 0.7 x VCC 1.03 1.30 1.97 1.85 2.67 2.55 V V V V V V V V
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
5 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter VOL LOW-level output voltage Conditions VI = VT+ or VT- IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V II IOFF IOFF ICC ICC input leakage current power-off leakage current VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V 0.1 0.3 x VCC 0.37 0.35 0.33 0.45 0.33 0.45 0.5 0.5 0.6 0.9 50 V V V V V V V V A A A A A Min Typ Max Unit
additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V supply current additional supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V VI = VT+ or VT- IO = -20 A; VCC = 0.8 V to 3.6 V IO = -1.1 mA; VCC = 1.1 V IO = -1.7 mA; VCC = 1.4 V IO = -1.9 mA; VCC = 1.65 V IO = -2.3 mA; VCC = 2.3 V IO = -3.1 mA; VCC = 2.3 V IO = -2.7 mA; VCC = 3.0 V IO = -4.0 mA; VCC = 3.0 V
Tamb = -40 C to +125 C VOH HIGH-level output voltage VCC - 0.11 0.6 x VCC 0.93 1.17 1.77 1.67 2.40 2.30 0.11 0.41 0.39 0.36 0.50 0.36 0.50 0.75 0.75 V V V V V V V V V V V V V V V A A
VOL
LOW-level output voltage
VI = VT+ or VT- IO = 20 A; VCC = 0.8 V to 3.6 V IO = 1.1 mA; VCC = 1.1 V IO = 1.7 mA; VCC = 1.4 V IO = 1.9 mA; VCC = 1.65 V IO = 2.3 mA; VCC = 2.3 V IO = 3.1 mA; VCC = 2.3 V IO = 2.7 mA; VCC = 3.0 V IO = 4.0 mA; VCC = 3.0 V 0.33 x VCC V
II IOFF
input leakage current power-off leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V VI or VO = 0 V to 3.6 V; VCC = 0 V
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
6 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
Table 7. Static characteristics ...continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter IOFF ICC ICC Conditions Min Typ Max 0.75 1.4 75 Unit A A A additional power-off leakage VI or VO = 0 V to 3.6 V; current VCC = 0 V to 0.2 V supply current additional supply current VI = GND or VCC; IO = 0 A; VCC = 0.8 V to 3.6 V VI = VCC - 0.6 V; IO = 0 A; VCC = 3.3 V
11. Dynamic characteristics
Table 8. Dynamic characteristics Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8 Symbol Parameter Conditions Min CL = 5 pF tpd propagation delay A to Y; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 10 pF tpd propagation delay A to Y; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 15 pF tpd propagation delay A to Y; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[2] [2] [2]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C)
Unit
2.6 2.4 2.0 1.9 1.8
19.0 5.7 4.2 3.6 3.0 2.7
10.6 6.5 5.5 4.2 3.6
2.5 2.3 1.9 1.8 1.5
10.9 7.1 6.1 4.6 3.8
11.1 7.4 6.3 4.8 4.0
ns ns ns ns ns ns
2.9 2.6 2.5 2.3 2.1
22.5 6.6 4.8 4.2 3.5 3.3
12.4 7.8 6.3 4.8 4.4
2.7 2.4 2.4 2.1 2.0
12.9 8.3 6.8 5.3 4.6
13.0 8.7 7.1 5.6 4.8
ns ns ns ns ns ns
3.2 3.1 2.7 2.6 2.5
26.0 7.4 5.4 4.7 4.0 3.7
14.1 8.7 7.1 5.6 4.9
3.1 2.8 2.7 2.5 2.2
14.7 9.5 7.8 6.0 5.2
14.9 9.9 8.2 6.3 5.5
ns ns ns ns ns ns
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
7 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
Table 8. Dynamic characteristics ...continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8 Symbol Parameter Conditions Min CL = 30 pF tpd propagation delay A to Y; see Figure 7 VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance f = 1 MHz; VI = GND to VCC VCC = 0.8 V VCC = 1.1 V to 1.3 V VCC = 1.4 V to 1.6 V VCC = 1.65 V to 1.95 V VCC = 2.3 V to 2.7 V VCC = 3.0 V to 3.6 V
[1] [2] [3] All typical values are measured at nominal VCC. tpd is the same as tPLH and tPHL CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; (CL x VCC2 x fo) = sum of the outputs.
[3] [2]
25 C Typ[1] Max
-40 C to +125 C Min Max (85 C) Max (125 C)
Unit
3.9 3.5 3.5 3.4 3.3
36.3 9.7 7.0 6.0 5.1 4.8
19.0 11.2 9.2 7.0 6.2
3.7 3.6 3.4 3.2 3.1
19.8 12.4 10.1 7.5 7.1
20.1 13.0 10.7 7.9 7.5
ns ns ns ns ns ns
-
2.5 2.7 2.8 3.0 3.5 4.0
-
-
-
-
pF pF pF pF pF pF
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
8 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
12. Waveforms
VI A input GND t PHL VOH Y output VOL VM
mnb153
VM
t PLH
Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7. The data input (A) to output (Y) propagation delays Table 9. VCC 0.8 V to 3.6 V Measurement points Output VM 0.5 x VCC Input VM 0.5 x VCC VI VCC tr = tf 3.0 ns
Supply voltage
VCC
VEXT
5 k
G
VI
VO
DUT
RT CL RL
001aac521
Test data is given in Table 10. Definitions for test circuit: RL = Load resistance. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. VEXT = External voltage for measuring switching times.
Fig 8. Load circuitry for switching times Table 10. VCC 0.8 V to 3.6 V
[1]
Test data Load CL RL
[1]
Supply voltage
VEXT tPLH, tPHL open tPZH, tPHZ GND tPZL, tPLZ 2 x VCC
5 pF, 10 pF, 15 pF and 30 pF 5 k or 1 M
For measuring enable and disable times RL = 5 k, for measuring propagation delays, setup and hold times and pulse width RL = 1 M.
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
9 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
13. Transfer characteristics
Table 11. Transfer characteristics Voltages are referenced to GND (ground = 0 V). Symbol Tamb = 25 C VT+ positive-going threshold voltage see Figure 9 and Figure 10 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VT- negative-going threshold voltage see Figure 9 and Figure 10 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VH hysteresis voltage (VT+ - VT-) see Figure 9, Figure 10, Figure 11 and Figure 12 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V Tamb = -40 C to +85 C VT+ positive-going threshold voltage see Figure 9 and Figure 10 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VT- negative-going threshold voltage see Figure 9 and Figure 10 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V
74AUP1G17_3
Parameter
Conditions
Min
Typ
Max
Unit
0.30 0.53 0.74 0.91 1.37 1.88 0.10 0.26 0.39 0.47 0.69 0.88
-
0.60 0.90 1.11 1.29 1.77 2.29 0.60 0.65 0.75 0.84 1.04 1.24
V V V V V V V V V V V V
0.07 0.08 0.18 0.27 0.53 0.79
-
0.50 0.46 0.56 0.66 0.92 1.31
V V V V V V
0.30 0.53 0.74 0.91 1.37 1.88 0.10 0.26 0.39 0.47 0.69 0.88
-
0.60 0.90 1.11 1.29 1.77 2.29 0.60 0.65 0.75 0.84 1.04 1.24
V V V V V V V V V V V V
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
10 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
Table 11. Transfer characteristics ...continued Voltages are referenced to GND (ground = 0 V). Symbol VH Parameter hysteresis voltage (VT+ - VT-) Conditions see Figure 9, Figure 10, Figure 11 and Figure 12 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V Tamb = -40 C to +125 C VT+ positive-going threshold voltage see Figure 9 and Figure 10 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VT- negative-going threshold voltage see Figure 9 and Figure 10 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VH hysteresis voltage (VT+ - VT-) see Figure 9, Figure 10, Figure 11 and Figure 12 VCC = 0.8 V VCC = 1.1 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V 0.07 0.08 0.18 0.27 0.53 0.79 0.50 0.46 0.56 0.66 0.92 1.31 V V V V V V 0.10 0.26 0.39 0.47 0.69 0.88 0.60 0.65 0.75 0.84 1.04 1.24 V V V V V V 0.30 0.53 0.74 0.91 1.37 1.88 0.62 0.92 1.13 1.31 1.80 2.32 V V V V V V 0.07 0.08 0.18 0.27 0.53 0.79 0.50 0.46 0.56 0.66 0.92 1.31 V V V V V V Min Typ Max Unit
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
11 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
14. Waveforms transfer characteristics
VO
VI
VT+ VT- VH
VO VI VT+
mnb154
VH VT-
mnb155
VT+ and VT- limits at 70 % and 20 %.
Fig 9. Transfer characteristic
Fig 10. Definition of VT+, VT- and VH
240 ICC (A) 160
001aad691
80
0 0 0.4 0.8 1.2 1.6 VI (V) 2.0
Fig 11. Typical transfer characteristics; VCC = 1.8 V
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
12 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
1200 ICC (A) 800
001aad692
400
0 0 1.0 2.0 VI (V) 3.0
Fig 12. Typical transfer characteristics; VCC = 3.0 V
15. Application information
The slow input rise and fall times cause additional power dissipation, this can be calculated using the following formula: Pad = fi x (tr x ICC(AV) + tf x ICC(AV)) x VCC where: Pad = additional power dissipation (W); fi = input frequency (MHz); tr = input rise time (ns); 10 % to 90 %; tf = input fall time (ns); 90 % to 10 %; ICC(AV) = average additional supply current (A). Average ICC differs with positive or negative input transitions, as shown in Figure 13.
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
13 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
0.3 ICC(AV) (mA)
001aad027
(1)
0.2
(2)
0.1
0 0.8
1.8
2.8 VCC (V)
3.8
(1) Positive-going edge. (2) Negative-going edge. Linear change of VI between 0.8 V and 2.0 V. All values given are typical, unless otherwise specified.
Fig 13. Average ICC as a function of VCC
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
14 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
16. Package outline
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm SOT353-1
D
E
A X
c y HE vMA
Z
5
4
A2 A1 (A3) A
1
e e1 bp
3
wM detail X
Lp L
0
1.5 scale
3 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.1 0 A2 1.0 0.8 A3 0.15 bp 0.30 0.15 c 0.25 0.08 D(1) 2.25 1.85 E(1) 1.35 1.15 e 0.65 e1 1.3 HE 2.25 2.0 L 0.425 Lp 0.46 0.21 v 0.3 w 0.1 y 0.1 Z(1) 0.60 0.15 7 0
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT353-1 REFERENCES IEC JEDEC MO-203 JEITA SC-88A EUROPEAN PROJECTION ISSUE DATE 00-09-01 03-02-19
Fig 14. Package outline SOT353-1 (TSSOP5)
74AUP1G17_3 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
15 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm
SOT886
b 1 2 3 4x L1 L
(2)
e
6 e1
5 e1
4
6x
(2)
A
A1 D
E
terminal 1 index area 0 DIMENSIONS (mm are the original dimensions) UNIT mm A (1) max 0.5 A1 max 0.04 b 0.25 0.17 D 1.5 1.4 E 1.05 0.95 e 0.6 e1 0.5 L 0.35 0.27 L1 0.40 0.32 1 scale 2 mm
Notes 1. Including plating thickness. 2. Can be visible in some manufacturing processes. OUTLINE VERSION SOT886 REFERENCES IEC JEDEC MO-252 JEITA EUROPEAN PROJECTION ISSUE DATE 04-07-15 04-07-22
Fig 15. Package outline SOT886 (XSON6)
74AUP1G17_3 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
16 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
SOT891
1
2
b 3 4x
(1)
L1 e
L
6 e1
5 e1
4
6x
(1)
A
A1 D
E
terminal 1 index area 0 1 scale DIMENSIONS (mm are the original dimensions) UNIT mm A max 0.5 A1 max 0.04 b 0.20 0.12 D 1.05 0.95 E 1.05 0.95 e 0.55 e1 0.35 L 0.35 0.27 L1 0.40 0.32 2 mm
Note 1. Can be visible in some manufacturing processes. OUTLINE VERSION SOT891 REFERENCES IEC JEDEC JEITA EUROPEAN PROJECTION ISSUE DATE 05-04-06 07-05-15
Fig 16. Package outline SOT891 (XSON6)
74AUP1G17_3 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
17 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
17. Abbreviations
Table 12. Acronym CDM DUT ESD HBM MM Abbreviations Description Charged Device Model Device Under Test ElectroStatic Discharge Human Body Model Machine Model
18. Revision history
Table 13. Revision history Release date 20090710 Data sheet status Product data sheet Change notice Supersedes 74AUP1G17_2 Document ID 74AUP1G17_3 Modifications:
* * * * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Section 8 "Limiting values": Changed: Derating factor XSON6 packages. Section 10 "Static characteristics": Changed: conditions for HIGH-level output voltage and LOW-level output voltage. Section 11 "Dynamic characteristics": Changed: typical power dissipation capacitance. Product data sheet Product data sheet 74AUP1G17_1 -
74AUP1G17_2 74AUP1G17_1
20060727 20050726
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
18 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
19. Legal information
19.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
19.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
19.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
19.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
20. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
74AUP1G17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 10 July 2009
19 of 20
NXP Semiconductors
74AUP1G17
Low-power Schmitt trigger
21. Contents
1 2 3 4 5 6 6.1 6.2 7 8 9 10 11 12 13 14 15 16 17 18 19 19.1 19.2 19.3 19.4 20 21 General description . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 3 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 Functional description . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 Recommended operating conditions. . . . . . . . 4 Static characteristics. . . . . . . . . . . . . . . . . . . . . 5 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Transfer characteristics. . . . . . . . . . . . . . . . . . 10 Waveforms transfer characteristics . . . . . . . . 12 Application information. . . . . . . . . . . . . . . . . . 13 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 15 Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 18 Legal information. . . . . . . . . . . . . . . . . . . . . . . 19 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 19 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Contact information. . . . . . . . . . . . . . . . . . . . . 19 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 10 July 2009 Document identifier: 74AUP1G17_3


▲Up To Search▲   

 
Price & Availability of 74AUP1G17GF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X