|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CORCOM Product Guide High Frequency Power Line Filter or Power Entry Module AQ Series UL Recognized CSA Certified 3VAQ8F 6VAQ8F AQ Series The AQ series high frequency filters provide a low cost solution to the problem of power line noise at high frequencies. With UL Recognition and CSA Certification, the AQ series is readily available to the customer who requires high common and differential mode performance from 10KHz to 1GHz. Models with "F" suffix incorporate an IEC connector and a fuseholder. Models with "S" suffix are supplied with a switch. The AQ series is ideal for applications where computers are used to process secret or confidential information. Specifications Maximum leakage current, each line-to-ground @ 120 VAC 60 Hz: @ 250 VAC 50 Hz: Hipot rating (one minute): line-to-ground line-to-line Operating frequency: Rated voltage (max.): 2250 VDC 1450 VDC 50/60 Hz 250 VAC 3A Models 1.2mA 2.3mA 6A Models .7mA 1.2mA Electrical Schematics 3A Models LINE LOAD Minimum insertion loss in dB: Line-to-ground in 50 ohm circuit Current Rating .01 3A 6A 10 26 .1 80 59 .5 88 80 Frequency-MHz 1 10 50 88 100 80 100 100 100 100 300 1000 100 100 93 93 85 85 6A Models LINE LOAD Line-to-line in 50 ohm circuit Current Rating .01 3A 6A 6 10 .1 51 65 .5 78 86 Frequency-MHz 1 10 50 88 100 95 100 100 100 100 300 1000 100 100 93 93 85 85 Resistor location for reference only. Recommended Panel Cutouts .910 + .005 23.11 + .13 .235 + .005 R 5.969 + .13 .855 + .005 21.72 + .13 .620 + .005 15.75 + .13 Part Numbers 3VAQ3 3VAQ8F 3VAQ8FS 6VAQ3 6VAQ8F 6VAQ8FS 1.295 + .005 32.89 + .13 .620 + .005 Dia. 15.75 + .13 12 Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com CORCOM Product Guide High Frequency Power Line Filter or Power Entry Module (Continued) AQ Series RFI Power Line Filters Case Styles and Dimensions 3VAQ3 6VAQ3 2.572 C 65.3 L 2.46 62.3 C L 1.66 .015 42.1 .38 5.126 130.0 5.327.015 135.0 .4 12.0 Min. 304.8 (5 places) 4.14 105.1 4.36 .015 111.4 .38 .515 13.08 #6-32 12.0 Min. 304.8 .515 13.08 1.0 0.1 (2 places) 25.4 .25 3.061 77.8 #6-32 #6-32 Thd. (2 places) .5 .01 12.7 .25 2.0 .01 50.8 .25 #6-32 1.98 40.1 .50 .02 12.7 .5 .78 19.8 6VAQ8F 3VAQ8F 5.96 152.0 5.06 .015 128.6 .38 2.35 .015 59.6 .38 6.457 164 5.68 .01 44.3 .25 4.0 .01 102 .25 .90 22.9 2.328 .01 59 .35 1.125 .01 3.062 28.6 .25 77.8 1.58 .015 40 .38 .411 ref 10.4 #6-32 (6) inserts .958 24.3 2.48 63.0 .355 ref 9.02 12.0 Min. 305.0 .354.010 ref 8.99.25 #6-32 (6) inserts .391 .01 9.93 .25 12.0 Min. 305.0 1.62 41.2 .375 .125 9.53 3.2 2.576 65.4 .375 .125 9.53 3.2 3VAQ8FS 5.39 .015 136.9 .38 2.35 .015 59.6 .38 1.058 26.9 .172 4.37 6VAQ8FS 7.125 181.0 6.347 .015 161.2 .38 4.0 .015 101.55 #6-32 (6) inserts 1.575 .015 40.01 .38 .411 ref 10.4 #6-32 (6) inserts .44 11.2 .958 24.3 2.48 63.0 2.33 .015 59.0 .38 1.52 .01 38.5 .25 3.07 77.8 .375 .125 9.53 3.2 1.62 41.2 12.0 Min. 305.0 6.30 160.0 .364 9.25 12.0 Min. 304.8 1.12 .01 28.3 .25 .391 .01 9.93 .25 2.58 65.4 .375 .125 9.53 3.2 13 Catalog 1654001 Revised 05-07 Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric equivalents. Dimensions are shown for reference purposes only. Specifications subject to change. USA Cust. Svc.: 1-800-468-2023 CORCOM Prods: 1-847-680-7400 Germany: 49-89-6089-0 www.corcom.com www.tycoelectronics.com |
Price & Availability of 3VAQ8F |