Part Number Hot Search : 
AP131 AJ32F3 MAX9110 13700D 2N60D 8XC54 74ALS1 S6416
Product Description
Full Text Search
 

To Download 2W04M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005M thru 2W10M / 2W005G thru 2W10G
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
Features
Ideal for printed circuit boards Typical IR less than 0.5 A High case dielectric strength High surge current capability Solder Dip 260 C, 40 seconds
Mechanical Data
Case: WOB / WOG Epoxy meets UL-94V-0 Flammability rating Terminals: Silver plated (E4 Suffix) leads, solderable per J-STD-002B and JESD22-B102D Polarity: As marked on body
Typical Applications
General purpose use in ac-to-dc bridge full wave rectification for Power Supply, Adapter, Charger, lighting Ballaster on Consumers and Home Appliances applications
Maximum Ratings and Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified.
Parameter Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length (See Fig.2 and Fig.1) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for fusing (t < 8.3ms) Max. instantaneous forward voltage drop per element at 1.0A Maximum DC reverse current at rated DC blocking voltage per element TA=25oC Symbols VRRM VRMS V DC IF(AV) IFSM I2t VF IR CJ RJA RJL TJ TSTG
2W005M 2W005G 2W01M 2W01G 2W02M 2W02G 2W04M 2W04G
o
Package outline dimensions in inches (millimeters)
2W06M 2W06G
2W08M 2W08G
2W10M 2W10G
Units Volts Volts Volts Amps Amps A 2 se c Volts uA pF
o
50 35 50
100 70 100
200 140 200
400 280 400 2.0
600 420 600
800 560 800
1000 700 1000
2W005M: 50.0, 2W005G: 60.0 2W005G: 15.0 1.1 10.0 500 (2W005M @ TA=100oC, 2W005G @ TA=125oC) 40 40 15 2W005M: -55 to +125 2W005G: -55 to +150 -55 to +150 20
Typical junction capacitance per element (Note 1) Typical thermal resistance per leg (Note 2) Operating temperature range Storage temperature range
C/W
o
C C
o
Notes:
1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts 2. Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5 mm) lead length P.C.B. mounting
432
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted) - 2W005M thru 2W10M
(TA = 25oC unless otherwise noted) - 2W005G thru 2W10G
433


▲Up To Search▲   

 
Price & Availability of 2W04M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X