Part Number Hot Search : 
CZRL4750 2SC30 SDR9105N DM5441A SS8550 MTB20 HDT44SR HCM2512B
Product Description
Full Text Search
 

To Download 2SK3154-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3154
Silicon N Channel MOS FET High Speed Power Switching
REJ03G1079-0300 (Previous: ADE-208-682A) Rev.3.00 Sep 07, 2005
Features
* Low on-resistance RDS =100 m typ. * High speed switching * 4 V gate drive device can be driven from 5 V source
Outline
RENESAS Package code: PRSS0004AC-A (Package name: TO-220AB)
D G 1. Gate 2. Drain (Flange) 3. Source S
1
2
3
Rev.3.00 Sep 07, 2005 page 1 of 7
2SK3154
Absolute Maximum Ratings
(Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Avalanche current Avalanche energy Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10 s, duty cycle 1 % 2. Value at Tc = 25C 3. Value at Tch = 25C, Rg 50 Symbol VDSS VGSS ID ID(pulse)Note1 IDR IAP Note3 EAR Note3 Pch Note2 Tch Tstg Ratings 150 20 15 60 15 15 16 50 150 -55 to +150 Unit V V A A A A mJ W
C C
Electrical Characteristics
(Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 4. Pulse test Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr Min 150 20 -- -- 1.0 -- -- 8.5 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.10 0.12 14 850 300 160 13 100 195 110 0.9 140 Max -- -- 10 10 2.5 0.13 0.15 -- -- -- -- -- -- -- -- -- -- Unit V V A A V S pF pF pF ns ns ns ns V ns Test Conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 150 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 8 A, VGS = 10 VNote4 ID = 8 A, VGS = 4 V Note4 ID = 8 A, VDS = 10 V Note4 VDS = 10 V, VGS = 0, f = 1 MHz ID = 8 A, VGS = 10 V, RL = 3.75
IF = 15 A, VGS = 0 IF = 15 A, VGS = 0 diF/ dt = 50 A/ s
Rev.3.00 Sep 07, 2005 page 2 of 7
2SK3154
Main Characteristics
Power vs. Temperature Derating
80
500 200 100 50 20 10 5 2 1 0.5 0.2 0.1
PW
Maximum Safe Operation Area
Channel Dissipation Pch (W)
60
Drain Current ID (A)
D
=
1 10 0 0s s
s
s( 1s ho
40
C
10
1
m
m
20
(T per c ati = on 25 C Operation in ) this area is limited by RDS(on)
Ta = 25C
0.3 1 3 10
O
t)
0
50
100
150
200
0.05 0.1
30
100 300 1000
Case Temperature TC (C)
Drain to Source Voltage VDS (V)
Typical Output Characteristics
20 10 V 5V 4V 20 Pulse Test
Typical Transfer Characteristics
VDS = 10 V Pulse Test
Drain Current ID (A)
12 3V
Drain Current ID (A)
16
3.5 V
16
12
8
8
75C 25C Tc = -25C
4
VGS = 2.5 V
4
0
2
4
6
8
10
0
1
2
3
4
5
Drain to Source Voltage VDS (V) Drain to Source Saturation Voltage vs. Gate to Source Voltage
Gate to Source Voltage VGS (V) Static Drain to Source on State Resistance vs. Drain Current
1.0 Pulse Test 0.5 0.2
VGS = 4 V
Drain to Source Saturation Voltage VDS (on) (V)
5
Pulse Test
4
3
Static Drain to Source on State Resistance RDS (on) ()
0.1 10 V 0.05
2
ID = 15 A 10 A 5A
1
0.02 0.01 0.1
0
4
8
12
16
20
0.3
1
3
10
30
100
Gate to Source Voltage VGS (V)
Drain Current ID (A)
Rev.3.00 Sep 07, 2005 page 3 of 7
2SK3154
Static Drain to Source on State Resistance vs. Temperature
Forward Transfer Admittance yfs (S)
0.5 Pulse Test 0.4 5A 0.3 ID = 10 A 1000 300 100 30 75C 1 0.3 0.1
0.1 0.2 0.5 1 2 5
Static Drain to Source on State Resistance RDS (on) ()
Forward Transfer Admittance vs. Drain Current
Tc = -25C 25C
0.2
VGS = 4 V
10 A
5A
0.1 10 V 0 -40 0 40 80 120 160
VDS = 10 V Pulse Test
10 20 50 100
Case Temperature TC (C) Body to Drain Diode Reverse Recovery Time
500
Drain Current ID (A) Typical Capacitance vs. Drain to Source Voltage
10000 3000
Reverse Recovery Time trr (ns)
Capacitance C (pF)
200 100 50 20 10 5 0.1 0.2
di / dt = 50 A / s VGS = 0, Ta = 25C
1000 300 100 30 10
Ciss
Coss Crss
VGS = 0 f = 1 MHz
0.5
1
2
5
10 20
0
10
20
30
40
50
Reverse Drain Current IDR (A)
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Drain to Source Voltage VDS (V)
ID = 15 A
VDD = 100 V 50 V 25 V VGS
Switching Characteristics
Gate to Source Voltage VGS (V)
20 1000 500
VGS = 10 V, VDD = 30 V PW = 5 s, duty < 1 % td(off)
200
160
16
Switching Time t (ns)
200 100 50 20 10 5 0.1 0.2 0.5 1 2 5 10 20
tf tr td(on)
120
VDS
12
80
8
40
VDD = 100 V 50 V 25 V
4 0 100
0
20
40
60
80
Gate Charge Qg (nc)
Drain Current ID (A)
Rev.3.00 Sep 07, 2005 page 4 of 7
2SK3154
Reverse Drain Current vs. Source to Drain Voltage Maximum Avalanche Energy vs. Channel Temperature Derating
(A)
20
Repetitive Avalanche Energy EAR (mJ)
20
IAP= 15 A VDD = 50 V duty < 0.1 % Rg > 50
Reverse Drain Current IDR
16
16
12 10 V 8 5V
VGS = 0, -5 V
12
8
4 Pulse Test 0 0.4 0.8 1.2 1.6 2.0
4 0 25
50
75
100
125
150
Source to Drain Voltage
VSD (V)
Channel Temperature Tch (C)
Normalized Transient Thermal Impedance vs. Pulse Width
Normalized Transient Thermal Impedance s (t)
3 Tc = 25C 1 D=1 0.5 0.3
0.2
0.1
0.1
0.05
ch - c(t) = s (t) * ch - c ch - c = 2.5C/W, Tc = 25C
PDM PW T
0.03
0.02 1 lse 0.0 t pu o h 1s
D=
PW T
0.01 10
100
1m
10 m
100 m
1
10
Pulse Width Avalanche Test Circuit
VDS Monitor L IAP Monitor
PW (S) Avalanche Waveform
EAR = 1 2 * L * IAP2 * VDSS VDSS - VDD V(BR)DSS IAP
Rg
D. U. T
VDD
VDS
ID
Vin 15 V 50 0 VDD
Rev.3.00 Sep 07, 2005 page 5 of 7
2SK3154
Switching Time Test Circuit Vin Monitor D.U.T.
RL
Switching Time Waveforms Vout Monitor
90% Vin 10% 10% 90% td(on) tr 90% td(off)
tf
Vin 10 V
50
VDD
= 30 V
Vout
10%
Rev.3.00 Sep 07, 2005 page 6 of 7
2SK3154
Package Dimensions
JEITA Package Code
SC-46
RENESAS Code
PRSS0004AC-A
Package Name TO-220AB / TO-220ABV
MASS[Typ.] 1.8g
Unit: mm
11.5 Max
2.79 0.2
10.16 0.2 9.5 8.0 3.6
+0.2 -0.1
+0.1 -0.08
4.44 0.2 1.26 0.15
6.4
18.5 0.5
15.0 0.3
1.27
2.7 Max
7.8 0.5
0.76 0.1
14.0 0.5
1.5 Max
2.54 0.5
2.54 0.5
0.5 0.1
Ordering Information
Part Name 2SK3154-E Quantity 500 pcs Box (Sack) Shipping Container
Note: For some grades, production may be terminated. Please contact the Renesas sales office to check the state of production before ordering the product.
Rev.3.00 Sep 07, 2005 page 7 of 7
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .3.0


▲Up To Search▲   

 
Price & Availability of 2SK3154-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X