Part Number Hot Search : 
338M00 571RCCP 020149MR 79M07 DTA114 WF202U SN3904 836B419
Product Description
Full Text Search
 

To Download 2N6121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220 package *Complement to PNP type : 2N6124 ;2N6125 ;2N6126 APPLICATIONS *For use in power amplifier and switching circuit applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2N6121 2N6122 2N6123
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER 2N6121 VCBO Collector-base voltage 2N6122 2N6123 2N6121 VCEO Collector-emitter voltage 2N6122 2N6123 VEBO IC ICM IB PT Tj Tstg Emitter-base voltage Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 45 60 80 45 60 80 5 4 8 1 40 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case MAX 3.125 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N6121 VCEO(SUS) Collector-emitter sustaining voltage 2N6122 2N6123 VCEsat-1 VCEsat-2 VBE Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage 2N6121 ICEX Collector cut-off current 2N6122 2N6123 2N6121 ICEO Collector cut-off current 2N6122 2N6123 IEBO Emitter cut-off current 2N6121 IC=1.5A;IB=0.15A IC=4.0A;IB=1.0A IC=1.5A ; VCE=2V VCE=45V;VBE=1.5V TC=125 VCE=60V;VBE=1.5V TC=125 VCE=80V;VBE=1.5V TC=125 VCE=45V;IB=0 VCE=60V;IB=0 VCE=80V;IB=0 VEB=5V; IC=0 IC=0.1A ;IB=0 SYMBOL
2N6121 2N6122 2N6123
CONDITIONS
MIN 45 60 80
TYP.
MAX
UNIT
V
0.6 1.4 1.2 0.1 2.0 0.1 2.0 0.1 2.0
V V V
mA
1.0
mA
1.0
mA
25 hFE-1 DC current gain 2N6122 2N6123 2N6121 10 hFE-2 DC current gain 2N6122 2N6123 fT Transition frequency IC=1A ; VCE=4V IC=4A ; VCE=2V 7 2.5 IC=1.5A ; VCE=2V 20
100
80
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N6121 2N6122 2N6123
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2N6121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X