|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SAW Bandpass Filter 230001B 1. Features IF bandpass filter High attenuation Single-ended operation Dip Package Maximum Storage Temperature Range : -40 ~ 85 Electrostatics Sensitive Device (ESD) 2. Package Dimension 12.70.5 5.5max 6.0max 7.60.2 2.50.2 1 Dimensions shown are nominal in millimeters Base : Fe(SPCC), Au plating over Ni plated Cap : Cu & Cr Alloy, Ni Plated Termination : Kovar, Au Plated 5 2, 4 3, 6 ITF 08A001 70.1-0.2M 27.30.5 230001B Package : D2712 0.450.05 Pin Configuration Input Output Ground Case ground I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 17.70.2 2.50.2 230001B 2008-09-25 NW8025-CS01 1/5 SAW Bandpass Filter 230001B 3. Specifications Fo = 70.1 MHz Terminating source impedance Terminating load impedance : 50 and matching network : 50 and matching network Minimum Center Frequency Insertion Loss 1dB Bandwidth 3dB Bandwidth 40dB Bandwidth Group Delay Variation (Fo +/- 0.1 MHz) Absolute Delay Ultimate Rejection Temperature Coefficient of Frequency MHz dB MHz MHz MHz nsec usec dB ppm/C2 0.15 48 - Typical 70.1 13.0 0.2 0.3 0.81 520 3.17 52 -0.03 Maximum 15.5 0.92 750 - Notes : 1) 2) 3) All specifications are based on the matching schematic shown below All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature All attenuation measurements are measured relative to insertion loss I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 230001B 2008-09-25 NW8025-CS01 2/5 SAW Bandpass Filter 230001B 4. Matching Schematic ( Actual matching values may vary due to PCB layout and parasitics ) Input 50 L1 L2 Output 50 C1 C2 L1 = 120nH, L2 = 150nH C1 = 36pF, C2 = 43 pF 5. Marking Configuration ITF1) 08A0012) 230001B3) 70.14)-0.2M5) 1) Manufacturer name 2) Lot Number 3) Part Number 4) Center Frequency 5) 1dB-Bandwidth I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 230001B 2008-09-25 NW8025-CS01 3/5 SAW Bandpass Filter 230001B 6. Typical Performance ( at +25 ) CH1 S21 LOG 10 dB/ REF -12.8 dB 22 Aug 2008 19:54:13 1: 0. 0000 dB 0. 000 000 MHz CH1 Markers 1 Cor 2 BW : cent : . 809472 70 . 098259 MHz MHz REF=1 Q: 86 . 598 1_loss : -12 . 803 dB 3 4 CENTER 70 . 100 000 MHz SPAN 4. 000 000 MHz CH2 CH4 S21 S21 LOG DEL 1 dB/ 1 us/ REF -12.8 dB REF 3.9 us 22 Aug 2008 19:55:04 1: 0. 0000 dB 0. 000 000 MHz 3: 296 . 69 ns . 200 000 MHz CH2 Markers BW : cent : 1 2 . 302877 70 . 102179 MHz MHz REF=1 Q: 231 . 45 1_loss : -12 . 803 dB 3 4 2 Cor Smo 3 4 CH4 Markers Cor mean : 3. 1710 us s. dev : 150 . 94 ns p-p : 526 . 71 ns REF=2 CENTER 70 . 100 000 MHz SPAN . 500 000 MHz 2 I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 230001B 2008-09-25 NW8025-CS01 4/5 SAW Bandpass Filter 230001B CH2 S21 LOG 1 dB/ REF -12.8 dB 22 Aug 2008 19:55:13 1: 0. 0000 dB 0. 000 000 MHz CH1 S21 LOG 10 dB/ REF -12.8 dB 22 Aug 2008 19:57:41 1: 0. 0000 dB 0. 000 000 MHz 1 CH2 Markers BW : cent : 1 2 . 201907 MHz 70. 107636 MHz Q: 347 . 23 1_loss : -12 . 800 dB CH1 Markers REF=1 2:-27 . 950 dB 43. 7000 MHz 3:-33 . 595 dB 58. 1000 MHz REF=1 3 4 2 3 Cor CENTER 70. 100 000 MHz SPAN . 500 000 MHz START . 010 000 MHz STOP 300 . 000 000 MHz CH1 S11 CH3 S22 SWR SWR 2/ 2/ REF 0 REF 0 22 Aug 2008 19:55:47 1: 1. 7412 70. 100 000 MHz 2: 2. 4890 70. 100 000 MHz CH1 S11 CH3 S22 1 U FS 1 U FS 1: 29. 839 2: 20. 567 8. 0098 7. 2773 22 Aug 2008 19:55:29 18. 185 nH 70. 100 000 MHz 16. 522 nH 70. 100 000 MHz Cor Cor Cor Cor 2 1 1 2 CENTER 70. 100 000 MHz SPAN 4. 000 000 MHz CENTER 70. 100 000 MHz SPAN 4. 000 000 MHz I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809 Part No. Rev. Date Rev. 230001B 2008-09-25 NW8025-CS01 5/5 |
Price & Availability of 230001B |