Part Number Hot Search : 
W523A100 426205 KA293 ST10F269 S125HN UG06C M62367 IRFBC
Product Description
Full Text Search
 

To Download 1N4448W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4448W
SILICON EPITAXIAL PLANAR DIODE
Fast Switching Diode
PINNING PIN 1 2
1
DESCRIPTION Cathode Anode
2
W1 Top View Marking Code: "W1" Simplified outline SOD-123 and symbol
Absolute Maximum Ratings (Ta = 25 OC) Parameter
Peak Reverse Voltage Reverse Voltage Average Rectified Output Current Forward Continuous Current Non-Repetitive Peak Forward Surge Current (at t = 1 s) Power Dissipation Junction Temperature Storage Temperature Range
Symbol VRM VR IO IFM IFSM Pd Tj Tstg
Value 100 80 150 300 0.5 400 150 - 65 to + 150
Unit V V mA mA A mW
O
C C
O
Characteristics at Ta = 25 OC Parameter Forward Voltage at IF = 5 mA at IF = 10 mA at IF = 100 mA at IF = 150 mA Reverse Leakage Current at VR = 80 V at VR = 20 V at VR = 75 V, TJ = 150 OC at VR = 25 V, TJ = 150 OC Reverse Breakdown Voltage at IR = 100 A Capacitance at VR = 0.5 V, f = 1 MHz Reverse Recovery Time at IF = IR = 10 mA, Irr = 0.1 X IR , RL = 100 Symbol Min. 0.62 80 Max. 0.72 0.855 1 1.25 100 25 50 30 4 4 Unit
VF
V
IR
nA nA A A V pF ns
V(BR)R Ctot trr
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009
1N4448W
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009
1N4448W
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads SOD-123
ALL ROUND
c
HE
D
A
E
bp
UNIT mm
A 1.15 1.05
bp 0.6 0.5
c 0.135 0.127
A
D 2.7 2.6 E 1.65 1.55 HE 3.9 3.7 v 0.2
5
O
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 07/04/2009


▲Up To Search▲   

 
Price & Availability of 1N4448W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X