Part Number Hot Search : 
M74HC132 H1043T 0B001 06000 BPC150 391B9 LM393DR2 470MC
Product Description
Full Text Search
 

To Download 1A7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1A1 ~ 1A7
PRV : 50 - 1000 Volts Io : 1.0 Ampere
FEATURES :
* * * * High current capability High reliability Low reverse current Low forward voltage drop
SILICON RECTIFIER DIODES
R-1
0.099 (2.51) 0.95 (2.42)
1.00 (25.4) MIN. 0.138 (3.5) 0.114 (2.9)
MECHANICAL DATA :
* Case : Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.20 gram
0.024 (0.6) 0.020 (0.5)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 50 C Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 1.0 A. Maximum DC Reverse Current at rated DC Blocking Voltage Typical Junction Capacitance (1) Typical Thermal Resistance (2) Junction Temperature Range Storage Temperature Range Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
SYMBOL
1A1 50 35 50
1A2 100 70 100
1A3 200 140 200
1A4 400 280 400 1.0
1A5 600 420 600
1A6 800 560 800
1A7 1000 700 1000
UNIT
VRRM VRMS VDC IF(AV)
V V V A
IFSM VF IR IR(H) CJ RJA TJ TSTG
30 1.1 5.0 50 15 50 - 65 to + 125 - 65 to + 150
A V A A pF C/W C C
Ta = 25 C Ta = 100 C
(2) Thermal Resistance from Junction to Ambient 0.375" (9.5mm) Lead Length
Page 1 of 2
Rev. 02 : January 10, 2004
RATING AND CHARACTERISTIC CURVES ( 1A1 - 1A7 )
FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES
1.0 30
FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
Ta = 25 C 24
0.8
0.6
18
0.4
12
0.2
6
0 0 25 50 75 100 125 150 175
0 1 2 4 6 10 20 40 60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES FORWARD CURRENT, AMPERES
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
10
10 TJ = 100 C
1.0
1.0
0.1
0.1 TJ = 25 C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.01 0 20 40 60 80 100 120 140
FORWARD VOLTAGE, VOLTS
PERCENT OF RATED REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 02 : January 10, 2004


▲Up To Search▲   

 
Price & Availability of 1A7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X