Part Number Hot Search : 
15N12 CPS1116 BAV99 AOU3N60 CMIB8788 CPH6324 CSN032D AD7711A
Product Description
Full Text Search
 

To Download 170203183C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPC-L61T
6.5" Fanless Panel PC with AMD GeodeTM LX800 Processor Features
6.5" TFT VGA LCD AMD Geode LX800 CPU on board System memory up to 1 G DDR SDRAM One CompactFlash(R) Type I/II socket (True IDE Mode) Microsoft(R) Windows(R) CE 6.0 and XP Embedded are available Fanless and ultra-low power consumption Adjust RS-232/422/485 through BIOS Aluminum Front Bezel
Introduction
PPC-L61T is a 6.5" industrial-grade Panel PC (PPC) for small interface requirements such as Human Machine Interfaces (HMI) or Multifunctional Products (MFP). PPC-L61T is highly reliable because it incorporates a low power CPU that does not need a cooling fan. The robust alumimum makes this interface suitable for long-term solutions, and especially suitable for environments such as chemical and food processing plants. PPC-L61T comes with an embedded OS for faster application development, so driver development and customization of images do not slow down project implementation.
Specifications
CPU Memory 2nd Cache Memory Chipset BIOS SSD Processor System HDD I/O Ports Bus Expansion Network (LAN) Watchdog Timer Dimensions (W x H x D) Weight Microsoft Input Voltage Display Type Max. Resolution Colors Dot Size (mm) Viewing Angle Luminance Operating Temperature Backlight Lifetime Type Resolution Light Transmission Controller Software Driver Durability (Touches) Onboard AMD Geode LX800 (500 MHz) 1x 200-pin SODIMM socket that accpets a 256/512/1024 MB DDR 333/400 128 KB on-die AMD Geode CS5536 4 Mbit Flash BIOS One type I/II CompactFlash socket PPC-L61T-CE-RTE comes with one 256 MB built-in CompactFlash card 1 x 2.5" external SATA HDD module (Optional) - 2 x Serial ports: RS-232 x 1, RS-232/422/485 x 1 - 4 X USB ports (2 x external, 2 x internal) - 1 x VGA port - 1 x 1.3 W speakers (Optional) 1x MINI PCI expansion slot 10/100 Mbps Ethernet 255 timer levels; setup by software 202 x 148 x 49 (7.9" x 5.82" x 1.92") 1.2 kg (2.64 lb) Windows XPE, CE, XP 12 VDC ~ 30 VDC , 2.5 A max 6.5" TFT LCD 640 x 480 262 K 0.207 X 0.207 70 (left), 70 (right), 60 (up), 60 (down) 400 cd/m2 -10 ~ 70 C (14 ~ 158 F) 50, 000 hrs Analog Resistive 4 wires Continuous 80% USB interface Supports Windows XP, CE 10 million
OS Support Power Supply
LCD Display
Touchscreen
Online Download www.advantech.com/products
PPC-L61T Dimensions
186.00 1.50
Unit: mm (inch)
190,00 202.00 7.00 42.00
148.00
133.50
136,00
cutout
Specifications
Operating Temperature Storage Temperature Relative Humidity Shock (Operating) Vibration EMC Safety Front Panel Protection 0 ~ 50 C (32 ~ 122 F) -20 ~ 60 C (-4 ~ 140 F) 10 ~ 95% @ 40 C (non-condensing) 10 G peak acceleration (11 ms duration) 1G BSMI, CE, FCC Class B, VCCI CB, CCC, BSMI, UL IP65 / NEMA compliant
Environmental Specifications
Ordering Information
Part No. PPC-L61T-070-XE PPC-L61T-R70-XE PPC-L61T-CE-RTE Description AMD LX800 500 MHz processor-based fanless Panel PC with 6.5 inch TFT LCD PPC-L61T-070-XE with resistive touchscreen PPC-L61T with Windows CE.Net (English) on 256 MB CompactFlash
Fully-Integrated I/O
A B C D E F
Accessories
Part No. PS-DC19-L60 PPC-174 WL-MT 989KL61T00E 989KL12709E 1700001524 170203183C Description 19 VDC power adapter module for PPC-L60T/ PPC-L61T Wall mount kit for PPC-174T HDD kit for PPC-L61T (SATA Interface) Wireless LAN Module for PPC-L127T Power cable 3P/3P power supply 1.8 M FPM-306 Power CABLE 3P Europe (WS-010 + 083) 183 cm
A. Serial Ports (RS-232/422/485) B. Serial Ports ( RS-232) C. Ethernet Jack
D. USB 2.0 X 2 E. VGA port F. DC inlet
Panel PCs
All product specifications are subject to change without notice Last updated : 24-Mar-2009


▲Up To Search▲   

 
Price & Availability of 170203183C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X