Part Number Hot Search : 
91000 46000 AD5341 AM108 HCC4543B 1N4762 R6031635 SB1030CT
Product Description
Full Text Search
 

To Download 1008F-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors--1008F series
A. Electrical specifications:
Part No.
1008F-47N 1008F-68N 1008F-82N 1008F-R10 1008F-R18 1008F-R20 1008F-R24 1008F-R56 1008F-R68 1008F-1R0 1008F-1R2 1008F-1R5 1008F-1R8 1008F-2R2 1008F-2R7 1008F-3R3 1008F-3R9 1008F-4R7 1008F-5R6 1008F-6R8 1008F-8R2 1008F-100 1008F-120 1008F-150 1008F-220
L (uH)
0.047@50MHZ 0.068@50MHZ 0.082@50MHZ 0.100@50MHZ 0.180@50MHZ 0.200@50MHZ 0.240@50MHZ 0.560@7.9MHZ 0.680@7.9MHZ 1.0@50MHZ 1.20@7.9MHz 1.50@7.9MHz 1.80@7.9MHz 2.20@7.9MHz 2.70@7.9MHz 3.30@7.9MHz 3.90@7.9MHz 4.70@7.9MHz 5.60@7.9MHz 6.80@7.9MHz 8.20@7.9MHz 10.0@7.9MHz 12.0@7.9MHZ 15.0@7.9MHZ 22.0@2.52MHZ
Tol.
K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J K, J
Q (min.)
50@50MHZ 50@50MHZ 50@50MHZ 50@50MHZ 50@50MHZ 50@50MHZ 50@50MHZ 40@50MHZ 27@50MHZ 50@50MHZ 48@50MHz 41@50MHz 39@50MHz 34@50MHz 34@50MHz 32@50MHz 32@7.9MHz 31@7.9MHz 31@7.9MHz 31@7.9MHz 23@7.9MHz 31@7.9MHz 30@7.9MHZ 38@7.9MHZ 10@2.52MHZ
SRF (min.) (MHz)
1800 1800 1800 1800 1000 900 900 460 400 380 210 190 170 150 135 120 105 90 80 70 65 60 50 50 10
DCR () (Max)
0.045 0.045 0.035 0.196 0.290 0.285 0.135 0.300 0.320 0.260 0.680 0.760 0.840 1.10 1.28 1.46 1.56 1.68 1.82 2.00 2.65 2.95 3.35 3.04 2.80
I rms. (mA)
650 650 1000 700 700 700 700 700 700 650 650 630 600 520 490 450 420 400 380 360 330 300 270 250 125
Color Code
1st
YELLOW BLUE GRAY BROWN BROWN RED RED GREEN BLUE BROWN BROWN BROWN BROWN RED RED
2nd
VIOLET GRAY RED BLACK GRAY BLACK YELLOW BLUE GRAY BLACK RED GREEN GRAY RED VIOLET
3rd
BLACK BLACK BLACK BROWN BROWN BROWN BROWN BROWN BROWN RED RED RED RED RED RED RED RED RED RED RED RED ORANGE ORANGE ORANGE ORANGE
ORANGE ORANGE ORANGE YELLOW GREEN BLUE GRAY BROWN BROWN BROWN RED WHITE VIOLET BLUE GRAY RED BLACK RED GREEN RED
SMD wire wound Ferrite Chip Inductor: P/N 1008F-series
Rev. A
Jan. 01, 2006. Page: 1 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors--1008F series
B. Dimensions: (Unit: mm.)
SERIES
1008F
A (Max.)
2.92
B (Max.)
2.79
C (Max.)
2.03
D (Max.)
1.27
E
1.02
F
2.54
C. Mechanical Drawing:
A B 0.51 1.52 0.51
E
D
E
2.54
C
F
D. Color coding:
Land Pattern
1. These parts are marked with 3 color dots. The table at below shows the significance of each color. 2. Dots 1 and 2 indicate the inductance in nH. 3. Dots 3 indicate number of zeroes to be added.
2nd: inductance
1st : Inductance 3rd Multiplier
0 = Black 1 = Brown 2 = Red 3 = Orange 4 = Yellow
5=Green 6=Blue 7 = Violet 8 = Gray 9 = White
Top view
E. Feature:
1. 2. 3. 4. 5. 6. 7. 8. 9.
Color code table
Tolerance: M: 20%, K: 10%, J: 5%, G: 2%, F: 1%. High Q at high frequency. High self-resonance frequency. For 15C Temperature Rise. Inductance & Q measured using the HP4291B SRF measured using the HP8720D or HP8753E. DCR measured using the 502BC. Operating temperature: -40C TO +125C. Inductance Range: * 1008F (Ferrite) Series: 0.047uH(650mA)10.0uH(300mA). SRF from 1800MHz to 60MHz. 10. RoHS compliant.
F. Application:
Pagers. Mobile communication units. Portable telephone. Hybrid.
Special specifications are available for customer's requirement.
SMD wire wound Ferrite Chip Inductor: P/N 1008F-series Rev. A Jan. 01, 2006. Page: 2 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com
SMD Wire Wound Ferrite Chip Inductors--1008F series
F. Characteristic curve:
1. L vs. Frequency:
100
Inductance (uH)
1008F-100 1008F-5R6 10 1008F-3R9 1008F-2R2 1008F-1R2 1 1 10 100 1000
Frequency (MHz)
2. Typical Q vs. Frequency:
80
60
40
1R2
Q
20 2R2 5R6 3R9 100 1 10 100 1000
0
Frequency (MHz)
SMD wire wound Ferrite Chip Inductor: P/N 1008F-series
Rev. A
Jan. 01, 2006. Page: 3 of 3


▲Up To Search▲   

 
Price & Availability of 1008F-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X