Part Number Hot Search : 
LBS06301 PRODUC K1528DBS CRY82 2SC2938 PT2380 51880 PSWT9012
Product Description
Full Text Search
 

To Download 10020476 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
CATV Band Dual Output Modulator
Key Features
* Flat frequency response * Two optical output ports * Integrated phase modulator * High optical damage threshold
Applications
* High performance 1550 nm CATV band transmitters
The JDSU community antenna television (CATV) band dual output modulator is widely accepted for use in externally modulated 1550 nm transmitters. Two optical outputs offer flat frequency response and excellent composite second order distortion (CSO) performance. This product is rated for operation at optical power levels to 200 mW. A dedicated production line and strict process control measures ensure minimal variation in device-to-device characteristics.
Typical Frequency Response, S21
Typical Return Loss Curve, S11
1 0
0 -5 -10
dB
dB
-1 -2 -3 -4 0.00E+00
-15 -20 -25 -30
4.00E-01
8.00E-01
1.20E+00
-35 0.00E+00
4.00E-01
8.00E-01
1.20E+00
Frequency (GHz)
Frequency (GHz)
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
CATV BAND DUAL OUTPUT MODULATOR
2
CATV Band Dual Output Modulator Schematic
Phase Modulator PM Fiber In
VRF
VBIAS
3 dB SM Fiber Out
APETM Waveguides
CATV Band Dual Output Modulator Dimensions Diagram
(Specifications in inches [mm] unless otherwise noted.)
5.66 [143.8]
OUT
.69 [17.5]
.90 [22.9]
DC
RF
PM
.57 [14.5]
2X .33 [8.3]
2X .15 [3.8] 4.400 [111.8] 4.70 [119.4]
2X O.15 [O3.8] THRU
4.11 [104.4] .37 [9.4]
.16 [4.0] [ 2X
.10 [2.5] 1.02 [25.9] 1.70 [43.2] 2.78 [70.5] 3.53 [89.7]
.18 [4.4]
.39 [9.8]
CATV BAND DUAL OUTPUT MODULATOR
3
Specifications
Parameter General Material Crystal orientation Optical1 Operating wavelength Input optical power On/off extinction ratio Optical return loss Optical insertion loss2 Insertion loss imbalance between outputs Electrical1 Intensity modulator V, signal electrode, 100 MHz V, bias electrode, DC3 Operating bandwidth Amplitude flatness Phase flatness S11 Delta phase optical outputs4 Bias electrode impedance Passive bias point, relative to quadrature, at 1550 nm Phase Modulator Half-wave voltage, DC Operating bandwidth, DC S11 Input impedance Bias port Applied DC voltage Phase modulator port Applied RF power RF port Applied DC voltage Applied RF power Mechanical Input fiber Output fiber Electrical connectors (package) Environmental Operating temperature Storage temperature
1. All measurements made at 23C unless otherwise noted.
Specification
Lithium niobate X-cut, y-propagating 1540 to 1560 nm 200 mW 20 dB -45 dB 4.5 dB 1.0 dB
Maximum Minimum Maximum Maximum Maximum
Maximum Maximum Minimum Maximum Maximum Maximum Maximum
5.9 V 5.0 V 47 to 860 MHz 0.5 dB 5 -18 dB 0.26 >10 k 3 V 8.5 V 2.5 GHz -8 dB 50 15 V 30 dBm 0V 24 dBm Fujikura SM 15-P-8/125-UV/UV-400, 70 cm minimum Hytrel 900 m loose tube, 12 inches SMF-28, 95 cm minimum Hytrel 900 m loose tube 12 inches SMA connectors 0 to 70 C -40 to 80 C
Maximum Maximum
Maximum Maximum Maximum Maximum
2. Insertion loss is measured at the maximum of the modulator's transfer function and does not include the 3 dB loss incurred when operated at quadrature. 3. The bias point of this device is most stable when operated with applied DC voltage close to 0 V. 4. For an 80 channel NTSC, 3% OMI CATV link, with correctly operating modulator bias control, 0.26 delta phase yields a maximum of 68 dBc CSO on both outputs.
CATV BAND DUAL OUTPUT MODULATOR
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: 10020476
Product Code 10020476
Description 1550 nm, PM/SM, no connectors
APE is a trademark of JDSU. Hytrel is a registered trademark of E. I. du Pont de Nemours and Company. SMF-28 and Fujikura SM-P-8/125-UV-400 are registered trademarks of Corning Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 10133791 Rev. 001 05/06 CATVBDOM.DS.CC.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of 10020476

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X