Part Number Hot Search : 
U200008 YB18T5 2SC44 220MC SLLS690C 32F100 SMAJ50A 1M250
Product Description
Full Text Search
 

To Download 0678380004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0678380004 Active
Stacked Modular Jack with lightpipes, Right Angle, with Press-Fit Pegs, with Side Panel Grounding Tabs and Inner Shield Ground Tabs, 4/2, 8 Ports
Documents: 3D Model Drawing (PDF)
Product Specification PS-67838-002 (PDF) RoHS Certificate of Compliance (PDF) Series Modular Jacks/Plugs 67838 With Lightpipes PCB Jack No 3 N/A RJ45 image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Magnetic Performance Category Power over Ethernet (PoE) Product Name
Physical
Boot Color Color - Resin Durability (mating cycles max) Inverted / Top Latch Keying to Mating Part Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Black, Clear 500 Yes None Lightpipes Phosphor Bronze Gold Tin-Lead Polycarbonate, Polyester Right Angle (Side Entry) Yes Yes Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 8 4/2 No -40C to +70C Through Hole No N/A
Search Parts in this Series 67838Series Mates With FCC 68 Plugs Use With Shielded RJ45 Plugs
Electrical
Current - Maximum per Contact Grounding to PCB Grounding to Panel Shielded Voltage - Maximum 1.5A Yes Panel Ground Tab Yes 150V AC (RMS)
Material Info Reference - Drawing Numbers
Product Specification PS-67838-002
Sales Drawing
SD-67838-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0678380004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X