Part Number Hot Search : 
A3064 X9C503DM ST12LP AC03D 20KP72A 636S6I 12800 HT674007
Product Description
Full Text Search
 

To Download 0002091206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0002091206 Active
standard_093 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 4550, Female, with Tin (Sn) Plated Phosphor Bronze Contact, 14-20 AWG, Bag
Documents: Drawing (PDF) Product Specification PS-02-09 (PDF)
RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 4550 Yes standard_093 Standard .093"
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 25 Female Phosphor Bronze Tin Tin Bag 20 0.50 20 0.50 Crimp or Compression 1.65-4.06mm (.065-.160") 14, 16, 18, 20 N/A
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 4550Series Use With 1619 Plug or Receptacle Housing, 1545 Plug or Receptacle Housing, 1396 Plug or Receptacle Housing, 1490 Plug or Receptacle Housing, 2629 Plug or Receptacle Crimp Housings, 1261 Plug or Receptacle Housing, 1292 Plug or Receptacle Housing, 1360 Plug or Receptacle Housing, 1375 Plug or Receptacle Housing, 3191 Plug or Receptacle Housing, 2163 Plug or Receptacle Housings Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0638191100 Insertion Tool 0011020003
Material Info
Old Part Number 4550-(P901)L
Reference - Drawing Numbers
Product Specification Sales Drawing PS-02-09 SD-4550-*
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0002091206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X