Part Number Hot Search : 
22101 300K1 X9315WMI LTC2499 LTC2499 74HC4060 SSL21082 300DT
Product Description
Full Text Search
 

To Download ZXMS6004DT8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A Product Line of Diodes Incorporated
ZXMS6004DT8 60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFETTM MOSFET
SUMMARY
Continuous drain source voltage 60 V On-state resistance Nominal load current (VIN = 5V) Clamping Energy 500 m 1.2 A 210 mJ
DESCRIPTION
The ZXMS6004DT8 is a dual self protected low side MOSFET with logic level input. It integrates over-temperature, overcurrent, over-voltage (active clamp) and ESD protected logic level functionality independently per channel. The ZXMS6004DT8 is ideal as a general purpose switch driven from 3.3V or 5V microcontrollers in harsh environments where standard MOSFETs are not rugged enough.
SM8 Package
FEATURES
* * * * * * * * * Compact dual package Low input current Logic Level Input (3.3V and 5V) Short circuit protection with auto restart Over voltage protection (active clamp) Thermal shutdown with auto restart Over-current protection Input Protection (ESD) High continuous current rating
ORDERING INFORMATION
DEVICE PART MARK REEL SIZE (inches) TAPE WIDTH (mm) QUANTITY PER REEL
ZXMS6004DT8TA
ZXMS 6004D
7
12 embossed
1,000 units
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
1 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
FUNCTIONAL BLOCK DIAGRAM
D1/2
Over Voltage Protection
IN1/2
Human body ESD protection Over temperature protection Logic Over current protection
dV/dt limitation
S1/2
APPLICATIONS AND INFORMATION
* * * * * * * Two completely isolated independent channels Especially suited for loads with a high in-rush current such as lamps and motors. All types of resistive, inductive and capacitive loads in switching applications. C compatible power switch for 12V and 24V DC applications. Automotive rated. Replaces electromechanical relays and discrete circuits. Linear Mode capability - the current-limiting protection circuitry is designed to de-activate at low VDS to minimise on state power dissipation. The maximum DC operating current is therefore determined by the thermal capability of the package/board combination, rather than by the protection circuitry. This does not compromise the product's ability to selfprotect at low VDS.
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
2 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ABSOLUTE MAXIMUM RATINGS PARAMETER Continuous Drain-Source Voltage Drain-Source Voltage for short circuit protection Continuous Input Voltage Continuous Input Current -0.2VVIN6V VIN<-0.2V or VIN>6V Operating Temperature Range Storage Temperature Range Power Dissipation at TA =25C (a)(d) Linear Derating Factor Power Dissipation at TA =25C (a)(e) Linear Derating Factor Power Dissipation at TA =25C (b)(d) Linear Derating Factor Pulsed Drain Current @ VIN=3.3V (c) Pulsed Drain Current @ VIN=5V (c) Continuous Source Current (Body Diode) (a) Pulsed Source Current (Body Diode) (c) Unclamped single pulse inductive energy, Tj=25C, ID=0.5A, VDD=24V Electrostatic Discharge (Human Body Model) Charged Device Model THERMAL RESISTANCE PARAMETER Junction to Ambient (a)(d) Junction to Ambient (a)(e) Junction to Ambient (b)(d) Junction to Case (f) IDM IDM IS ISM EAS VESD VCDM PD PD Tj, Tstg PD SYMBOL VDS VDS(SC) VIN IIN No limit IIN 2 -40 to +150 -55 to +150 1.16 9.28 1.67 13.3 2.13 17 2 2.5 1 5 210 4000 1000 C C W mW/C W mW/C W mW/C A A A A mJ V V LIMIT 60 36 -0.5 ... +6 UNIT V V V mA
SYMBOL RJA RJA RJA RJC
VALUE 108 75 58.7 26.5
UNIT C/W C/W C/W C/W
NOTES (a) For a dual device surface mounted on a 25mm x 25mm FR4 PCB single sided 1oz weight copper split down the middle on 1.6mm FR4 board, in still air conditions. (b) For a dual device surface mounted on FR4 PCB measured at t 10sec (c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.02 pulse width=300s - pulse width limited by junction temperature. Refer to transient Thermal Impedance Graph. (d) For a dual device with one active die. (e) For dual device with 2 active die running at equal power. (f) Thermal resistance from junction to solder-point (at the end of the drain lead)
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
3 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
RECOMMENDED OPERATING CONDITIONS
The ZXMS6004DT8 is optimised for use with C operating from 3.3V and 5V supplies. Symbol VIN TA VIH VIL VP Description Input voltage range Ambient temperature range High level input voltage for MOSFET to be on Low level input voltage for MOSFET to be off Peripheral supply voltage (voltage to which load is referred) Min 0 -40 3 0 0 Max 5.5 125 5.5 0.7 36 Units V C V V V
CHARACTERISTICS
Max Power Dissipation (W)
ID Drain Current (A)
Limited by RDS(on)
Limited by Over-Current Protection
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0 25 50 75 100 125 150
1 active die 2 active die
1
DC 1s 100ms Single Pulse T amb=25C See Note (a)(d) 10ms 1ms
100m
10m
Limit of s/c protection
1
10
VDS Drain-Source Voltage (V)
Temperature (C)
Safe Operating Area
Thermal Resistance (C/W)
120 100 80
D=0.5 Tamb=25C See Note (a)(d)
Derating Curve
Maximum Power (W)
100
Single Pulse T amb=25C See Note (a)(d)
60 40 20 0 100 1m 10m 100m 1
D=0.2 Single Pulse D=0.05 D=0.1
10
10
100
1k
1 100
1m
10m 100m
1
10
100
1k
Pulse Width (s)
Pulse Width (s)
Transient Thermal Impedance
Pulse Power Dissipation
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
4 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER
Static Characteristics
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
Drain-Source Clamp Voltage Off state Drain Current Off state Drain Current Input Threshold Voltage Input Current Input Current Input Current while over temperature active Static Drain-Source On-State Resistance Static Drain-Source On-State Resistance Continuous Drain Current (a)(e) Continuous Drain Current (a)(e) Continuous Drain Current (a)(d) Continuous Drain Current (a)(d) Current Limit (g) Current Limit (g) Dynamic Characteristics Turn On Delay Time Rise time Turn Off Delay Time Fall Time Notes:
VDS(AZ) IDSS IDSS VIN(th) IIN IIN
60
65
70 500 1
V nA uA V A A A m
ID=10mA VDS=12V, VIN=0V VDS=36V, VIN=0V VDS=VGS, ID=1mA VIN=+3V VIN=+5V VIN=+5V VIN=+3V, ID=0.5A
0.7
1 60 120
1.5 100 200 220
RDS(on)
400
600
RDS(on)
350
500
m
VIN=+5V, ID=0.5A
ID ID ID ID ID(LIM) ID(LIM)
0.9 1.0 1.1 1.2 0.7 1 1.7 2.2
A A A A A A
VIN=3V; TA=25C VIN=5V; TA=25C VIN=3V; TA=25C VIN=5V; TA=25C VIN=+3V, VIN=+5V
td(on) tr td(off) ff
5 10 45 15
s s s s
VDD=12V, ID=0.5A, VGS=5V
(g) The drain current is restricted only when the device is in saturation (see graph `typical output characteristic'). This allows the device to be used in the fully on state without interference from the current limit. The device is fully protected at all drain currents, as the low power dissipation generated outside saturation makes current limit unnecessary.
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
5 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
PARAMETER Over-temperature Protection Thermal Overload Trip Temperature (h) Thermal hysteresis (h) Note: (h)
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
TJT
150
175 10
C C
Over-temperature protection is designed to prevent device destruction under fault conditions. Fault conditions are considered as "outside" normal operating range, so this part is not designed to withstand over-temperature for extended periods..
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
6 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
TYPICAL CHARACTERISTICS
ID Drain Current (A)
VIN
IIN Input Current (A)
3
TA = 25C 5.5V 5.0V 4.5V 4.0V 3.5V 3.0V 2.5V 2.0V
120 100 80 60 40 20 0 0 1 2 3 4 5
2
1
0 0 1 2 3 4 5 6 7 8 9 10 11 12
VDS Drain-Source Voltage (V)
VIN Input Voltage (V)
Typical Output Characteristic
RDS(on) On-Resistance ()
ID = 0.5A
Input Current vs Input Voltage
1.4
VTH Threshold Voltage (V)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 1.5 2.0 2.5 3.0 3.5
1.3 1.2 1.1 1.0 0.9 0.8 -75 -50 -25 0 25 50
VIN = VDS ID = 1mA
TJ = 150C
TJ = 25C
4.0
4.5
5.0
75 100 125 150
VIN Input Voltage (V)
TJ Junction Temperature (C)
On-Resistance vs Input Voltage
RDS(on) On-Resistance ()
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 -75 -50 -25 0 25 50 75 100 125 150
VIN = 5V VIN = 3V
Threshold Voltage vs Temperature
10
IS Source Curent (A)
TJ=150C
1
TJ=25C
0.1
0.01 0.4 0.6 0.8 1.0 1.2
TJ Junction Temperature (C)
VSD Source-Drain Voltage (V)
On-Resistance vs Temperature
Reverse Diode Characteristic
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
7 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
Drain-Source Voltage (V)
12 10 8 6 4 2 0 -50 0 50 100 150 200 250 300
VIN ID=500mA VDS
Drain-Source Voltage (V)
12 10 8 6 4 2 0 -50 0 50 100 150 200 250 300
VIN VDS ID=500mA
Time (s)
Time (s)
Switching Speed
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 20 40
VIN = 5V VDS = 15V RD = 0
Switching Speed
ID Drain Current (A)
Time (ms)
Typical Short Circuit Protection
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
8 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated
A Product Line of Diodes Incorporated
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDING TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2010, Diodes Incorporated www.diodes.com
ZXMS6004DT8
Document Number DS32245 Rev. 1 - 2
9 of 9 www.diodes.com
June 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of ZXMS6004DT8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X