|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ZRO2405A1LF PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1 Applications * Digital Radio Equipment * Fixed Wireless Access * Satellite Communication Systems Application Notes * AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering (f) (dBc/Hz) Voltage-Controlled Oscillator Surface Mount Module OFFSET (Hz) Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes Min 2400 Typ -116 -12 Max 2410 -9 4.5 Units MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C 0.5 8 0 3 50 6 50 1 1 -40 MINI-16-SM Min Typ 5 23 85 Max 28 Units Vdc mA LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ. 2430 ZRO2405A1LF Rev A1 FREQUENCY (MHz) 2425 2420 2415 2410 2405 2400 2395 2390 2385 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 85 C 25 C -40 C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint RECOMMENDED FOOTPRINT 6 5 4 3 2 1 0 2390 POWER OUTPUT (dBm) SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. 0.030 MIN. CUTBACK FROM LIVE PADS 2395 2399 2403 2407 2410 2413 2416 2419 2422 FREQUENCY (MHz) 85 C 25 C -40 C Physical Dimensions SOLDER MASK GOLD PLATED PADS PIN CONFIGURATION BOTTOM Z-COMM XXXXXXXX-LF W/O# D/C P1 P2 P3 REST Vt RF OUT Vcc GROUND NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B |
Price & Availability of ZRO2405A1LF |