Part Number Hot Search : 
ML4895 CVA2455T BZX85C20 P4KE250 4T1003B4 RS5C317A SRF2020 HD100150
Product Description
Full Text Search
 

To Download VEH470M1VTR080100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
VEH Series: Surface Mount Type, Low Impedance
FEATURES
*105C, 2000 hours assured *Low Impedance *Replaces RVH Series *RoHS Compliant
SPECIFICATIONS
Item Operating Temp. Range Capacitance Tolerance Leakage Current (at 20*C) Dissipation Factor Tan at 120 Hz, 20C Rated Voltage Tan (max) Performance -55C ~ + 105C 20% (120Hz, 20C)
I=0.01CV or 3A (whichever is greater) after 2 minutes, where C=rated capacitance in F V=rated DC working Volts
6.3 0.30
10 0.26
16 0.22 6.3 4 8
25 0.16 10 3 5 Load Life 2000 Hrs
35 0.13 16 2 4 25 2 3 35 2 3 Shelf Life 1000 Hrs Within 20% of initial value Less than 200% of specified value Within specified value 20 C (after storage for 1000 hours at 105C without voltage)
Low Temperature Characteristics (at 120Hz)
Rated Voltage Impedance Ratio Z(-25C) /Z(+20C) Z(-40C) /Z(+20C) Test Time
Capacitance Change Life Test Dissipation Factor Leakage Current Test Conditions Ripple Current & Frequency Multilpiers Standards VDC(V) Freq. (Hz) 6.3 ~ 35 50,60 0.64
Within 20% of initial value Less than 200% of specified value Within specified value 20C (after rated voltage applied for 2000 hours at 105C 120 0.8 1K 0.93 10K up 1.0 Satisfies Characteristic W of JIS C 5141
DIMENSION, IMPEDANCE & PERMISSIBLE RIPPLE CURRENT Ripple Current mA/rms at 120 Hz, 105C Impedance: W at 100K Hz, 20C
VDC Contents 47 100 150 220 330 470 820 1000 470 101 151 221 331 471 821 102 10 x 10 0.25 553 8 x 10 8 x 10 0.45 369 10 x 10 0.45 369 8 x 10 10 x 10 8 x 10 0.45 369 553 0.25 553 0.45 369 0.25 553 10 x 10 8 x 10 8 x 10 0.25 553 0.45 369 0.45 369 10 x 10 8 x 10 0.25 553 0.45 369 8 x 10 0.45 369 6.3V (0J) DxL Imp. mA 10V (1A) DxL Imp. mA 16V (1C) Dx L Imp. mA 25V (1E) Dx L Imp. mA 35V (1V) DxL Imp. mA 8 x 10 10 x 10 8 x 10 0.45 369 0.25 553 0.45 369
B
PAD SPACING AND DIAMETER
0.3 max
D0.5 8 10 L 100.5 100.5 A0.2 8.4 10.4 B0.2 8.4 10.4 C0.2 3.0 3.3 W 0.7 to 1.1 0.7 to 1.1 P0.2 3.1 4.7
+
LW
A
C
P
C
PART NUMBER EXAMPLE VEH 470 M 1V TR 080 100
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB06 REV 2006.1.18


▲Up To Search▲   

 
Price & Availability of VEH470M1VTR080100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X