Part Number Hot Search : 
MQ2219Q MAX10 ER304 P6KA27A 2VP12U9 M8151136 8002A Z84C1506
Product Description
Full Text Search
 

To Download VE221M1CTR080100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS RoHS VE Series: Surface Mount Type u
FEATURES
*85C, 2000 hours assured *Surface mount *RoHS Compliant
SPECIFICATIONS
Item Operating Temp. Range Capacitance Tolerance Leakage Current (at 20C) Performance -40C ~ + 85C 20% (120Hz, 20C) I = 0.01CV or 3A (whichever is greater) after 2 minutes, where C = rated capacitance in F V = rated DC working voltage Rated Voltage Tan (max) 6.3 0.28 10 0.24 16 0.2 6.3 4 8 25 0.14 10 3 5 Load Life Test Time 2000 Hrs Life Test Capacitance Change Dissipation Factor Leakage Current VDC(V) Ripple Current & Frequency Multilpiers Freq. (Hz) 50 0.80 0.80 0.80 0.70 120 1.00 1.00 1.00 1.00 < 20% Less than 200% of specified value Within specified value 1K 1.15 1.25 1.35 1.35 10K up 1.25 1.40 1.50 1.50 1000 Hrs < 20% Less than 200% of specified value Within specified value 35 0.12 16 2 4 50 0.10 25 2 3 63 0.10 35 2 3 100 0.10 50 2 3 63 2 3 100 2 3 Shelf Life
Dissipation Factor Tan at 120 Hz, 20C Low Temperature Characteristics (at 120Hz)
Rated Voltage Impedance Ratio Maximum Z(-25C) / Z(+20C) Z(-40C) / Z(+20C)
Under 16 25 ~ 35 50 ~ 63 100
Standards
JISC 5101-1,-18
PAD SPACING AND DIAMETER
D 8 8 10 L0.2 6.5 0.3 10 0.5 10 0.5 A0.2 B0.2 C0.2 8.4 8.4 10.4 8.4 8.4 10.4 3.4 3.0 3.3 W0.2 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 P0.2 2.3 3.1
D
B
0.3 max
4.7
+
LW
A
C
P
C
PART NUMBER EXAMPLE VE 221 M 1C TR 080 100
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB01 REV 2008.2.19
ALUMINUM ELECTROLYTIC CAPACITORS RoHS VE Series: Surface Mount Type u
DIMENSION & PERMISSIBLE RIPPLE CURRENT
V.DC F 4.7 10 22 33 47 68 100 220 330 470 1000 1500 Contents 47 100 220 330 470 680 101 221 331 471 102 152 V.DC Contents 0R1 R22 R33 R47 10 2R2 3R3 4R7 100 220 330 470 680 101 4V (0G) OD x L mA 6.3V (0J) OD x L mA 10V (1A) OD x L 4 x 5.3 5 x 5.3 4 x 5.3 5 x 5.3 6.3 x 5.3 5 6.3 5 6.3 *8 6.3 8 8 10 10 x x x x x x x x x x 5.3 5.3 5.3 5.3 6.5 7.7 6.5 10 10 10 mA 23 39 33 48 67 63 98 65 110 155 (108) 124 155 252 458 458 16V (1C) OD x L 3 or 4 4 5 6.3 x x x x 5.3 5.3 5.3 5.3 mA 26 (14) 30 44 63 52 75 98 110 155 (108) 252 (124) 252 458 25V (1E) OD x L 4 x 5.3 5 x 5.3 6.3 x 5.3 5 6.3 6.3 *8 6.3 *8 6.3 8 x x x x x x x x 5.3 5.3 5.3 6.5 5.3 6.5 7.7 6.5 mA 19 32 35 54 67 75 155 (98) 103 155 (109) 124 155 252 458
3 x 5.3 4 x 5.3 4 x 5.3 5 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 5.3
14 31 34 54 58 89 110
4 x 5.3 4 x 5.3 4 x 5.3 5 x 5.3 6.3 x 5.3 5 x 5.3 6.3 x 5.3 6.3 *8 *8 8 10 10 x x x x x x 5.3 6.5 6.5 10 10 10.3
23 31 37 50 89 63 98 110 155 (123) 155 (139) 252 458 458
5 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 5.3 *8 x 6.5 *8 x 10 8 x 10 10 x 10
8 x 10 10 x 10
F 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 68 100
35V (1V) OD x L mA
3 x 5.3 4 x 5.3 4 5 5 6.3 6.3 *8 *8 x x x x x x x 5.3 5.3 5.3 5.3 5.3 6.5 6.5
8 20 27 34 47 59 67 155 (185) 155 (98) 109 155 252
6.3 x 7.7 8 x 6.5 *8 x 10
50V (1H) OD x L mA 4 x 5.3 3 4 x 5.3 5 4 x 5.3 6 4 x 5.3 7 4 x 5.3 10 4 x 5.3 15 4 x 5.3 19 4 x 5.3 20 5 x 5.3 26 5 x 5.3 34 6.3 x 5.3 44 6.3 x 5.3 59 *8 x 6.5 155 (65) 6.3 x 7.7 82 8 x 6.5 155 6.3 x 7.7 98 8 x 10 252 8 x 10 252 8 x 10 10 x 10 10 x 10.3 252 458 458
63V (1J) OD x L
mA
100V (2A) OD x L mA
8 x 6.5 8 x 10 8 x 10 10 x 10 10 x 10 10 x 10
75 139 139 226 226 226
8 x 10 10 x 10 10 x 10
94 189 189
220 221 10 x 10 458 * 6.3 x 7.7 is avalable and ( ) is ripple current
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB01 REV 2008.2.19


▲Up To Search▲   

 
Price & Availability of VE221M1CTR080100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X