Part Number Hot Search : 
74HC15 C2909 39200 A1718 RCA31W AQV212A R2000 2SK300
Product Description
Full Text Search
 

To Download VC-3R0A50-1750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU MEDIA DEVICE DATA SHEET
DS04-21716-1E
ASSP for Mobile Telephone
VCO (230 to 2300 MHz) VC-50 Series
s DESCRIPTION
With excellent C/N characteristics and low current consumption, this VCO series is ideal for CDMA, PCS, PHS and GSM mobile communication equipment. The VC-50 series can be used in any frequency band in the 230MHz to 2300MHz range. The device utilizes FUJITSU MEDIA DEVICE's high-frequency design technology, high-density mounting technology, and frequency adjustment technology to provide a high level of reliability in addition to high performance and small size.
s FEATURES
* Superior noise characteristics (C/N, S/N) * High level of stability in response to ambient temperature and load variations * FUJITSU MEDIA DEVICE's proprietary fabrication process provides the uniformity of the central frequency distribution * Small size, light-weight, slim-package : 6.0 x 6.0 x 1.8 mm (Typ.) * SMD-type taping specifications suitable for automatic mounting and reflow soldering
s PACKAGE
VC-50 Series
s PIN ASSIGNMENT
(TOP VIEW)
7 6 5
8
4
1
2
3
s PIN DESCRIPTION
Pin No. 1 2 3 4 5 6 7 8 Symbol Vt GND VCC GND OUT GND GND GND GND Power supply voltage GND Output GND GND GND Description Control voltage
2
VC-50 Series
s PRODUCT LINEUP (STANDARD MODELS)
System Center Frequency (MHz) 967 CDMA PCS K-PCS GSM GSM/DCS PHS 991 1035 1750 1635 897 1171 1360 1652 1668 Band Width (MHz) 13 13 15.5 30 15 15 17.5 35 80 20 18.3 Power Supply Voltage (V) 3.0 0.25 2.5 0.15 2.55 0.15 3.0 0.16 2.7 0.15 3.0 0.15 2.8 0.1 2.8 0.07 2.85 0.15 2.7 0.1 3.0 0.2 Part Number VC-3R0A50-0967A VC-2R5A50-0991 VC-2R5A50-1035 VC-3R0A50-1750 VC-2R7A50-1635 VC-3R0A50-1635S VC-2R8A50-0897F VC-2R8A50-1171 VC-2R8A50-1360 VC-2R7A50-1652 VC-3R0A50-1668N
3
VC-50 Series
s ELECTRICAL CHARACTERISTICS
1. For CDMA (Part number : VC-3RA50-0967A)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -30 -40 5 Max. +3.25 +3.25 +80 +85 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 980.0* 18.0 -6.0* 70.0* 100.0* 110.0* 115.0* Typ. 23.0
(Ta = +25C 3C) Conditions VCC = 3.0 V, Vt = 1.7 V VCC = 3.0 V, Vt = 0.7 V VCC = 3.0 V, Vt = 2.7 V (fmax - fmin) /2.0 VCC = 3.0 V, Vt = 1.7 V VCC = 3.0 V, Vt = 1.7 V, Offset = 1 kHz, BW = 1 Hz VCC = 3.0 V, Vt = 1.7 V, Offset = 10 kHz, BW = 1 Hz VCC = 3.0 V, Vt = 1.7 V, Offset = 30 kHz, BW = 1 Hz VCC = 3.0 V, Vt = 1.7 V, Offset = 60 kHz, BW = 1 Hz Max. 6.4* 954.0* 28.0 1.0* -10.0* -70.0* 800* 1000 3000* Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
Higher harmonics Spurious Power supply variation Load variation Temperature drift
Hs SP Push Pull Td
VCC = 3.0 V, Vt = 1.7 V, 2nd, 3rd VCC = 3.0 V, Vt = 1.7 V VCC = 3.0 V 0.25 V, Vt = 1.7 V VCC = 3.0 V, Vt = 1.7 V, VSWR = 2 ALL PHASE Ta = +25 C 55 C
* : Ta = -30C to +80C 4
VC-50 Series
2. For CDMA (Part number : VC-2R5A50-0991)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -40 -50 5 Max. +6.0 +10.0 +85 +125 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1004.0 23.0 -4.5 107.0 108.0* 110.0 111.0* 118.0 140.0 Typ. 27.0 -1.5
(Ta = -40C to +85C) Conditions VCC = 2.5 V , Vt = 1.4 V VCC = 2.5 V, Vt = 0.6 V VCC = 2.5 V, Vt = 2.2 V (fmax - fmin) /1.6 VCC = 2.5 V, Vt = 1.4 V VCC = 2.5 V, Vt = 1.4 V, Offset = 20 kHz, BW = 1 Hz VCC = 2.5 V, Vt = 1.4 V, Offset = 25 kHz, BW = 1 Hz VCC = 2.5 V, Vt = 1.4 V, Offset = 60 kHz, BW = 1 Hz VCC = 2.5 V, Vt = 1.4 V, Offset = 900 kHz, BW = 1 Hz Max. 8.0 7.0* 978.0 31.0 1.5 -15.0 -70.0 500 500 Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc dBc kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
Higher harmonics Spurious Power supply variation Load variation * : Ta = +25 C 3C
Hs SP Push Pull
VCC = 2.5 V, Vt = 1.4 V, Up to 3rd VCC = 2.5 V, Vt = 1.4 V, Up to 3 GHz VCC = 2.5 V 0.15 V, Vt = 1.4 V VCC = 2.5 V, Vt = 1.4 V, VSWR = 2 ALL PHASE
5
VC-50 Series
3. For CDMA (Part number : VC-2R5A50-1035)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -40 -50 5 Max. +6.0 +10.0 +85 +125 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1050.0 24.0 -3.0 137.0 143.0 Typ. 28.0 0.0
(Ta = -40C to +85C) Conditions VCC = 2.55 V, Vt = 1.35 V VCC = 2.55 V, Vt = 0.5 V VCC = 2.55 V, Vt = 2.2 V (fmax - fmin) /1.7, Vt = 1.35 V VCC = 2.55 V, Vt = 1.35 V VCC = 2.55 V, Vt = 1.35 V, Offset = 625 kHz , BW = 1 Hz VCC = 2.55 V, Vt = 1.35 V, Offset = 1.25 MHz , BW = 1 Hz VCC = 2.55 V, Vt = 1.35 V, 2nd, 3rd, 4th VCC = 2.55 V, Vt = 1.35 V, Up to 3 GHz VCC = 2.55 V 0.15 V, Vt = 1.35 V VCC = 2.55 V, Vt = 1.35 V, VSWR = 2 ALL PHASE Max. 10.0 1019.0 32.0 3.0 -15.0 -70.0 500 500 Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc dBc kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
Higher harmonics Spurious Power supply variation Load variation
Hs SP Push Pull
6
VC-50 Series
4. For PCS (Part number : VC-3R0A50-1750)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -30 -35 5 Max. +3.2 +3.2 +80 +85 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1780.0 30.0 -3.0 112.0 Typ. 40.0 0.0
(Ta = -30C to +80C) Conditions VCC = 3.0 V, Vt = 1.65 V VCC = 3.0 V, Vt = 0.3 V VCC = 3.0 V, Vt = 3.0 V (fmax - fmin) /2.7 VCC = 3.0 V, Vt = 1.65 V VCC = 3.0 V, Vt = 1.65 V, Offset = 100 kHz , BW = 1 Hz VCC = 3.0 V, Vt = 1.65 V, Up to 3rd VCC = 3.0 V, Vt = 1.65 V VCC = 3.0 V 0.16 V, Vt = 1.65 V VCC = 3.0 V, Vt = 1.65 V, VSWR = 2 ALL PHASE Ta = +25 C 55 C Max. 8.5 1720.0 50.0 3.0 -10.0 -80.0 600 1200 6000 Unit mA MHz MHz MHz/V dBm dBc/Hz dBc dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output C/N Higher harmonics Spurious Power supply variation Load variation Temperature drift
Symbol ICC fmin fmax kv Po C/N Hs SP Push Pull Td
7
VC-50 Series
5. For K-PCS (Part number : VC-2R7A50-1635)
* Absolute Maximum Ratings Parameter Input DC voltage Operating temperature Storage temperature Storage humidity Symbol VCC Ta Tstg Hstg Rating Min. -30 -40 5 Max. +3.0 +80 +90 95 Unit V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1650.0* 22.0 -3.0 70.0 111.0 134.0 Typ.
(Ta = +25C 3C) Conditions VCC = 2.7 V, Vt = 0.5 V to 2.5 V VCC = 2.7 V, Vt = 0.5 V VCC = 2.7 V, Vt = 2.5 V (fmax - fmin) /2.0 VCC = 2.7 V, Vt = 1.5 V VCC = 2.7 V, Vt = 1.5 V, Offset = 1 kHz, BW = 1 Hz Max. 8.5* 1620.0* -10.0 800 1500 Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc/Hz dBc kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
VCC = 2.7 V, Vt = 1.5 V, Offset = 100 kHz, BW = 1 Hz VCC = 2.7 V, Vt = 1.5 V, Offset = 1.25 MHz, BW = 1 Hz
Higher harmonics Power supply variation Load variation
Hs Push Pull
VCC = 2.7 V, Vt = 1.5 V, 2nd, 3rd VCC = 2.7 V 0.15 V, Vt = 1.5 V VCC = 2.7 V, Vt = 1.5 V, VSWR = 2 ALL PHASE
* : Ta = -30C to +80C
8
VC-50 Series
6. For K-PCS (Part number : VC-3R0A50-1635S)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -30 -40 5 Max. +6.0 +6.0 +80 +90 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1650.0 22.0 -3.0 70.0* 111.0* 134.0* Typ.
(Ta = +25C 3C) Conditions VCC = 3.0 V, Vt = 1.5 V VCC = 3.0 V, Vt = 0.5 V VCC = 3.0 V, Vt = 2.5 V (fmax - fmin) /2.0 VCC = 3.0 V, Vt = 1.5 V VCC = 3.0 V, Vt = 1.5 V, Offset = 1 kHz, BW = 1 Hz Max. 8.5 1620.0 -10.0 -70.0* 500 1000 3000* Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc/Hz dBc dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
VCC = 3.0 V, Vt = 1.5 V, Offset = 100 kHz, BW = 1 Hz VCC = 3.0 V, Vt = 1.5 V, Offset = 1.25 MHz, BW = 1 Hz
Higher harmonics Spurious Power supply variation Load variation Temperature drift
Hs SP Push Pull Td
VCC = 3.0 V, Vt = 1.5 V, 2nd, 3rd VCC = 3.0 V, Vt = 1.5 V VCC = 3.0 V 0.15 V, Vt = 1.5 V VCC = 3.0 V, Vt = 1.5 V, VSWR = 2 ALL PHASE Ta = +25 C 55 C
* : Ta = -30C to +80C
9
VC-50 Series
7. For GSM (Part number : VC-2R8A50-0897F)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. 0 -20 -40 5 Max. +4.0 +2.9 +75 +85 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 915.0* 24.0 2.0 100.0 125.0 165.0 Typ.
(Ta = +25C 3C) Conditions VCC = 2.8 V, Vt = 1.2 V VCC = 2.8 V, Vt = 0.5 V VCC = 2.8 V, Vt = 1.9 V (fmax - fmin) /1.4 VCC = 2.8 V, Vt = 1.2 V VCC = 2.8 V, Vt = 1.2 V, Offset = 100 kHz, BW = 1 Hz Max. 25.0* 880.0* 36.0 -15.0 1000 2000 2000* Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc/Hz dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
VCC = 2.8 V, Vt = 1.2 V, Offset = 400 kHz, BW = 1 Hz VCC = 2.8 V, Vt = 1.2 V, Offset = 20 MHz, BW = 1 Hz
Higher harmonics Power supply variation Load variation Temperature drift
Hs Push Pull Td
VCC = 2.8 V, Vt = 1.2 V, 2nd, 3rd VCC = 2.8 V 0.1 V, Vt = 1.2 V VCC = 2.8 V, Vt = 1.2 V, VSWR = 2 ALL PHASE Ta = +25 (+50/-45) C
* : Ta = -20C to +75C
10
VC-50 Series
8. For GSM (Part number : VC-2R8A50-1171)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -0.3 0 -20 -30 5 Max. +2.9 +2.9 +75 +85 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings. * Electrical Characteristics Value Min. 1206.0* 70.0* -5.0* 85.0* 117.0* 122.0* 132.0* 142.0* 147.0* Typ. Max. 8.0* 1136.0* 90.0* +1.0* -10.0* 500* 1000* 3000* (Ta = +25C 3C) Conditions VCC = 2.8 V, Vt = 1.425 V VCC = 2.8 V, Vt = 0.85 V VCC = 2.8 V, Vt = 2.0 V (fmax - fmin) /1.15 VCC = 2.8 V, Vt = 1.425 V VCC = 2.8 V, Vt = 1.425 V, Offset = 10 kHz, BW = 1 Hz VCC = 2.8 V, Vt = 1.425 V, Offset = 400 kHz, BW = 1 Hz VCC = 2.8 V, Vt = 1.425 V, Offset = 600 kHz, BW = 1 Hz VCC = 2.8 V, Vt = 1.425 V, Offset = 1.6 MHz, BW = 1 Hz VCC = 2.8 V, Vt = 1.425 V, Offset = 3 MHz, BW = 1 Hz VCC = 2.8 V, Vt = 1.425 V, Offset = 10 MHz, BW = 1 Hz Higher harmonics Power supply variation Load variation Temperature drift Hs Push Pull Td VCC = 2.8 V, Vt = 1.425 V, 2nd, 3rd VCC = 2.8 V 0.07 V, Vt = 1.425 V VCC = 2.8 V, Vt = 1.425 V, VSWR = 2 ALL PHASE Ta = +25 (+50/-45) C Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
* : Ta = -20C to +75C 11
VC-50 Series
9. For GSM (Part number : VC-2R8A50-1360)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -20 -30 5 Max. +3.0 +3.0 +80 +80 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1440.0 86.0 -3.0 94.0 145.0 Typ.
(Ta = +25C 3C) Conditions VCC = 2.85 V, Vt = 1.3 V VCC = 2.85 V, Vt = 0.3 V VCC = 2.85 V, Vt = 2.3 V (fmax - fmin) /2.0 VCC = 2.85 V, Vt = 1.3 V VCC = 2.85 V, Vt = 1.3 V, Offset = 10 kHz, BW = 1 Hz VCC = 2.85 V, Vt = 1.3 V, Offset = 3 MHz, BW = 1 Hz VCC = 2.85 V, Vt = 1.3 V, 2nd, 3rd VCC = 2.85 V 0.15 V, Vt = 1.3 V VCC = 2.85 V, Vt = 1.3 V, VSWR = 2 ALL PHASE Ta = +25 (+55/-45) C Max. 9.0 1280.0 106.0 -10.0 1000 2000 3000 Unit mA MHz MHz MHz/V dBm dBc/Hz dBc/Hz dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output
Symbol ICC fmin fmax kv Po
C/N
C/N
Higher harmonics Power supply variation Load variation Temperature drift
Hs Push Pull Td
12
VC-50 Series
10. For PHS (Part number : VC-2R7A50-1652)
* Absolute Maximum Ratings Parameter Input DC voltage Control voltage Operating temperature Storage temperature Storage humidity Symbol VCC Vt Ta Tstg Hstg Rating Min. -20 -35 5 Max. +5.0 +5.0 +60 +85 95 Unit V V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1672.5* 36.0 -6.0* -10.0* 109.0* Typ.
(Ta = +25C 3C) Conditions VCC = 2.7 V, Vt = 0.4 V to 2.1 V VCC = 2.7 V, Vt = 0.4 V VCC = 2.7 V, Vt = 2.1 V (fmax - fmin) /1.7 VCC = 2.7 V, Vt = 0.4 V to 2.1 V VCC = 2.7 V, Vt = 0.0 V to 2.7 V VCC = 2.7 V, Vt = 0.4 V to 2.1 V, Offset = 100 kHz, BW = 1 Hz VCC = 2.7 V, Vt = 0.4 V to 2.1 V, 2nd, 3rd VCC = 2.7 V 0.1 V, Vt = 0.4 V to 2.1 V VCC = 2.7 V, Vt = 0.4 V to 2.1 V, VSWR = 2 ALL PHASE Ta = +25 (+45/-35) C Max. 5.5* 1632.5* 48.0 -15.0* 600 1000 3000 Unit mA MHz MHz MHz/V dBm dBm dBc/Hz dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output C/N Higher harmonics Power supply variation Load variation Temperature drift
Symbol ICC fmin fmax kv Po C/N Hs Push Pull Td
* : Ta = -20C to +60C
13
VC-50 Series
11. For PHS (Part number : VC-3R0A50-1668N)
* Absolute Maximum Ratings Parameter Input DC voltage Operating temperature Storage temperature Storage humidity Symbol VCC Ta Tstg Hstg Rating Min. -10 -30 5 Max. +3.2 +60 +85 85 Unit V C C %
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
* Electrical Characteristics Value Min. 1686.3* 25.0 -6.0* 110.0* Typ. 31.0
(Ta = +25C 3C) Conditions VCC = 3.0 V, Vt = 1.5 V VCC = 3.0 V, Vt = 0.5 V VCC = 3.0 V, Vt = 2.5 V (fmax - fmin) /2.0 VCC = 3.0 V, Vt = 1.5 V VCC = 3.0 V, Vt = 1.5 V, Offset = 100 kHz, BW = 1 Hz VCC = 3.0 V, Vt = 1.5 V, Up to 3rd VCC = 3.0 V 0.2 V, Vt = 1.5 V VCC = 3.0 V, Vt = 1.5 V, VSWR = 2 ALL PHASE Ta = +25C 35C Max. 7.0* 1649.7* 37.0 -15.0 800 1000 4000* Unit mA MHz MHz MHz/V dBm dBc/Hz dBc kHz kHz kHz
Parameter Current consumption Frequency Frequency Control voltage sensitivity Oscillator output C/N Higher harmonics Power supply variation Load variation Temperature drift
Symbol ICC fmin fmax kv Po C/N Hs Push Pull Td
* : Ta = -10C to +60C
14
VC-50 Series
s MARKING
7
6
5
Part symbol
8 4
Lot number Logo
Trimming window Index
1 2 3
s PART NUMBER DESIGNATION
VC - 2R7 A 50 - 1750 A
Numbers Specified by FUJITSU MEDIA DEVICE Center Frequency Series Name Outer Sheath Type Power Supply Voltage Product Category : 1750 MHz : VC-50 Series : SMD : 2.7 V : VCO
15
VC-50 Series
s PACKAGE DIMENSION
6.0 -0.2
+0.4
5.0 1.0 3 4.0 4 6 5 1.9 5.0 1.8 0.2 1.9
1 6.0 0.2 8 7
2
1.0
Dimensions in mm
s RECOMMENDED PATTERN FOR SOLDERING
5.1 1.3
2.0
1.3 4.8
2.0 4.8 6.4
6.4
Dimensions in mm Dimension tolerance : 0.1 mm
16
VC-50 Series
s TAPING AND PACKAGING
(1) Carrier Tape and Packaging
2.0 0.05
4.0 0.1
1.5 -0
+0.1
5.5 0.1 1.75 0.1
2.2 0.1
6.5 0.1
1.5 -0 8.0 0.1 6.5 0.1
+0.1
12.0 0.3
0.3 0.05
Dimensions in mm
(2) Taping Layout
150 mm 360 mm
Feeder
Reel side
Direction of pulling
Rulling side
Empty 50 mm or more
Marking of pin 1
Empty 400 mm or more
2000 packages
17
VC-50 Series
(3) Reel Shape and Dimensions
330.0 0.1
80.0 0.5
21.0 0.5
Label
2.8 0.5 14.0 -0
+2.0
Note : The label specifies the part number, quantity, and lot number.
Volume : 2000 pcs/reel Type : (L) 340 x (W) 340 x (t) 30 (mm)
13.0 0.3
Dimensions in mm
18
VC-50 Series
s REFLOW MOUNTING CONDITIONS (RECOMMENDED)
* Perform mounting using the temperature profile shown below. To prevent thermal stress to the VCO, ensure gentle temperature gradients and use preheating whenever possible. (Recommended preheating: 140C to 160C for 60 s 20 s) * Always consult FUJITSU MEDIA DEVICE beforehand if mounting more than once. * Never remove a VCO that has already been mounted and attempt to reuse. * For mounting, use a general-purpose flux suitable for mounting electronic components.
250 230 10 200
7 s Max.
2 1 20 s 30 s
Temperature (C)
160 150 140 60 s 20 s
100
50
Warm-up
0
Pre-heating Time (s)
Heating
Cooling
1 : 10 C/s or less 2 : 8 C/s or less
s WASHING CONDITIONS
* Washing solution: Use isopropyl alcohol. * Washing procedure: Immersion or steam cleaning is recommended. * Washing time: For immersion: Less than 5 minutes at 40C or less. For steam: Less than 2 minutes at 90C or less is recommended.
19
VC-50 Series
FUJITSU MEDIA DEVICES LIMITED
For further information please contact: Japan FUJITSU MEDIA DEVICE LIMITED International Sales & Marketing DEPT. Shin-Yokohama Square Bldg.,14F, Shin-yokohama 2-3-12, Kohoku-ku, Yokohama, Kanagawa 222-0033, Japan Tel: +81-45-471-0061 Fax: +81-45-471-0076
http://www.fujitsu.co.jp/hypertext/fmd/English/index.html
All Rights Reserved. The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. The information and circuit diagrams in this document are presented as examples of semiconductor device applications, and are not intended to be incorporated in devices for actual use. Also, FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of this information or circuit diagrams. The contents of this document may not be reproduced or copied without the permission of FUJITSU LIMITED. FUJITSU semiconductor devices are intended for use in standard applications (computers, office automation and other office equipments, industrial, communications, and measurement equipments, personal or household devices, etc.). CAUTION: Customers considering the use of our products in special applications where failure or abnormal operation may directly affect human lives or cause physical injury or property damage, or where extremely high levels of reliability are demanded (such as aerospace systems, atomic energy controls, sea floor repeaters, vehicle operating controls, medical devices for life support, etc.) are requested to consult with FUJITSU sales representatives before such use. The company will not be responsible for damages arising from such use without prior approval. Any semiconductor devices have inherently a certain rate of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Control Law of Japan, the prior authorization by Japanese government should be required for export of those products from Japan.
North and South America FUJITSU MICROELECTRONICS, INC. 3545 North First Street, San Jose, CA 95134-1804, U.S.A. Tel: +1-408-922-9000 Fax: +1-408-922-9179 Customer Response Center Mon. - Fri.: 7 am - 5 pm (PST) Tel: +1-800-866-8608 Fax: +1-408-922-9179 http://www.fujitsumicro.com/ Europe FUJITSU MICROELECTRONICS EUROPE GmbH Am Siebenstein 6-10, D-63303 Dreieich-Buchschlag, Germany Tel: +49-6103-690-0 Fax: +49-6103-690-122 http://www.fujitsu-fme.com/ Asia Pacific FUJITSU MICROELECTRONICS ASIA PTE. LTD. #05-08, 151 Lorong Chuan, New Tech Park, Singapore 556741 Tel: +65-281-0770 Fax: +65-281-0220 http://www.fmap.com.sg/
F0101 (c) FUJITSU LIMITED Printed in Japan


▲Up To Search▲   

 
Price & Availability of VC-3R0A50-1750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X