Part Number Hot Search : 
IRLR024 PEMB1 TLP559 CDB42L55 U1001 AN78M18F LX3055 4555B
Product Description
Full Text Search
 

To Download UNO-2052E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNO-2052E
AMD GX2 UNO with 2 x CAN, LAN Features
Onboard GX2 400 MHz Provides two CAN interfaces Provides one 10/100Base-T RJ-45 port and one USB port Windows(R) CE 5.0 & 6.0, Windows XP Embedded SP2, and Linux ready solution Fanless and no internal cabling design
Introduction
The Advantech UNO-2052E is a X86-grade platform that offers dual CAN 2.0B interfaces. Combined with CAN 2.0B interfaces, the UNO-2052E is an ideal solution for automobile and logistics applications. UNO-2052E is available with a pre-configured Windows CE image with optimized onboard device drivers. Microsoft Windows CE is a compact, highly efficient, real-time operating system designed for embedded systems without mechanical HDD limitations. To expand storage capability, the UNO-2052E allows the addition of an external 2.5" HDD using Advantech's UNO HDD expansion kit. It can be used for large data backup requirements and popular OS installations such as Microsoft Windows and Linux OS. Significant anti-vibration is maintained even with the mechanical HDD inside. (1 G) UNO-2052E is the perfect embedded application-ready-platform to shorten development time and offer a rich networking interface to fulfill diverse application requirements.
Specifications
General
Dimensions (W x D x H) 188.8 x 106.5 x 35.5 mm (7.5" x 4.2" x 1.4") Enclosure Aluminum Mounting Wall, DIN 35 rail Power Consumption 15 W (Typical) Power Input 9 ~ 36 VDC (e.g +24 V @ 1 A) (Min. 24 W), AT Weight 0.8 kg OS Support Windows XP Embedded, Windows 2000 & XP, Windows CE 5.0 & 6.0, Linux
Environment
Humidity Ingress Protection Operating Temperature Shock Protection 95 % @ 40 C (non-condensing) IP40 -10 ~ 55 (14 ~ 131 F) IEC 68 2-27 CompactFlash(R): 20 G @ DIN, half sine, 11 ms, 50 G @ Wall/Panel, half sine, 11 ms IEC 68 2-6 CompactFlash(R): 2 Grms @ sine, 5 ~ 500 Hz, 1 Oct./min, 1hr/axis. HDD: 1 Grms @ sine, 12 ~ 300 Hz, 1 Oct./min, 1hr/axis.
Vibration Protection
System Hardware
CPU Memory Indicators Keyboard/Mouse Storage VGA Watchdog Timer AMD GX2 400 MHz Onboard 256 MB DDR SDRAM Power LED, IDE LED, one programmable diagnostic LED and buzzer 1 x PS/2 SSD: 1 x internal type I/II CompactFlash(R) slot HDD: expansion kit for one standard 2.5" HDD (Option) DB15 connector Programmable
Ordering Information
UNO-2052E-IDA0E GX2 400 M, 256 MB RAM UNO-2052E
Accessories
UNO-HD20-AE UNO-FPM21-AE UNO-ADAM42-AE UNO-2000 HDD expansion kit UNO & FPM integration kit UNO-2000 & ADAM integration kit
Communications
CAN 2 x isolated CAN 2.0B interfaces CAN controller: SJA-1000 CAN transceiver: 82C250 1 x 10/100Base-T with RJ-45 port 1 x standard RS-232 RS-232: 50 ~ 115.2 kbps 1 x USB port, OpenHCI, Rev. 1.1 compliant

LAN Serial Ports Serial Port Speed USB Ports
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of UNO-2052E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X