Part Number Hot Search : 
GEMMH L1935 1N4690 26715MNV 2V361 ISL5100A MSX30 EP1024B
Product Description
Full Text Search
 

To Download TSD1664 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSD1664
Low Frequency NPN Transistor
Pin assignment: 1. Base 2. Collector 3. Emitter
BVCEO = 20V Ic = 800mA VCE (SAT), = 0.15V(typ.) @Ic / Ib = 400mA / 20mA
Features
Low VCE (SAT). Excellent DC current gain characteristics
Ordering Information
Part No. TSB1664CY Packing Tape & Reel Package SOT-89
Structure
Epitaxial planar type. NPN silicon transistor
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. Single pulse, Pw = 20mS, Duty <= 50% 2. When mounted on a 40 x 40 x 0.7mm ceramic board DC Pulse SOT-89 PD TJ TSTG
Symbol
VCBO VCEO VEBO IC
Limit
40V 20V 5 0.8 1.5 (note 1) 0.5 2 (note 2) +150 - 55 to +150
Unit
V V V A W
o o
C C
Electrical Characteristics
Ta = 25 oC unless otherwise noted
Parameter Static
Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage DC Current Transfer Ratio Transition Frequency Output Capacitance
Conditions
IC = 10uA, IE = 0 IC = 1mA, IB = 0 IE = 10uA, IC = 0 VCB = 20V, IE = 0 VEB = 4V, IC = 0 IC / IB = 400mA / 20mA IC / IB = 800mA / 80mA VCE = 2V, IC = 0.1A VCE =5V, IC=50mA, f=100MHz VCB = 10V, f=1MHz
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT)1 VCE(SAT)2 hFE fT Cob
Min
40 20 5
Typ
Max
Unit
V V V
0.5 0.5 0.15 0.25 82 150 20 30 0.3 0.5 560
uA uA V V MHz pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
Classification Of hFE
Rank Range P 82 - 180 Q 120 - 270 R 180 - 390 S 270 - 560
TSB1664
1-3
2003/12 rev. A
Electrical Characteristics Curve
TSB1664
2-3
2003/12 rev. A
SOT-89 Mechanical Drawing
A B
I
DIM A B C
SOT-89 DIMENSION MILLIMETERS INCHES MIN 4.40 1.50 2.30 0.40 1.50 3.00 0.89 4.05 1.4 0.35 MAX 4.60 1.7 2.60 0.52 1.50 3.00 1.20 4.25 1.6 0.44 MIN 0.173 0.059 0.090 0.016 0.059 0.118 0.035 0.159 0.055 0.014 MAX 0.181 0.070 0.102 0.020 0.059 0.118 0.047 0.167 0.068 0.017
H G
C
D E F G
E
D
J
H I J
F
TSB1664
3-3
2003/12 rev. A


▲Up To Search▲   

 
Price & Availability of TSD1664

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X