Part Number Hot Search : 
MMSZ5248 1N5406G 5Y4S2HCA GAL16V G3U1117A BU426 MDP164 TECHNO
Product Description
Full Text Search
 

To Download TR30M240-21A11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TR30M Series
2 0 - 3 0 W AT T S S I N G L E O U T P U T A C / D C M E D I C A L
MEDICAL & MILITARY
Features
* * * * * * Wide input voltage 90VAC to 264VAC, 50/60Hz. Continuous short circuit protection. Over voltage protection. Output voltage available from 5VDC to 24VDC. High efficiency 75% typical. Meets EN60601-1, EN55022 Class "B".
Specifications
INPUT
Voltage Range Frequency Inrush current Input current Isolation 90 to 264VAC 47Hz to 63Hz 50A max @ 264VAC. 0.6A.
STANDARDS AND APPROVALS
Safety standards C-Tick EMI standards MEPS compliance EN60601-1 AS/NZS CISPR11 Group 1, Class A CISPR/FCC Class B TBC
MECHANICAL
Input to output 5,656VDC. Dimensions Weight Output Voltage Voltage Set-Point Ripple and Noise Short Circuit Protection Over Voltage Protection Hold-up Time Load Regulation Line Regulation Factory preset, see table (not adjustable) +/-2% to +/-4% (60% load) 1% p-p max Continuous (Auto recovery) Yes. 10ms typ @ 115Vac +/-2 to +/-6% (20% to 100% load) +/-1% max at full load DC Cord Length AC Inlet Output Connector 110x50x30mm 220g IEC320/C8. Right angle, hollow coaxial plug, 2.5mm inside diameter; 5.5mm outside diameter; 9.5mm length Center positive polarity. 720mm with ferrite core 18AWG/UL1185.
OUTPUT
ENVIRONMENTAL
Operating Temperature Storage Temperature 0C to +40C -20C to +85C
Selection Table
MODEL NUMBER
TR30M050-21A11 TR30M090-21A11 TR30M120-21A11 TR30M150-21A11 TR30M180-21A11
RATED Vnom
5Vdc 9Vdc 12Vdc 15Vdc 18Vdc 24Vdc
OUTPUT CURRENT
4.0A 3.0A 2.5A 2.0A 1.65A 1.25A
MAX POWER
20W 27W 30W 30W 30W 30W
Technical Illustration
TR30M240-21A11
Your dependable power partner - www.powerbox.com.au
357


▲Up To Search▲   

 
Price & Availability of TR30M240-21A11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X