Part Number Hot Search : 
CAT5110 KAMN40 SI1499DH 1206R10J 2SAR513 AO7404L TC52425 M2350
Product Description
Full Text Search
 

To Download TMCM-160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES F O R B L D C M O T O R S
M O D U LES
T M C M -1 6 0
1-Axis BLDC Controller / Driver 5A / 48V
10 mm
M A IN CH A R AC T ER IS T IC S
INFO
The TMCM-160 is a controller / driver module for general brushless DC motor applications. It integrates velocity and torque control as well as a hall sensor based positioning mode. The position resolution depends on the motor, i.e. a standard 8 pole motor gives a motor axis resolution of 15 degrees. The module can be used in stand alone operation (analog voltage) or remote controlled (TMCL) via a RS232 or RS485 interface (ordering option). Its small form factor (50 x 92 mm) allows for integration onto a user board as a plug-on module or for panel mounting, by connecting flat ribbon cables to the two 2x13 2.54 mm standard header connectors. Multi-axis drives can be easily realized by integrating multiple modules on one baseboard. For Evaluation and small series the BB-160 baseboard has all needed features. The TMCM-160 fits perfectly to the QBL4208 BLDC motors.
ELECTRICAL DATA
*up to 5A coil current (airflow might be required if operated cont. above 3A) *12V to 48V motor supply voltage *three phase BLDC motors with hall sensors from a few watts up to 180W *velocity up to 100,000 rpm (el. field) *RS232 or RS485 host interface *analog and digital control inputs *constant velocity drives, constant torque drives or positioning *on the fly alteration of motion parameters (e.g. position, velocity, acceleration) *high efficiency, low power dissipation *integrated protection: reverse polarity, overload / overtemperature
SUPPORTED MOTORS
INTERFACE
FEATURES
SOFTWARE
*stand-alone operation (analog voltage) or remote controlled operation (TMCL) *PC based demonstration software allowssetting of all parameters
OTHER
*two 2-row 2.54 mm connectors *RoHS compliant *size: 50 x 92 mm
classic" analog control
TMCM-160
RS-232 or RS-485
Motion Controller
programmable
3-ph MOSFET Driver Stage
BLDC Motor
14..36V DC
5V Power Supply
HALL sensors
ORDER CODE
DESCRIPTION
TMCM-160 (-option) Related products:
OPTIONS
1-axis BLDC controller / driver module 5A / 48V BB-160, QMot QBL4208
232 485
RS-232 interface RS-485 interface
www.trinamic.com - for detailed information and datasheets
54


▲Up To Search▲   

 
Price & Availability of TMCM-160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X